Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISP1583 Datasheet(PDF) 51 Page - NXP Semiconductors

Part # ISP1583
Description  Hi-Speed Universal Serial Bus peripheral controller
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1583 Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button ISP1583 Datasheet HTML 47Page - NXP Semiconductors ISP1583 Datasheet HTML 48Page - NXP Semiconductors ISP1583 Datasheet HTML 49Page - NXP Semiconductors ISP1583 Datasheet HTML 50Page - NXP Semiconductors ISP1583 Datasheet HTML 51Page - NXP Semiconductors ISP1583 Datasheet HTML 52Page - NXP Semiconductors ISP1583 Datasheet HTML 53Page - NXP Semiconductors ISP1583 Datasheet HTML 54Page - NXP Semiconductors ISP1583 Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 87 page
background image
Philips Semiconductors
ISP1583
Hi-Speed USB peripheral controller
Product data
Rev. 03 — 12 July 2004
51 of 87
9397 750 13461
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
In 8-bit bus mode, the 16-bit Task File register 1F0 requires two consecutive
write/read accesses before the proper PIO write/read is generated on the IDE
interface. The first byte is always the lower byte (LSByte). Other Task File registers
can be directly accessed.
Writing to Task File registers can be done in any order except for the Task File
register 1F7, which must be written last.
Table 58:
Task File register functions
Task file
ATA function
ATAPI function
1F0
data (16-bits)
data (16-bits)
1F1
error/feature
error/feature
1F2
sector count
interrupt reason
1F3
sector number/LBA[7:0]
reserved
1F4
cylinder low/LBA[15:8]
cylinder low
1F5
cylinder high/LBA[23:16]
cylinder high
1F6
drive/head/LBA[27:24]
drive select
1F7
command
status/command
3F6
alternate status/command
alternate status/command
3F7
drive address
reserved
Table 59:
ATAPI peripheral register addressing
Task file
CS1_N
CS0_N
DA2
DA1
DA0
1F0
H
LLLL
1F1
H
LLLH
1F2
H
L
L
H
L
1F3
H
L
L
H
H
1F4
HL
HL
L
1F5
HL
HL
H
1F6
HL
HHL
1F7
HL
HHH
3F6
L
HHHL
3F7
L
HHHH
Table 60:
Task File 1F0 register (address: 40h): bit allocation
CS1_N = H, CS0_N = L, DA2 = L, DA1 = L, DA0 = L.
Bit
7
6
5
4
3
2
1
0
Symbol
data (ATA or ATAPI)
Reset
00000000
Bus reset
00000000
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W


Similar Part No. - ISP1583

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1583 NXP-ISP1583 Datasheet
507Kb / 100P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
ISP1583BS NXP-ISP1583BS Datasheet
507Kb / 100P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
ISP1583ET NXP-ISP1583ET Datasheet
507Kb / 100P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
ISP1583ET1 NXP-ISP1583ET1 Datasheet
507Kb / 100P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
ISP1583ET2 NXP-ISP1583ET2 Datasheet
507Kb / 100P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
More results

Similar Description - ISP1583

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1582 PHILIPS-ISP1582 Datasheet
325Kb / 66P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-25 August 2004
ISP1181B PHILIPS-ISP1181B Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
ISP1181A PHILIPS-ISP1181A Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
ISP1520BDGA NXP-ISP1520BDGA Datasheet
261Kb / 54P
   Hi-Speed Universal Serial Bus hub controller
Rev. 04-28 April 2006
ISP1520 PHILIPS-ISP1520 Datasheet
259Kb / 51P
   Hi-Speed Universal Serial Bus hub controller
Rev. 02-04 May 2004
ISP1521 PHILIPS-ISP1521 Datasheet
270Kb / 53P
   Hi-Speed Universal Serial Bus hub controller
Rev. 03-24 November 2004
ISP1507DBS NXP-ISP1507DBS Datasheet
378Kb / 74P
   ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
Rev. 01-28 May 2008
ISP1507C_ISP1507D NXP-ISP1507C_ISP1507D Datasheet
378Kb / 74P
   ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
Rev. 01-28 May 2008
ISP1563 PHILIPS-ISP1563 Datasheet
481Kb / 107P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-14 July 2005
SAF1562 NXP-SAF1562 Datasheet
454Kb / 97P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-7 February 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com