Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJ7812-TO263-2L Datasheet(PDF) 1 Page - ZP Semiconductor

Part # CJ7812-TO263-2L
Description  TO-263-2L Plastic-Encapsulate Voltage Regulators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

CJ7812-TO263-2L Datasheet(HTML) 1 Page - ZP Semiconductor

  CJ7812-TO263-2L Datasheet HTML 1Page - ZP Semiconductor CJ7812-TO263-2L Datasheet HTML 2Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2
Co
0.1μF
TO-263-2L
Plastic-Encapsulate Voltage Regulators
CJ7812 Three-terminal positive voltage regulator
FEATURES
Maximum Output current IOM: 1.5 A
Output voltage Vo: 12 V
Continuous total dissipation
PD: 1.5 W (Ta = 25
℃)
15 W (TC= 25
℃)
ABSOLUTE MAXIMUM RATINGS (Operating temperature range applies unless otherwise specified)
Parameter
Symbol
Value
Unit
Input Voltage
Vi
35
V
Thermal
Resistance to Junction to Air
RθJA
83.3
℃/W
Thermal
Resistance to Junction to Case
RθJC
8.33
℃/W
Operating Junction Temperature Range
TOPR
0-
150
Storage Temperature Range
TSTG
-65-150
ELECTRICAL CHARACTERISTICS AT SPECIFIED VIRTUAL JINCTION TEMPERATURE (Vi=19V, Io=500mA,Ci=0.33μF, Co=0.1μF, unless otherwise specified )
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
25
11.5
12.0
12.5
V
Output
Voltage
Vo
Io= 5.0mA-1.0A, P≤15W
14.5V≤ Vi ≤27V
0-125
11.4
12
12.6
V
14.5V≤ Vi ≤30V
25
10
240
mV
Load Regulation
∆Vo
16V≤Vi≤22V
25
3
120
mV
IO=5mA - 1.5A
25
12
240
mV
Line
Regulation
∆Vo
IO=250mA - 750mA
25
4
120
mV
Quiescent Current
Iq
25
4.3
8
mA
5.0mA≤ IO ≤1.0A
0-125
0.5
mA
Quiescent Current Change
∆Iq
14.5V ≤Vi≤ 30V
0-125
1.0
mA
Output
Voltage Drift
Vo/△T
IO=5mA
0-125
-1
mV/℃
Output Noise Voltage
VN
f =10Hz to 100KHz
25
75
μV
Ripple Rejection
RR
f =120Hz, 15V≤ Vi ≤25V
0-125
55
71
dB
Dropout Voltage
Vd
IO=1.0A
25
2
V
Output
Resistance
RO
f = 1KHz
25
18
mΩ
Short Circuit Current
Isc
25
350
mA
Peak Current
Ipk
25
2.2
A
TYPICAL APPLICATION
Vi
1
3
Vo
UTC
Ci
0.33μF
CJ7812
TO-263-2L
1.IN
2.GND
3.OUT
1 2 3
1 of 2
sales@zpsemi.com
www.zpsemi.com
CJ7812


Similar Part No. - CJ7812-TO263-2L

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJ7812-TO263-3L ZPSEMI-CJ7812-TO263-3L Datasheet
1,011Kb / 2P
   Three-termi n al positive voltage regulator
More results

Similar Description - CJ7812-TO263-2L

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJ7805-TO263-2L ZPSEMI-CJ7805-TO263-2L Datasheet
684Kb / 1P
   TO-263-2L Plastic-Encapsulate Voltage Regulators
CJB01N65B ZPSEMI-CJB01N65B Datasheet
345Kb / 2P
   TO-263-2L Plastic-Encapsulate MOSFETS
CJB02N65 ZPSEMI-CJB02N65 Datasheet
335Kb / 2P
   TO-263-2L Plastic-Encapsulate MOSFETS
CJ7815-TO263-3L ZPSEMI-CJ7815-TO263-3L Datasheet
402Kb / 1P
   TO-263-3L Plastic-Encapsulate Voltage Regulators
CJ7908-TO252-2L ZPSEMI-CJ7908-TO252-2L Datasheet
641Kb / 1P
   TO-252-2L Plastic-Encapsulate Voltage Regulators
CJ7812-TO251 ZPSEMI-CJ7812-TO251 Datasheet
519Kb / 1P
   TO-251/TO-252-2L Plastic-Encapsulate Voltage Regulators
CJ7912-TO252-2L ZPSEMI-CJ7912-TO252-2L Datasheet
618Kb / 1P
   TO-252-2L Encapsulate Voltage Regulators
CJ7805-TO2513L ZPSEMI-CJ7805-TO2513L Datasheet
1Mb / 2P
   TO-251-3L/TO-252-2L Plastic-Encapsulate Voltage Regulators
CJ7806-TO251-3L ZPSEMI-CJ7806-TO251-3L Datasheet
474Kb / 1P
   TO-251-3L/TO-252-2L Plastic-Encapsulate Voltage Regulators
CJ7809-TO251-3L ZPSEMI-CJ7809-TO251-3L Datasheet
703Kb / 1P
   TO-251-3L/TO-252-2L Plastic-Encapsulate Voltage Regulators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com