Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISP1582 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # ISP1582
Description  Hi-Speed Universal Serial Bus peripheral controller
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1582 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button ISP1582 Datasheet HTML 31Page - NXP Semiconductors ISP1582 Datasheet HTML 32Page - NXP Semiconductors ISP1582 Datasheet HTML 33Page - NXP Semiconductors ISP1582 Datasheet HTML 34Page - NXP Semiconductors ISP1582 Datasheet HTML 35Page - NXP Semiconductors ISP1582 Datasheet HTML 36Page - NXP Semiconductors ISP1582 Datasheet HTML 37Page - NXP Semiconductors ISP1582 Datasheet HTML 38Page - NXP Semiconductors ISP1582 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 66 page
background image
Philips Semiconductors
ISP1582
Hi-Speed USB peripheral controller
Preliminary data
Rev. 03 — 25 August 2004
35 of 66
9397 750 13699
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Example 1: Consider that the transfer size is 512 bytes and the MaxPacketSize is
programmed as 64 bytes, the Buffer Length register need not be filled. This is
because the transfer size is a multiple of MaxPacketSize, and the MaxPacketSize
packets will be automatically validated because the last packet is also of
MaxPacketSize.
Example 2: Consider that the transfer size is 510 bytes and the MaxPacketSize is
programmed as 64 bytes, the Buffer Length register should be filled with 62 bytes just
before the MCU writes the last packet of 62 bytes. This ensures that the last packet,
which is a short packet of 62 bytes, is automatically validated.
Use bit VENDP in the Control register if you are not using the Buffer Length register.
This is applicable only to PIO mode access.
OUT endpoint: The DATACOUNT value is automatically initialized to the number of
data bytes sent by the host on each ACK.
Remark: When using a 16-bit microprocessor bus, the last byte of an odd-sized
packet is output as the lower byte (LSByte).
Remark: Buffer Length is valid only after an interrupt is generated for the bulk
endpoint.
9.3.5
Buffer Status register (address: 1Eh)
This register is accessed using index. The endpoint index must first be set before
accessing this register for the corresponding endpoint. It reflects the status of the
double buffered endpoint FIFO. This register is valid only when the endpoint is
configured to be a double buffer.
Remark: This register is not applicable to the control endpoint.
Table 39 shows the bit allocation of the Buffer Status register.
Table 37:
Buffer Length register: bit allocation
Bit
15
14
13
12
11
10
9
8
Symbol
DATACOUNT[15:8]
Reset
00000000
Bus reset
00000000
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit
7
6
5
4
3
2
1
0
Symbol
DATACOUNT[7:0]
Reset
00000000
Bus reset
00000000
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 38:
Buffer Length register: bit description
Bit
Symbol
Description
15 to 0
DATACOUNT[15:0] Determines the current packet size of the indexed endpoint
FIFO.


Similar Part No. - ISP1582

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1582 NXP-ISP1582 Datasheet
364Kb / 69P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
ISP1582BS NXP-ISP1582BS Datasheet
364Kb / 69P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
More results

Similar Description - ISP1582

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1583 PHILIPS-ISP1583 Datasheet
420Kb / 87P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-12 July 2004
ISP1181B PHILIPS-ISP1181B Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
ISP1181A PHILIPS-ISP1181A Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
ISP1520BDGA NXP-ISP1520BDGA Datasheet
261Kb / 54P
   Hi-Speed Universal Serial Bus hub controller
Rev. 04-28 April 2006
ISP1520 PHILIPS-ISP1520 Datasheet
259Kb / 51P
   Hi-Speed Universal Serial Bus hub controller
Rev. 02-04 May 2004
ISP1521 PHILIPS-ISP1521 Datasheet
270Kb / 53P
   Hi-Speed Universal Serial Bus hub controller
Rev. 03-24 November 2004
ISP1507DBS NXP-ISP1507DBS Datasheet
378Kb / 74P
   ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
Rev. 01-28 May 2008
ISP1507C_ISP1507D NXP-ISP1507C_ISP1507D Datasheet
378Kb / 74P
   ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
Rev. 01-28 May 2008
ISP1563 PHILIPS-ISP1563 Datasheet
481Kb / 107P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-14 July 2005
SAF1562 NXP-SAF1562 Datasheet
454Kb / 97P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-7 February 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com