Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ET315A13-Z Datasheet(PDF) 5 Page - Copal Electronics

Part # ET315A13-Z
Description  Standard Size Toggle Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ET315A13-Z Datasheet(HTML) 5 Page - Copal Electronics

  ET315A13-Z Datasheet HTML 1Page - Copal Electronics ET315A13-Z Datasheet HTML 2Page - Copal Electronics ET315A13-Z Datasheet HTML 3Page - Copal Electronics ET315A13-Z Datasheet HTML 4Page - Copal Electronics ET315A13-Z Datasheet HTML 5Page - Copal Electronics ET315A13-Z Datasheet HTML 6Page - Copal Electronics ET315A13-Z Datasheet HTML 7Page - Copal Electronics ET315A13-Z Datasheet HTML 8Page - Copal Electronics ET315A13-Z Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
M12×1
0.5
1
22
3
ET
L dimensions
Terminal
style
Part No.
TAB#250 ScrewTerminal Solder Terminal
ET110A■・D■−Z
−−
24.6±1
ET110E■−Z
−−
24.6±1
ET110F■−Z
27.6±1
24.6±1
ET110G■・H■−Z
27.6±1
25.4±1
24.6±1
L dimensions
Terminal
style
Part No.
TAB#250 ScrewTerminal Solder Terminal
ET120A■・D■−Z
−−
24.6±1
ET120F■∼H■−Z
27.6±1
27.8±1
24.6±1
L dimensions
Terminal
style
Part No.
TAB#250 ScrewTerminal Solder Terminal
ET115A■・D■−Z
27.6±1
25.4±1
24.6±1
ET115E■−Z
27.6±1
25.4±1
24.6±1
ET115B■−Z
−−
24.6±1
ET115C■・F∼H■−Z
25.4±1
24.6±1
Rating
Initial contact
resistance
Dielectric
strength
Insulation
resistance
Electrical
life
ET110A■
ET110D■
ET110E■
AC125V 10A
AC250V 7A 20mΩ Max.
(DC2V 100mA)
AC1500V
1 minute
100MΩ Min.
(DC500V)
30,000
cycles
ET110F ■
ET110G■
ET110H■
AC125V 10A
AC250V 7A
20,000
cycles
Rating
Initial contact
resistance
Dielectric
strength
Insulation
resistance
Electrical
life
ET120A■
ET120D■
AC125V 20A
AC250V 12A 20mΩ Max.
(DC2V 100mA)
AC1500V
1 minute
100MΩ Min.
(DC500V)
20,000
cycles
ET120F■
ET120G■
ET120H■
AC125V 20A
AC250V 12A
Rating
Initial contact
resistance
Dielectric
strength
Insulation
resistance
Electrical
life
ET115A■
ET115D■
ET115E■
AC125V 15A
AC250V 10A
20mΩ Max.
(DC2V 100mA)
AC1500V
1minute
100MΩ Min.
(DC500V)
30,000
cycles
ET115B■
ET115C■
ET115F ■
ET115G■
ET115H■
AC125V 15A
AC250V 10A
20,000
cycles
Switching
function
Part No.
Key way
Key way
Key way
  ET110A■−Z
ON
OFF
Connecting terminals
1−3
−−
  ET110D■−Z
ON
ON
  ET110E■−Z
ON
OFF
ON
  ET110F■−Z
ON
(ON)
  ET110G■−Z (ON)
OFF
(ON)
  ET110H■−Z
ON
OFF
(ON)
Connecting terminals
2−3
2−1
Switching
function
Part No.
Key way
Key way
Key way
  ET120A■−Z
ON
OFF
Connecting terminals
1−3
−−
  ET120D■−Z
ON
ON
  ET120F■−Z
ON
(ON)
  ET120G■−Z (ON)
OFF
(ON)
  ET120H■−Z
ON
OFF
(ON)
Connecting terminals
2−3
2−1
Switching
function
Part No.
Key way
Key way
Key way
  ET115A■−Z
ON
OFF
  ET115B■−Z
ON
(OFF)
Connecting terminals
1−3
−−
  ET115C■−Z
OFF
(ON)
Connecting terminals
−−
1−3
  ET115D■−Z
ON
ON
  ET115E■−Z
ON
OFF
ON
  ET115F■−Z
ON
(ON)
  ET115G■−Z (ON)
OFF
(ON)
  ET115H■−Z
ON
OFF
(ON)
Connecting terminals
2−3
2−1
ET110(1 pole)
ET120(1 pole)
ET115(1 pole)
Terminal numbers are shown on the bottom of the switch.
Terminal numbers are shown on the bottom of the switch.
Terminal numbers are shown on the bottom of the switch.
Terminal pin No.2 is not available in switches with Switching
Function
A .
Terminal pin No.2 is not available in switches with
Switching Function
A .
Terminal pin No.2 is not available in switches with
Switching Function
A , B , or C .
■ shows the terminal style (blank) , 10 , or 12 .
■:Refer to Table of Part Numbers on P.428 for a full list of part numbers.
■:Refer to Table of Part Numbers on P.428 for a full list of part numbers.
■:Refer to Table of Part Numbers on P.428 for a full list of part numbers.
(ON)
:Momentary.
0
0


Similar Part No. - ET315A13-Z

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
ET3157 UMW-ET3157 Datasheet
791Kb / 9P
   Two-choice analog switch circuit
More results

Similar Description - ET315A13-Z

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
ET_SERIES COPAL-ET_SERIES Datasheet
2Mb / 14P
   Standard Size Toggle Switch
logo
Coilcraft lnc.
8A1011-Z COILCRAFT-8A1011-Z Datasheet
459Kb / 2P
   STANDARD TOGGLE SWITCH
logo
Honeywell Solid State E...
2NT1-72 HONEYWELL-2NT1-72 Datasheet
131Kb / 1P
   SWITCH - TOGGLE
logo
CW Industries
GTS448F301AHR CWIND-GTS448F301AHR Datasheet
1Mb / 1P
   TOGGLE SWITCH
GTS448K101AHR CWIND-GTS448K101AHR Datasheet
987Kb / 1P
   TOGGLE SWITCH
GTS448E101AHR CWIND-GTS448E101AHR Datasheet
965Kb / 1P
   TOGGLE SWITCH
logo
Honeywell Accelerometer...
2TL1-7 HONEYWELL-ACC-2TL1-7 Datasheet
176Kb / 1P
   SWITCH - TOGGLE
2TL1-3D HONEYWELL-ACC-2TL1-3D Datasheet
228Kb / 1P
   SWITCH - TOGGLE
logo
List of Unclassifed Man...
14TL1-1A ETC2-14TL1-1A Datasheet
128Kb / 1P
   SWITCH-TOGGLE
logo
Tyco Electronics
4-1437558-8 MACOM-4-1437558-8 Datasheet
487Kb / 3P
   TOGGLE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com