Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0RCY-80R03L Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0RCY-80R03L
Description  ISOLATED DC/DC CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RCY-80R03L Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0RCY-80R03L Datasheet HTML 1Page - Bel Fuse Inc. 0RCY-80R03L Datasheet HTML 2Page - Bel Fuse Inc. 0RCY-80R03L Datasheet HTML 3Page - Bel Fuse Inc. 0RCY-80R03L Datasheet HTML 4Page - Bel Fuse Inc. 0RCY-80R03L Datasheet HTML 5Page - Bel Fuse Inc. 0RCY-80R03L Datasheet HTML 6Page - Bel Fuse Inc. 0RCY-80R03L Datasheet HTML 7Page - Bel Fuse Inc. 0RCY-80R03L Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ISOLATED DC/DC CONVERTERS
18 Vdc - 36 Vdc Input
12 Vdc /10 A, 3.3 Vdc/30 A
Outputs
• Isolated
• Low Cost
• High Efficiency
• OCP/SCP
• High Power Density
• Over Temperature Protection
• Fixed Frequency (300 kHz)
• Output Voltage Trim
• Input Under-Voltage Lockout
• Remote On/Off
• Output Over-Voltage Shutdown
• Basic Insulation
• Positive/Negative Remote Sense
Description
The 0RCY-80Rxxx series are isolated dc/dc converters that operate from a nominal 24 Vdc source. These units
will provide up to 120 W of output power and 30 A of output current from a nominal 24 Vdc input. The unit is
designed to be highly efficient and low cost. Features include remote on/off, over current protection and under-
voltage lockout. This converter is provided in an industry standard eighth brick package.
Part Selection
Output
Voltage
Input Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Model Number
Active High
Model Number
Active Low
1.8 Vdc
18 Vdc - 36 Vdc
30 A
54 W
90%
0RCY-80RV80
0RCY-80RV8L
3.3 Vdc
18 Vdc - 36 Vdc
30 A
99 W
91%
0RCY-80R033
0RCY-80R03L
12 Vdc
18 Vdc - 36 Vdc
10 A
120 W
93%
0RCY-80R120
0RCY-80R12L
Notes: 1. All part numbers above indicate RoHS 6. Change the second letter "R" to "7" for RoHS 5 part numbers.
2. Add “G” suffix at the end of the model numbers to indicate Tray Packaging.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Notes
Input Voltage (continuous)
-0.3 V
-
40 V
Remote On/Off
-0.3 V
-
18 V
I/O Isolation Voltage
1500 V
-
-
Ambient Temperature
-40
°C
-
85
°C
Storage Temperature
-55
°C
-
125
°C
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage
18 V
24 V
36 V
Input Current (full load)
Vo=1.8 V
Vo=3.3 V
Vo=12 V
-
-
-
-
-
-
3.5 A
6.2 A
8.0 A
Input Current (no load)
-
100 mA
200 mA
Remote Off Input Current
-
10 mA
15 mA
0RCY-80Rxxx RoHS Compliant PRELIMINARY Rev. D


Similar Part No. - 0RCY-80R03L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-80R03L BEL-0RCY-80R03L Datasheet
225Kb / 8P
   ISOLATED DC/DC CONVERTERS
0RCY-80R03L BEL-0RCY-80R03L Datasheet
225Kb / 8P
   ISOLATED DC/DC CONVERTERS 18 Vdc - 36 Vdc Input
More results

Similar Description - 0RCY-80R03L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com