Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0RCY-60U05X Datasheet(PDF) 9 Page - Bel Fuse Inc.

Part # 0RCY-60U05X
Description  ISOLATED DC/DC CONVERTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RCY-60U05X Datasheet(HTML) 9 Page - Bel Fuse Inc.

  0RCY-60U05X Datasheet HTML 1Page - Bel Fuse Inc. 0RCY-60U05X Datasheet HTML 2Page - Bel Fuse Inc. 0RCY-60U05X Datasheet HTML 3Page - Bel Fuse Inc. 0RCY-60U05X Datasheet HTML 4Page - Bel Fuse Inc. 0RCY-60U05X Datasheet HTML 5Page - Bel Fuse Inc. 0RCY-60U05X Datasheet HTML 6Page - Bel Fuse Inc. 0RCY-60U05X Datasheet HTML 7Page - Bel Fuse Inc. 0RCY-60U05X Datasheet HTML 8Page - Bel Fuse Inc. 0RCY-60U05X Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
©2010 Bel Fuse Inc. Specifications subject to change without notice. 092110
9
CORPORATE
FAR EAST
EUROPE
Bel Fuse Inc.
Bel Fuse Ltd.
Bel Fuse Europe Ltd.
206 Van Vorst Street
8F/ 8 Luk Hop Street
Preston Technology Management Centre
Jersey City, NJ 07302
San Po Kong
Marsh Lane, Suite G7, Preston
Tel
201-432-0463
Kowloon, Hong Kong
Lancashire, PR1 8UD, U.K.
Fax 201-432-9542
Tel
852-2328-5515
Tel
44-1772-556601
www.belfuse.com
Fax 852-2352-3706
Fax 44-1772-888366
www.belfuse.com
www.belfuse.com
ISOLATED DC/DC CONVERTERS
18 Vdc - 75 Vdc Input
5.0 Vdc /15 A Output
Sep. 21, 2010
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Revision History
Date
Revision
Changes Detail
Approval
2008-01-22
PA
First release.
XQ Han
2008-04-02
PB
Add thermal derating curve, dynamic plot, mechanical outline and
ripple wavefrom.
XQ Han
2009-02-20
PC
Update noload input current, load regulation, line regulation, output
ripple and noise, output DC current limit, turn on time, transient
response, switching frequency, derating, efficiency typical value
and efficiency data.
XQ Han
2010-09-21
D
Add P/N 0RCY-60U05A with 0.11” pin length.
XF Jiang
RoHS Compliance
Complies with the European Directive 2002/95/EC, calling for the elimination of lead and
other hazardous substances from electronic products.


Similar Part No. - 0RCY-60U05X

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60U05 BEL-0RCY-60U05 Datasheet
244Kb / 9P
   ISOLATED DC/DC CONVERTERS
0RCY-60U05A BEL-0RCY-60U05A Datasheet
244Kb / 9P
   ISOLATED DC/DC CONVERTERS
0RCY-60U05L BEL-0RCY-60U05L Datasheet
244Kb / 9P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0RCY-60U05X

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com