Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IBC04-36S12SJ Datasheet(PDF) 2 Page - Artesyn Technologies

Part # IBC04-36S12SJ
Description  1/8th brick bus converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

IBC04-36S12SJ Datasheet(HTML) 2 Page - Artesyn Technologies

  IBC04-36S12SJ Datasheet HTML 1Page - Artesyn Technologies IBC04-36S12SJ Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IBC04-36S12 Data Sheet
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
www.artesyn.com
WORLDWIDE OFFICES
americas
2900S.DiabloWay
Tempe,AZ85282
USA
+18884127832
europe (uK)
WaterfrontBusinessPark
MerryHill,Dudley
WestMidlands,DY51LX
UnitedKingdom
+44(0)1384842211
asia (HK)
14/F,LuPlaza
2WingYipStreet
KwunTong,Kowloon
HongKong
+85221763333
While every precaution has been taken to ensure accuracy and completeness in this literature, Artesyn
Embedded Technologies assumes no responsibility, and disclaims all liability for damages resulting from use
of this information or for any errors or omissions. Artesyn Embedded Technologies, Artesyn and the Artesyn
Embedded Technologies logo are trademarks and service marks of Artesyn Embedded Technologies, Inc.
All other names and logos referred to are trade names, trademarks, or registered trademarks of their respective
owners. © 2014 Artesyn Embedded Technologies, Inc.
ERM50 DS Rev. 03.28.14
Mechanical Specifications
Pin # Designation
PIN 1
+V
IN
PIN 2
Enable
PIN 3
-V
IN
PIN 4
-V
OUT
PIN 5
+V
OUT
Ordering Information
Input Voltage
Output Voltage
Output Current
Efficiency
Part Number
18 - 60 Vdc
12 V
4 A
91%
IBC04-36S12 (-SJ/-J)
Note:
-Standardconverterisnegativeenable
-‘-SJ’=surfacemountoptionRoHS-6compliant
-‘-J’=RoHS-6compliant
Notes
1 20 Mhz bandwidth. External 100 uF electrical capacitor and 1 uF ceramic capacitor placed across +Vout and –Vout; 150 uF e-cap or equivalent placed
across +Vin and –Vin.
2 Efficiency measurements taken at full load and nominal line and Tamb = 25 °C
3 All specifications taken at nominal line, full load and Tamb = 25 °C unless otherwise noted
4 Mechanical dimensions are for reference only. Dimensions are in MM. Mechanical tolerance = ±0.5 mm
5 Technical reference notes should be consulted for detailed information when available.
6 All specifications are subject to change without notice
7 Warranty 2 years
8 The through-hole terminated modules are intended for wave-soldering process – special request for other manufacturing processes to be made to Artesyn


Similar Part No. - IBC04-36S12SJ

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
IBC-C01D0141 JDSU-IBC-C01D0141 Datasheet
169Kb / 4P
   50/100 GHz, 100/200 GHz Passive Interleavers
IBC-C01D0145 JDSU-IBC-C01D0145 Datasheet
169Kb / 4P
   50/100 GHz, 100/200 GHz Passive Interleavers
IBC-C01D5141 JDSU-IBC-C01D5141 Datasheet
169Kb / 4P
   50/100 GHz, 100/200 GHz Passive Interleavers
IBC-C01D5145 JDSU-IBC-C01D5145 Datasheet
169Kb / 4P
   50/100 GHz, 100/200 GHz Passive Interleavers
IBC-C01DA141 JDSU-IBC-C01DA141 Datasheet
169Kb / 4P
   50/100 GHz, 100/200 GHz Passive Interleavers
More results

Similar Description - IBC04-36S12SJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTEA420025 TI1-PTEA420025 Datasheet
338Kb / 16P
[Old version datasheet]   20-A, 48-V INPUT, ISOLATED, 1/8th BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
BQ55090QPA40 SYNQOR-BQ55090QPA40 Datasheet
482Kb / 13P
   Quarter-brick DC Bus Converter
BQ55120ETL16 SYNQOR-BQ55120ETL16 Datasheet
577Kb / 13P
   Eighth-brick DC Bus Converter
BQ50120QTA20 SYNQOR-BQ50120QTA20 Datasheet
512Kb / 12P
   Quarter-brick DC Bus Converter
BQ55090ETA27 SYNQOR-BQ55090ETA27 Datasheet
596Kb / 13P
   Eighth-brick DC Bus Converter
BQ50120QTA25 SYNQOR-BQ50120QTA25 Datasheet
537Kb / 12P
   Quarter-brick DC Bus Converter
logo
Texas Instruments
PTEA415050 TI1-PTEA415050 Datasheet
314Kb / 14P
[Old version datasheet]   15-A, 48-V INPUT, 5-V OUTPUT, ISOLATED, 1/8th BRICK DC/DC CONVERTER
logo
Astec America, Inc
ALO25F24 ASTEC-ALO25F24 Datasheet
362Kb / 13P
   Single Output 8th Brick: Open-Frame Module
logo
Artesyn Technologies
AVE240C-48S12-4L ARTESYN-AVE240C-48S12-4L Datasheet
1Mb / 24P
   Half-brick Converter
AVO75B-36S3V3 ARTESYN-AVO75B-36S3V3 Datasheet
1Mb / 26P
   Eighth-brick Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com