Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGA03C-00SADJJ Datasheet(PDF) 4 Page - Artesyn Technologies

Part # LGA03C-00SADJJ
Description  15 - 100 Watts POWER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LGA03C-00SADJJ Datasheet(HTML) 4 Page - Artesyn Technologies

  LGA03C-00SADJJ Datasheet HTML 1Page - Artesyn Technologies LGA03C-00SADJJ Datasheet HTML 2Page - Artesyn Technologies LGA03C-00SADJJ Datasheet HTML 3Page - Artesyn Technologies LGA03C-00SADJJ Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LGA C Series Data Sheet
WORLDWIDE OFFICES
Americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
www.artesyn.com
Artesyn Embedded Technologies, Artesyn and the Artesyn Embedded Technologies logo are trademarks and
service marks of Artesyn Embedded Technologies, Inc. All other names and logos referred to are trade names,
trademarks, or registered trademarks of their respective owners. © 2015 Artesyn Embedded Technologies, Inc.
All rights reserved. For full legal terms and conditions, please visit www.artesyn.com/legal.
LGA3-20C DS 03Nov2015
Mechanical Drawing and Footprint
Tolerance Note: ±0.010 (0.25)
Recommended System Board Footprint
0 (0)
0.125 (3.18)
0.295 (7.50)
0.435 (11.05)
0.570 (14.48)
0.690 (17.53)
0 (0)
0.387 (9.83)
0.432 (10.97)
0.477 (12.12)
0.522 (13.26)
0.567 (14.40)
0.612 (15.55)
MODULE OUTLINE
2X .120 X .110
8X .120 X .120
14X .025 X .025
PIN 16
PIN 24
PIN 10
PIN 9
PIN 5
PIN 1
PIN 15
PIN 4
PIN 8
PIN 11
KEEP OUT AREA
0.114" X 0.104"
2X
0.114" X 0.114"
8X
0.024" X.024"
13X
0 (0)
0.045 (1.14)
0.090 (2.29)
0.135 (3.43)
0.180 (4.57)
0.225 (5.72)
0.317 (8.05)
0.487 (12.37)
0.042 (1.07)
0.177 (4.50)
0.104 (2.64)
0.114 (2.90)
0.114 (2.90)
0.114 (2.90)
0.024 (0.61)
0.024 (0.61)
Recommended Solder Paste Stencil
SECTION A-A
SCALE 4 : 1
2.59
.102
REF
±.003 0.51±0.08
.020
.031 0.79
PCB REF
.139 3.53
MAX
A
A
16.51
.650
MAX
.650 16.51
MAX
-
D
C
B
A
A
B
C
D
SCALE: X = X
SIZE
CAD FILE:
DWG. NO.
B
SHEET 1 OF 5
LGA 10 TLA
APPROVALS
DRAWN
ENGINEER
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN INCHES
TOLERANCES:
HOLE TOLERANCE:
2 PLACE
3 PLACE
ANGLES
.03
MATERIAL
FINISH
-
-
1
2
3
4
5
6
7
8
8
6
7
5
4
3
2
1
PH. 952-941-1100
REV.
PROJECT USED ON:
7091323-0000
TITLE:
B
LGA10C-00SADJJ
EDEN PRAIRIE, MN 55433
EMERSON NETWORK POWER
PROJECTION
ANGLE
DATE
.015
THIRD
1
.005
MATT KRETMAN
MATT KRETMAN
10APR09
10APR09
DETACHED LIST
NOTE:
1. 9300161-0000 PACKAGING AND MATERIAL HANDLING PROCEDURE.
2. COSMETIC AND WORKMANSHIP PER 9300152-0000.
3. LABEL SHOWN FOR PLACEMENT REFERENCE ONLY.
.01 A
A
PART NUMBER
REV
DESCRIPTION
DRAFT
DATE
7091323-0000
A
RELE ASE FOR PRODUCTION
MATT KRETMAN
04/10/09
7091323-0000
B
UPDATE TO PARALLELISM SPEC
MATT KRETMAN
05/26/09
REVISION RECORD
A
SECTION A-A
SCALE 4 : 1
2.59
.102
REF
±.003 0.51±0.08
.020
.031 0.79
PCB REF
.139 3.53
MAX
A
A
16.51
.650
MAX
.650 16.51
MAX
-
D
C
B
A
A
B
C
D
SCALE: X = X
SIZE
CAD FILE:
DWG. NO.
B
SHEET 1 OF 5
LGA 10 TLA
APPROVALS
DRAWN
ENGINEER
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN INCHES
TOLERANCES:
HOLE TOLERANCE:
2 PLACE
3 PLACE
ANGLES
.03
MATERIAL
FINISH
-
-
1
2
3
4
5
6
7
8
8
6
7
5
4
3
2
1
PH. 952-941-1100
REV.
PROJECT USED ON:
7091323-0000
TITLE:
B
LGA10C-00SADJJ
EDEN PRAIRIE, MN 55433
EMERSON NETWORK POWER
PROJECTION
ANGLE
DATE
.015
THIRD
1
.005
MATT KRETMAN
MATT KRETMAN
10APR09
10APR09
DETACHED LIST
NOTE:
1. 9300161-0000 PACKAGING AND MATERIAL HANDLING PROCEDURE.
2. COSMETIC AND WORKMANSHIP PER 9300152-0000.
3. LABEL SHOWN FOR PLACEMENT REFERENCE ONLY.
.01 A
A
PART NUMBER
REV
DESCRIPTION
DRAFT
DATE
7091323-0000
A
RELE ASE FOR PRODUCTION
MATT KRETMAN
04/10/09
7091323-0000
B
UPDATE TO PARALLELISM SPEC
MATT KRETMAN
05/26/09
REVISION RECORD
Component Height
Model #
DIM A in (mm)
LGA03
LGA06
LGA10
0.129 (3.27)
LGA20
0.210 (5.33)
Pin Assignments
Single Output
1
Vout
2
Vout
3
Vout
4
Vout
5
GND
6
GND
7
GND
8
GND
9
Vin
10
Vin
11
NC
12
- Offset
13
+ Offset
14
- Sense
15
+ Sense
16
NC
17
NC
18
NC
19
NC
20
NC
21
Enable
22
Power Good
23
Margin Control
23
Trim


Similar Part No. - LGA03C-00SADJJ

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LGA03C-00SADJJ ARTESYN-LGA03C-00SADJJ Datasheet
712Kb / 4P
   3, 6, 10 and 20 A output current rating Power
More results

Similar Description - LGA03C-00SADJJ

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LDO03C-005W05-VJ ARTESYN-LDO03C-005W05-VJ_14 Datasheet
786Kb / 4P
   POWER 15 Watts
AEE04F18-LS ARTESYN-AEE04F18-LS Datasheet
659Kb / 3P
   POWER 15 Watts
logo
Power Mate Technology C...
FEC15-12S33 P-DUKE-FEC15-12S33 Datasheet
281Kb / 3P
   15 WATTS OUTPUT POWER
FDC15-24S05 P-DUKE-FDC15-24S05 Datasheet
241Kb / 3P
   15 WATTS OUTPUT POWER
logo
Astec America, Inc
AUG05K48 ASTEC-AUG05K48 Datasheet
90Kb / 2P
   15 Watts Embedded Power
logo
ON Semiconductor
MJE243 ONSEMI-MJE243_06 Datasheet
90Kb / 6P
   Complementary Silicon Power Plastic Transistors 100 VOLTS, 15 WATTS
February, 2006 ??Rev. 11
logo
Power Mate Technology C...
FEC15-24S3P3W P-DUKE-FEC15-24S3P3W Datasheet
254Kb / 3P
   15 WATTS OUTPUT POWER
logo
Motorola, Inc
MJE270 MOTOROLA-MJE270 Datasheet
109Kb / 4P
   2.0 AMPERE COMPLEMENTARY POWER DARLINGTON TRANSISTORS 100 VOLTS 15 WATTS
MJE243 MOTOROLA-MJE243 Datasheet
235Kb / 6P
   4 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 100 VOLTS 15 WATTS
logo
ON Semiconductor
MJE270 ONSEMI-MJE270 Datasheet
58Kb / 3P
   2.0 AMPERE COMPLEMENTARY POWER DARLINGTON TRANSISTORS 100 VOLTS, 15 WATTS
January, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com