Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIL15E-05W3V3-VJ Datasheet(PDF) 2 Page - Artesyn Technologies

Part # SIL15E-05W3V3-VJ
Description  Embedded Power for Business-Critical Continuity
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL15E-05W3V3-VJ Datasheet(HTML) 2 Page - Artesyn Technologies

  SIL15E-05W3V3-VJ Datasheet HTML 1Page - Artesyn Technologies SIL15E-05W3V3-VJ Datasheet HTML 2Page - Artesyn Technologies SIL15E-05W3V3-VJ Datasheet HTML 3Page - Artesyn Technologies SIL15E-05W3V3-VJ Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev.12.11.08_97
SIL15E Series
2 of 5
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Allspecificationsaretypicalatnominalinput,fullloadat25°Cunlessotherwisestated.
Specifications
EnvironmentalSpecifications
Thermalperformance:
Operating ambient
-40°Cto+100°C
(SeeNote3)
Non-operating
-40°Cto+1255°C
EMCCharacteristics
Electrostaticdischarge:
EN61000-4-2,IEC801-2
Conductedimmunity:
EN61000-4-6
Radiatedimmunity:
EN61000-4-3
GeneralSpecifications
Efficiency:
See table
Insultationvoltage:
Non-isolated
Switchingfrequency:
Fixed
300kHztyp.
Approvalsandstandards:
(seenote13)
EN60950
UL/cUL60950
Materialflammability:
UL94V-0
Dimensions:
(LxWxH)
50.8x7.8x12.7mm
2.0x0.31x0.5inches
Pinlength:
0.135±0.02in(3.43±0.5mm)
Weight:
5g(0.18oz)
MTBF(seenote9):
TelecordiaSR-332
7,042,000hours
MIL-HDBK-217F
680,000hours


Similar Part No. - SIL15E-05W3V3-VJ

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL15E-05W3V3-VJ ARTESYN-SIL15E-05W3V3-VJ Datasheet
564Kb / 23P
   3.0 Vin to 5.5 Vin Single output
More results

Similar Description - SIL15E-05W3V3-VJ

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPQ142-CF EMERSON-NETWORKPOWER-LPQ142-CF Datasheet
694Kb / 3P
   Embedded Power for Business-Critical Continuity
logo
List of Unclassifed Man...
NPS24-M ETC2-NPS24-M Datasheet
393Kb / 3P
   Embedded Power for Business-Critical Continuity
logo
Artesyn Technologies
VRM10-80-12-PY ARTESYN-VRM10-80-12-PY_10 Datasheet
927Kb / 10P
   Embedded Power for Business-Critical Continuity
PTH12010 ARTESYN-PTH12010_09 Datasheet
1Mb / 6P
   Embedded Power for Business-Critical Continuity
PTH05050 ARTESYN-PTH05050_08 Datasheet
417Kb / 5P
   Embedded Power for Business-Critical Continuity
PTH05060 ARTESYN-PTH05060_09 Datasheet
582Kb / 5P
   Embedded Power for Business-Critical Continuity
BXA10-12S05J ARTESYN-BXA10-12S05J Datasheet
244Kb / 4P
   Embedded Power for Business-Critical Continuity
BXA30-12S05J ARTESYN-BXA30-12S05J Datasheet
348Kb / 5P
   Embedded Power for Business-Critical Continuity
PTH05010 ARTESYN-PTH05010_09 Datasheet
593Kb / 5P
   Embedded Power for Business-Critical Continuity
logo
Emerson Network Power
NPS42-M EMERSON-NETWORKPOWER-NPS42-M Datasheet
430Kb / 3P
   Embedded Power for Business-Critical Continuity
logo
Artesyn Technologies
DS1200HE ARTESYN-DS1200HE Datasheet
211Kb / 9P
   Embedded Power for Business-Critical Continuity
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com