Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIL30C-12SADJ-VJ Datasheet(PDF) 2 Page - Artesyn Technologies

Part # SIL30C-12SADJ-VJ
Description  C-Class Non-Isolated POWER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL30C-12SADJ-VJ Datasheet(HTML) 2 Page - Artesyn Technologies

  SIL30C-12SADJ-VJ_15 Datasheet HTML 1Page - Artesyn Technologies SIL30C-12SADJ-VJ_15 Datasheet HTML 2Page - Artesyn Technologies SIL30C-12SADJ-VJ_15 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SIL30C Series Data Sheet
Ordering Information
Model
Number (10, 12)
Output Power
(Max.)
Input
Voltage
Output
Voltage
Output Current
(Min.)
Output Current
(Max.)
Efficiency
(Typical)
Regulation
Line
Load
SIL30C-12SADJ-VJ
150 W
10.2 - 13.8 Vdc
0.9 - 5 V
0 A
30 A
91%
±0.2%
±1.5%
Notes:
1. Uses external resistor from TRIM to output ground. See Application Note 132 for details.
2. Measured with external filter. See Application Note 132 for details.
3. di/dt = 10 A/μs, Vin = Nom, Tc = 25 °C, load change = 0.5 lo max to 0.75 lo max and 0.75 lo
max to 0.5 lo max.
4. External input fusing is recommended.
5. Power up is the time from application of dc input to POWER GOOD high. Remote ON/OFF
asserted high to POWER GOOD high.
6. Signal line assumed <3 m.
7. This product is only for inclusion by professional installers within other equipment and must not
be operated as a stand alone product.
8. See Application Note 132 for operation above 50 ºC.
9. See Application Note 132 for ripple current requirements.
10. The standard unit with the suffix ‘-V’ is for vertical mounting. To order a unit with horizontal
mounting, please add the suffix ‘-H’ to the model number, e.g. SIL30C-12SADJ-HJ.
11. This model has a wide trim output of between 0.9 Vdc to 5 Vdc. An external resistor adjusts the
output voltage.
12. NOTICE: Some models do not support all options. Please contact your local Artesyn
representative or use the on-line model number search tool at http://www.artesyn.com/power
to find a suitable alternative.
Part Number System with Options
SIL
30
C
-
12
S
ADJ
-
V
J
Product Family
SIL = Single In Line
Output Voltage
ADJ = Adjustable
Ouput
Performance
C = Cost
Optimized
Number of Outputs
S = Single Output
Input Voltage
12 = 10.2 - 13.8
Vdc
Packaging Options
J = Pb free (RoHS
6/6 compliant)
Mounting Option
V = Vertical
H = Horizontal
Rated Output
Current
30 = 30 Amp
General Specifications
Efficiency
91%
Switching frequency
Fixed
300 kHz typ.
Approvals and
standards
(See Note 7)
TÜV Product Services
EN60950, UL/cUL60950
Material flammability
UL94V-0
Weight
28.3 g (1 oz)
MTBF
Telcordia SR-332
4,456,655 hours
Environmental Specifications
Thermal performance
Operating ambient temperature
-0 °C to +80 °C
(See Note 8)
Non-operating temperature
-40 °C to +125 °C
Protection
Short-circuit
Foldback, non-latching
Over-temperature
Hiccup, non-latching
Recommended System Capacitance
Input capacitance
(See Note 9)
270 μF / 20 mW
ESR max.
Output capacitance
(See Note 9)
680 μF / 10 mW
ESR max.
Output Voltage Adjustment
The ultra-wide output voltage trim range offers major advantages to users
who select the SIL30C-12SADJ. It is no longer necessary to purchase a
variety of modules in order to cover different output voltages. The output
voltage can be trimmed in a range of 0.9 Vdc to 5.0 Vdc. When the
SIL30C-12SADJ converter leaves the factory the output has been adjusted to
the default voltage of 0.9 V.


Similar Part No. - SIL30C-12SADJ-VJ_15

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SIL30C-12SADJ-VJ EMERSON-NETWORKPOWER-SIL30C-12SADJ-VJ Datasheet
216Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
More results

Similar Description - SIL30C-12SADJ-VJ_15

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SMT30C-12SADJJ ARTESYN-SMT30C-12SADJJ_15 Datasheet
553Kb / 3P
   POWER C-Class Non-Isolated
SMT06C-05SADJJ ARTESYN-SMT06C-05SADJJ_15 Datasheet
563Kb / 3P
   POWER C-Class Non-Isolated
SIL20C2-00SADJ-HJ ARTESYN-SIL20C2-00SADJ-HJ_15 Datasheet
752Kb / 4P
   C-Class Non-Isolated POWER
SIL06C-05SADJ-VJ ARTESYN-SIL06C-05SADJ-VJ_15 Datasheet
524Kb / 3P
   C-Class Non-Isolated POWER
SIL40C2-00SADJ-VJ ARTESYN-SIL40C2-00SADJ-VJ_15 Datasheet
633Kb / 4P
   C-Class Non-Isolated
SIL80C2-00SADJ-HJ ARTESYN-SIL80C2-00SADJ-HJ Datasheet
1Mb / 6P
   POWER C-Class Non-Isolated; 80 Amps
SIL06C ARTESYN-SIL06C Datasheet
102Kb / 3P
   DC/DC CONVERTERS C Class Non-isolated
SIL20C2 ARTESYN-SIL20C2 Datasheet
793Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SMT20C2 EMERSON-NETWORKPOWER-SMT20C2 Datasheet
278Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
logo
Artesyn Technologies
SMT15C ARTESYN-SMT15C Datasheet
182Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com