Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3447 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IR3447
Description  25A Highly Integrated SupIRBuck짰 Single-Input Voltage, Synchronous Buck Regulator
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IR3447 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IR3447_16 Datasheet HTML 2Page - Infineon Technologies AG IR3447_16 Datasheet HTML 3Page - Infineon Technologies AG IR3447_16 Datasheet HTML 4Page - Infineon Technologies AG IR3447_16 Datasheet HTML 5Page - Infineon Technologies AG IR3447_16 Datasheet HTML 6Page - Infineon Technologies AG IR3447_16 Datasheet HTML 7Page - Infineon Technologies AG IR3447_16 Datasheet HTML 8Page - Infineon Technologies AG IR3447_16 Datasheet HTML 9Page - Infineon Technologies AG IR3447_16 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
IR3447
6
Rev 3.7
May 17, 2016
ELECTRICAL SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS
SYMBOL
DEFINITION
MIN
MAX
UNITS
PVin
Input Bus Voltage *
1.5
21
V
Vin
Supply Voltage
5.0
21
VCC
Supply Voltage **
4.5
7.5
Boot to SW
Supply Voltage
4.5
7.5
VO
Output Voltage
0.6
0.86 * PVin
IO
Output Current
0
±25
A
Fs
Switching Frequency
300
1500
kHz
TJ
Junction Temperature
-40
125
°C
*
SW node must not exceed 25V
**
When VCC is connected to an externally regulated supply, also connect Vin.
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, these specification apply over, 1.5V < PVin < 21V, 4.5V< VCC < 7.5V, 0
oC < T
J <
125
oC.
Typical values are specified at TA = 25
oC.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Power Loss
Power Loss
PLOSS
Vin = PVin = 12V, VO =
1.2V, IO = 25A, Fs =
600kHz, L=0.215uH,
TA = 25°C, Note 4
3.62
W
MOSFET Rds(on)
Top Switch
Rds(on)_Top
VBoot – VSW = 6.8V,
ID = 25A, Tj = 25°C
4
5.2
mΩ
Bottom Switch
Rds(on)_Bot
VCC =6.8V, ID = 25A,
Tj = 25°C
1.8
2.3
Reference Voltage
Feedback Voltage
VFB
0.6
V
Accuracy
Vref=0.6V,
0°C < Tj < 105°C
-0.5
+0.5
%
Vref=0.6V,
-40°C < Tj < 125°C
-1.0
+1.0
Supply Current
Vin Supply Current
(Standby)
Iin(Standby)
Vin=21V, Enable low,
No Switching
300
425
µA
Vin Supply Current (Dyn)
Iin(Dyn)
Vin=21V, Enable high,
Fs = 600kHz
40
mA


Similar Part No. - IR3447_16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR3447A INFINEON-IR3447A Datasheet
1Mb / 40P
   25 A single-voltage synchronous Buck regulator
V 2.4 2021-11-19
IR3447AMTRPBF INFINEON-IR3447AMTRPBF Datasheet
1Mb / 40P
   25 A single-voltage synchronous Buck regulator
V 2.4 2021-11-19
IR3447AMTRPBFAUMA2 INFINEON-IR3447AMTRPBFAUMA2 Datasheet
1Mb / 40P
   25 A single-voltage synchronous Buck regulator
V 2.4 2021-11-19
logo
International Rectifier
IR3447M IRF-IR3447M Datasheet
1Mb / 51P
   Single 5V to 21V application
IR3447MPBF IRF-IR3447MPBF Datasheet
1Mb / 51P
   25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
More results

Similar Description - IR3447_16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR3847 INFINEON-IR3847_16 Datasheet
2Mb / 57P
   25A Highly Integrated SupIRBuck짰 Single-Input Voltage, Synchronous Buck Regulator
Rev 3.7 May 17, 2016
IR3448 INFINEON-IR3448_16 Datasheet
2Mb / 51P
   16A Highly Integrated SupIRBuck짰 Single-Input Voltage, Synchronous Buck Regulator
Rev 3.6 May 17, 2016
logo
International Rectifier
IR3847 IRF-IR3847 Datasheet
1Mb / 53P
   Single-Input Voltage, Synchronous Buck Regulator 25A Highly Integrated SupIRBuck
IR3447 IRF-IR3447 Datasheet
1Mb / 51P
   25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
logo
Infineon Technologies A...
IR3828MTRPBF INFINEON-IR3828MTRPBF Datasheet
1Mb / 50P
   10A Highly Integrated Single-Input Synchronous SupIRBuck짰 Regulator
Rev 3.7, 03/24/2016
IR3829MTRPBF INFINEON-IR3829MTRPBF Datasheet
1Mb / 50P
   16A Highly Integrated Single-Input Synchronous SupIRBuck짰 Regulator
Rev 3.7, 03/24/2016
IR3825MTRPBF INFINEON-IR3825MTRPBF Datasheet
1Mb / 49P
   20A Highly Integrated Single-Input Synchronous SupIRBuck짰 Regulator
Rev 3.7, 03/24/2016
logo
International Rectifier
IR38063M IRF-IR38063M_15 Datasheet
558Kb / 2P
   Highly Integrated 25A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
IP1827 IRF-IP1827 Datasheet
2Mb / 39P
   Highly Integrated 25A Single.input Voltage, Synchronous Buck Regulator
IR3838MPBF IRF-IR3838MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com