Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRMCK099MTR Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IRMCK099MTR
Description  iMOTION??motor control IC for single motor drive
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRMCK099MTR Datasheet(HTML) 2 Page - Infineon Technologies AG

  IRMCK099MTR Datasheet HTML 1Page - Infineon Technologies AG IRMCK099MTR Datasheet HTML 2Page - Infineon Technologies AG IRMCK099MTR Datasheet HTML 3Page - Infineon Technologies AG IRMCK099MTR Datasheet HTML 4Page - Infineon Technologies AG IRMCK099MTR Datasheet HTML 5Page - Infineon Technologies AG IRMCK099MTR Datasheet HTML 6Page - Infineon Technologies AG IRMCK099MTR Datasheet HTML 7Page - Infineon Technologies AG IRMCK099MTR Datasheet HTML 8Page - Infineon Technologies AG IRMCK099MTR Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
IRMCK099M
1
www.irf.com
© 2014 International Rectifier
December 18, 2014
High Performance Sensorless Motor Control IC
Description
IRMCK099 is a low cost, high performance OTP memory based motion control ASIC designed primarily for
appliance applications. IRMCK099 is designed to implement high performance control solutions for advanced
inverterized appliance motor control. IRMCK099 contains the flexible Tiny Motion Control Engine (TinyMCE) for
sensorless control of permanent magnet motors over the full speed range. The TinyMCE implements sensorless
Field Oriented Control using single or leg shunt current feedback by a combination of hardware and IR-supplied
firmware elements. Key components of the complex sensorless control algorithms, such as the Angle Estimator,
are provided as complete pre-defined control blocks. The ASIC is designed to eliminate external components and
reduce cost by including an A/D converter, analog amplifiers, an overcurrent comparator, watchdog timer and
internal oscillator. Strong startup and configuration tools get the motor running quickly without any programming.
A standby power mode can help to increase overall system efficiency. IRMCK099 comes in a 5mmx5mm, 32 pin
QFN package.
Features
TinyMCE
(Tiny
Motion
Control
Engine)
-
Dedicated computation engine for high efficiency
sinusoidal sensorless motor control
Internal Oscillator
– no clock required
Built-in hardware peripheral for single or two shunt
current
feedback
reconstruction
and
analog
circuits
Supports both interior and surface permanent
magnet motor sensorless control
Loss minimization Space Vector PWM
Internal ITRIP comparator
Two-channel analog output (Sigma Delta D/A)
JTAG programming port for debugging
UART and I2C serial interface
Factory Calibrated Analog Inputs
Capture input
Watchdog timer with independent internal clock
Standby low power mode
Internal 16 Kbyte OTP memory
CRC Memory Check
3.3V single supply
Product Summary
Internal clock frequency (SYSCLK)
100MHz
MCE
TM computation time
1 SYSCLK
MCE
TM computation data range
16 bit signed
OTP Memory
16KB
MCE Data RAM
1.5KB
MCE Program RAM
12KB
FAULT latency (digital filtered)
2 μsec
PWM carrier frequency
1
– 20kHz
A/D input channels
6
A/D converter resolution
12 bits
A/D converter conversion speed
2 μsec
Analog output (PWM) resolution
8 bits
UART baud rate (typ)
57.6 Kbps
Number of digital I/O (max)
8
Package (lead free)
QFN 5x5 32L
Typical 3.3V operating current
< 30mA
Standyby mode power consumption
3.5mW
Integrated Temperature Sensor(typ)
±5degC
Base Part Number
Package Type
Standard Pack
Orderable Part Number
Form
Quantity
IRMCK099M
QFN32
Tape and Reel
3000
IRMCK099MTR
Tray
2450
IRMCK099M


Similar Part No. - IRMCK099MTR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCK099M IRF-IRMCK099M Datasheet
737Kb / 29P
   High Performance Sensorless Motor Control IC
IRMCK099M IRF-IRMCK099M_15 Datasheet
737Kb / 29P
   High Performance Sensorless Motor Control IC
More results

Similar Description - IRMCK099MTR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IMD111T-6F040 INFINEON-IMD111T-6F040 Datasheet
760Kb / 38P
   iMOTION??IMD111T/IMD112T - Smart driver for motor control
v1.0 2020-12-4
logo
Fairchild Semiconductor
KA3050 FAIRCHILD-KA3050 Datasheet
199Kb / 22P
   Camera Motor Drive and Control IC
logo
Infineon Technologies A...
IMM100 INFINEON-IMM100 Datasheet
1Mb / 35P
   iMOTION??IMM101T/IMM102T - Smart IPM for motor control
2019-06-05 v1.2
logo
Fairchild Semiconductor
FAN8700 FAIRCHILD-FAN8700 Datasheet
155Kb / 14P
   Camera Motor Drive and Control IC
logo
Fujitsu Component Limit...
MB3853 FUJITSU-MB3853 Datasheet
126Kb / 14P
   1A Motor Drive IC for Motor Applications
logo
Infineon Technologies A...
IMI111T-026H INFINEON-IMI111T-026H Datasheet
745Kb / 35P
   IMI111T - iMOTION™ IPM for motor control Fully integrated high-performance turnkey motor control system
1.1 2022-12-09
logo
Panasonic Semiconductor
AN8290S PANASONIC-AN8290S Datasheet
545Kb / 5P
   IC for Spindle Motor Control
logo
Unisonic Technologies
UH477 UTC-UH477_17 Datasheet
141Kb / 6P
   SINGLE PHASE DC MOTOR DRIVE IC
logo
Feeling Technology Corp...
FS310 FEELING-FS310 Datasheet
122Kb / 13P
   SINGLE PHASE DC MOTOR DRIVE IC
logo
Unisonic Technologies
319 UTC-319_11 Datasheet
156Kb / 7P
   SINGLE PHASE DC MOTOR DRIVE IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com