Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2505LTRPBF Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IRS2505LTRPBF
Description  Boost PFC and SMPS Control IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRS2505LTRPBF Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IRS2505LTRPBF Datasheet HTML 3Page - Infineon Technologies AG IRS2505LTRPBF Datasheet HTML 4Page - Infineon Technologies AG IRS2505LTRPBF Datasheet HTML 5Page - Infineon Technologies AG IRS2505LTRPBF Datasheet HTML 6Page - Infineon Technologies AG IRS2505LTRPBF Datasheet HTML 7Page - Infineon Technologies AG IRS2505LTRPBF Datasheet HTML 8Page - Infineon Technologies AG IRS2505LTRPBF Datasheet HTML 9Page - Infineon Technologies AG IRS2505LTRPBF Datasheet HTML 10Page - Infineon Technologies AG IRS2505LTRPBF Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
IRS2505LPBF
7
2015-9-2
Electrical Characteristics
VCC=14V, CVCC=0.1uF, CCMP=0.68uF, CPFC=1nF, CVBUS=10nF, and Ta=25°C unless otherwise specified.
Symbol
Definition
Min
Typ
Max
Units
Test Conditions
Supply Characteristics
VCLAMP
VCC clamp voltage
19.8
20.8
21.8
V
ICC = 19 mA
VCCUV+
Rising VCC under-voltage lock-out
threshold
10.0
11.1
12.0
VCCUV-
Falling VCC under-voltage lock-out
threshold
7.0
7.9
9.0
VCCUVHYS
VCC UVLO hysteresis
2.9
3.2
3.5
IQCCUV
Micro-power start-up VCC supply
current
---
46.0
60.0
µA
VCC = VCCUV+
- 500mV rising
IQCC
No switching
---
1.2
1.6
mA
VCOMP=0V,GBD
ICC50kHz
VCC current @ 50kHz
---
1.6
2.0
mA
PFC Characteristics
tONMAX
Maximum PFC On-time
51
68
86
s
VBUSREG
VBUS Pin Regulation Voltage
4.02
4.1
4.18
V
VBUSOV+
VBUS Pin OVP Threshold
4.30
4.50
4.70
VBUSOV-
VBUS Pin OVP Fault Reset
Threshold
4.13
4.26
4.48
VBUSOC+
VBUS Pin Over-Current Threshold
0.45
0.53
0.62
VBUS = 3V
VPFCZX+
PFC Pin Zero-Crossing Arming
Threshold
0.39
0.40
0.51
VPFC Rising, GBD
VPFCZX-
PFC Pin Zero-Crossing Detection
Threshold
0.39
0.40
0.51
VPFC Falling, GBD
tOFFDLY
PFC Pin Off-Time Delay
---
0.5
---
s
tZXBLNK
PFC Pin Zero-Crossing Blank Time
---
0.5
---
tWD
Watch Dog Timer Pulse Interval
100
140
180
ICMP+
CMP Pin OTA IO+
25
33
40
A
VBUS=3.5V,VCMP=0V
ICMP-
CMP Pin OTA IO-
-40
-33
-25
VBUS=4.5V,VCMP=5V
VCMPOH
OTA Output Voltage Swing (high
state)
9.9
10.2
11.5
V
VBUS=3.5V
VCMPOL
OTA Output Voltage Swing (low state)
---
0
---
VBUS=4.5V
VCMPON
Minimum COMP Voltage for
Switching
1.21
1.50
1.83
VCMPFLT
OTA Output Voltage in Fault Mode
---
0
---
VZCMP
CMP Pin Clamp Voltage
9.9
10.2
11.5
VBUS=3.5V
GBD : Guaranteed by design


Similar Part No. - IRS2505LTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2505LTRPBF IRF-IRS2505LTRPBF Datasheet
235Kb / 11P
   SOT-23 Boost PFC Control IC
logo
Infineon Technologies A...
IRS2505LTRPBF INFINEON-IRS2505LTRPBF Datasheet
1Mb / 35P
   Modular application design kit (MADK) of IM818
Revision 1.4 2021-09-10
More results

Similar Description - IRS2505LTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2505LPBF IRF-IRS2505LPBF Datasheet
235Kb / 11P
   SOT-23 Boost PFC Control IC
IRS2505LPBF IRF-IRS2505LPBF_15 Datasheet
422Kb / 11P
   SOT-23 Boost PFC Control IC
IRS2548D IRF-IRS2548D Datasheet
325Kb / 22P
   SMPS/LED DRIVER PFC HALF-BRIDGE CONTROL IC
logo
STMicroelectronics
L6585D STMICROELECTRONICS-L6585D Datasheet
160Kb / 9P
   PFC and Ballast Control IC
logo
NXP Semiconductors
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
   GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
TEA18363T NXP-TEA18363T_V01 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
TEA1533AP PHILIPS-TEA1533AP Datasheet
117Kb / 24P
   GreenChip SMPS control IC
2002 Aug 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com