Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX11904 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part No. MAX11904
Description  20-Bit, 1.6Msps, Low-Power, Fully Differential
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11904 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX11904 Datasheet HTML 8Page - Maxim Integrated Products MAX11904 Datasheet HTML 9Page - Maxim Integrated Products MAX11904 Datasheet HTML 10Page - Maxim Integrated Products MAX11904 Datasheet HTML 11Page - Maxim Integrated Products MAX11904 Datasheet HTML 12Page - Maxim Integrated Products MAX11904 Datasheet HTML 13Page - Maxim Integrated Products MAX11904 Datasheet HTML 14Page - Maxim Integrated Products MAX11904 Datasheet HTML 15Page - Maxim Integrated Products MAX11904 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
PIN
NAME
I/O
FUNCTION
1, 2
REF
I/O
Reference. REF is a bypass pin for the reference either driven by the internal reference buffers
or the external reference directly. Bypass these pins with 10µF capacitors to REFGND.
3, 4
REFGND
I
Reference Ground
5
AIN-
I
Negative Analog Input
6
AIN+
I
Positive Analog Input
7
AGND
I
Analog Ground
8
OVDD
I
Digital Interface Supply. Nominally at 1.8V. Bypass to DGND with a 10µF capacitor in parallel
with a 0.1µF capacitor (10µF || 0.1µF).
9
DOUT
O
Digital Output Data
10
DGND
I
Digital Ground
11
DVDD
I
Digital Supply. Nominally at 1.8V. Bypass with a 10µF capacitor in parallel with a 0.1µF
capacitor (10µF || 0.1µF).
12
SCLK
I
Serial Clock Input
13
CNVST
I
Conversion Start. The analog inputs (AIN+, AIN-) are sampled at the rising edge and conversion
process is started.
14
DIN
I
Serial Data Input. DIN data is latched into the serial interface on the rising edge of SCLK.
15
DGND
I
Digital Ground
REF
AIN-
REF
DIN
SCLK
DVDD
DGND
REFGND
CNVST
TQFN
4mm × 4mm
MAX11905
TOP VIEW
REFGND
10
9
8
7
6
12
13
14
15
5
4
3
2
1
16
17
18
19
20
EXPOSED PAD IS GROUND. IT MUST BE SOLDERED TO PCB.
MAX11905
20-Bit, 1.6Msps, Low-Power, Fully Differential
SAR ADC
www.maximintegrated.com
Maxim Integrated │ 12
Pin Description
Pin Configuration


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn