Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11900 Datasheet(PDF) 23 Page - Maxim Integrated Products

Part # MAX11900
Description  20-Bit, 1.6Msps, Low-Power, Fully Differential
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11900 Datasheet(HTML) 23 Page - Maxim Integrated Products

Back Button MAX11900 Datasheet HTML 19Page - Maxim Integrated Products MAX11900 Datasheet HTML 20Page - Maxim Integrated Products MAX11900 Datasheet HTML 21Page - Maxim Integrated Products MAX11900 Datasheet HTML 22Page - Maxim Integrated Products MAX11900 Datasheet HTML 23Page - Maxim Integrated Products MAX11900 Datasheet HTML 24Page - Maxim Integrated Products MAX11900 Datasheet HTML 25Page - Maxim Integrated Products MAX11900 Datasheet HTML 26Page - Maxim Integrated Products MAX11900 Datasheet HTML 27Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
Register Map
FUNCTION
ADDRESS
R/W BITS
DATA WIDTH
DATA
Read or Write Mode Register
0001
1 or 0
16
Mode Register
Read Conversion Result*
0010
1
20
Conversion Result
Read Chip ID
0100
1
8
Chip ID
Reserved, Do Not Use
All other
Reserved, Do Not Use
*Conversion result can also be read as shown in Figures 5, 6, and 7.
Mode Register
The reset state is: 0x0000. That is, the reference buffers are enabled if a valid reference voltage is applied at the REFIN
pin. If external reference buffers are used, tie REFIN low and the buffers will be automatically powered down.
DD[2:0] program the driver strength on DOUT pin. Higher driver strengths are for systems that have larger capacitive
loads on DOUT. The lowest driver strength that works should be chosen to save power and improve performance.
The driver strength is ordered from 1 to 6. The driver strength 1 is the weakest while the driver strength 6 is the strongest.
Table 5 shows the mapping between the register value D[2:0] and the correspondent driver strength.
Table 5. DOUT Driver Strength
BIT 15 BIT 14 BIT 13 BIT 12 BIT 11 BIT 10 BIT 9 BIT 8 BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0
Reset
DD2
DD1
DD0
PD
REF1
POR
pass
OTP
busy
OB
PD
REF2
Reset:
Reset the part when high.
DD[2:0]:
Program the driver strength on DOUT.
PD REF1:
Power down the first reference buffer when set.
POR pass:
High to indicate that POR was successful. If this bit is low, RESET should be asserted.
OTP busy:
High to indicate that the device is powering up.
OB:
Output data format is offset binary when high. two’s complement when low.
PD REF2:
Power down the second reference buffer when set.
DD[2:0]
DRIVER STRENGTH
000
4
001
5
010
6
011
Not Valid
100
1
101
2
110
3
111
Not Valid
MAX11905
20-Bit, 1.6Msps, Low-Power, Fully Differential
SAR ADC
www.maximintegrated.com
Maxim Integrated │ 23


Similar Part No. - MAX11900

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11900 MAXIM-MAX11900 Datasheet
4Mb / 29P
   Peripheral Module and FMC Connector for Interface
Rev 2; 8/17
MAX11900 MAXIM-MAX11900 Datasheet
969Kb / 29P
   16-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
MAX11900ETP++ MAXIM-MAX11900ETP+ Datasheet
969Kb / 29P
   16-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
More results

Similar Description - MAX11900

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11901 MAXIM-MAX11901 Datasheet
1Mb / 29P
   16-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2018
MAX11903 MAXIM-MAX11903 Datasheet
939Kb / 29P
   18-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2015
MAX11904 MAXIM-MAX11904 Datasheet
825Kb / 29P
   20-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
logo
Maxim Integrated Produc...
MAX11902 MAXIM-MAX11902_V01 Datasheet
956Kb / 29P
   18-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
MAX11900 MAXIM-MAX11900 Datasheet
969Kb / 29P
   16-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
logo
Linear Technology
LTC2379-18 LINER-LTC2379-18_11 Datasheet
3Mb / 24P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
LTC2379-18 LINER-LTC2379-18 Datasheet
415Kb / 24P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
LTC2379-18 LINER-LTC2379-18_15 Datasheet
511Kb / 26P
   18-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
logo
Linear Integrated Syste...
LTC2379-18 LINEAR-LTC2379-18 Datasheet
511Kb / 26P
   LTC2379-1818-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com