Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTQS3VH244PA Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDTQS3VH244PA
Description  QUICKSWITCH PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTQS3VH244PA Datasheet(HTML) 1 Page - Integrated Device Technology

  IDTQS3VH244PA Datasheet HTML 1Page - Integrated Device Technology IDTQS3VH244PA Datasheet HTML 2Page - Integrated Device Technology IDTQS3VH244PA Datasheet HTML 3Page - Integrated Device Technology IDTQS3VH244PA Datasheet HTML 4Page - Integrated Device Technology IDTQS3VH244PA Datasheet HTML 5Page - Integrated Device Technology IDTQS3VH244PA Datasheet HTML 6Page - Integrated Device Technology IDTQS3VH244PA Datasheet HTML 7Page - Integrated Device Technology IDTQS3VH244PA Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
INDUSTRIALTEMPERATURERANGE
IDTQS3VH244
2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
AUGUST 2002
2002 Integrated Device Technology, Inc.
DSC-5894/9
c
IDTQS3VH244
INDUSTRIAL TEMPERATURE RANGE
QUICKSWITCH® PRODUCTS
2.5V / 3.3V 8-BIT HIGH
BANDWIDTH BUS SWITCH
FUNCTIONAL BLOCK DIAGRAM
DESCRIPTION:
The QS3VH244 HotSwitch is a high bandwidth, 8-bit bus switch. The
QS3VH244 hasverylowONresistance,resultinginunder250pspropagation
delay through the switch. The switches can be turned ON under the control
oftheLVTTL-compatiblexGsignalforbidirectionaldataflowwithnoaddeddelay
orgroundbounce. IntheONstate,theswitchescanpasssignalsupto5V. In
theOFFstate,theswitchesofferveryhighimpedenceattheterminals.
Thecombinationofnear-zeropropagationdelay,highOFFimpedence,and
over-voltage tolerance makes the QS3VH244 ideal for high performance
communicationsapplications.
The QS3VH244 is characterized for operation from -40
°C to +85°C.
1G
1
Y1
1
Y2
1
Y3
1
Y4
1
A1
1
A2
1
A3
1
A4
2G
2
Y1
2
Y2
2
Y3
2
Y4
2
A1
2
A2
2
A3
2
A4
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
APPLICATIONS:
• Hot-swapping
• 10/100 Base-T, Ethernet LAN switch
• Low distortion analog switch
• Replaces mechanical relay
• ATM 25/155 switching
• Bus switching and isolation
FEATURES:
• N channel FET switches with no parasitic diode to VCC
– Isolationunderpower-offconditions
– No DC path to VCC or GND
– 5V tolerant in OFF and ON state
• 5V tolerant I/Os
• Low RON - 4
Ω typical
• Flat RON characteristics over operating range
• Rail-to-rail switching 0 - 5V
• Bidirectional dataflow with near-zero delay: no added ground
bounce
• Excellent RON matching between channels
•VCC operation: 2.3V to 3.6V
• High bandwidth - up to 500MHz
• LVTTL-compatible control Inputs
• Undershoot Clamp Diodes on all switch and control Inputs
• Low I/O capacitance, 4pF typical
• Available in QSOP and TSSOP packages


Similar Part No. - IDTQS3VH244PA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3VH244 IDT-IDTQS3VH244 Datasheet
279Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS3VH244 RENESAS-IDTQS3VH244 Datasheet
451Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
MAY 2013
logo
Integrated Device Techn...
IDTQS3VH244 IDT-IDTQS3VH244_14 Datasheet
279Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
More results

Similar Description - IDTQS3VH244PA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3VH2245 IDT-IDTQS3VH2245 Datasheet
65Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH244 IDT-IDTQS3VH244_14 Datasheet
279Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH245 IDT-IDTQS3VH245 Datasheet
69Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
QS3VH245PAG IDT-QS3VH245PAG Datasheet
277Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS3VH2245 RENESAS-IDTQS3VH2245 Datasheet
438Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
FEBRUARY 2014
IDTQS3VH244 RENESAS-IDTQS3VH244 Datasheet
451Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
MAY 2013
IDTQS3VH245 RENESAS-IDTQS3VH245 Datasheet
448Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
FEBRUARY 2014
logo
Integrated Device Techn...
IDTQS3VH383 IDT-IDTQS3VH383 Datasheet
80Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V/3.3V 8-BIT HIGH BANDWIDTH BUS EXCHANGE BUS SWITCH
IDTQS3VH16245 IDT-IDTQS3VH16245 Datasheet
71Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16211 IDT-IDTQS3VH16211 Datasheet
63Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 24-BIT HIGH BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com