Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN7150B0HN Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PN7150B0HN
Description  High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PN7150B0HN Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PN7150B0HN Datasheet HTML 7Page - NXP Semiconductors PN7150B0HN Datasheet HTML 8Page - NXP Semiconductors PN7150B0HN Datasheet HTML 9Page - NXP Semiconductors PN7150B0HN Datasheet HTML 10Page - NXP Semiconductors PN7150B0HN Datasheet HTML 11Page - NXP Semiconductors PN7150B0HN Datasheet HTML 12Page - NXP Semiconductors PN7150B0HN Datasheet HTML 13Page - NXP Semiconductors PN7150B0HN Datasheet HTML 14Page - NXP Semiconductors PN7150B0HN Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
PN7150
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 3.3 — 4 July 2016
11 of 55
NXP Semiconductors
PN7150
Full NFC Forum-compliant controller with integrated firmware
At application level, the PN7150 will continuously switch between different states to
optimize the current consumption (polling loop mode). Refer to Table 1 for targeted
current consumption in here described states.
The PN7150 is designed to allow the host controller to have full control over its functional
states, thus of the power consumption of the PN7150 based NFC solution and possibility
to restrict parts of the PN7150 functionality.
10.1.2.1
Monitor state
In Monitor state, the PN7150 will exit it only if the battery voltage recovers over the critical
level. Battery voltage monitor thresholds show hysteresis behavior as defined in Table 27.
10.1.2.2
Hard Power Down (HPD) state
The Hard Power Down state is entered when VDD(PAD) and VBAT are high by setting VEN
voltage < 0.4 V. As these signals are under host control, the PN7150 has no influence on
entering or exiting this state.
10.1.2.3
Standby state
Active state is PN7150’s default state after boot sequence in order to allow a quick
configuration of PN7150. It is recommended to change the default state to Standby state
after first boot in order to save power. PN7150 can switch to Standby state autonomously
(if configured by host).
In this state, PN7150 most blocks including CPU are no more supplied. Number of
wake-up sources exist to put PN7150 into Active state:
I2C-bus interface wake-up event
Antenna RF level detector
Internal timer event when using polling loop (380 kHz Low-power oscillator is
enabled)
Table 8.
PN7150 power states
Power state name
Description
Monitor
The PN7150 is supplied by VBAT which voltage is below its programmable
critical level, VEN voltage > 1.1 V and the Monitor state is enabled. The
system power mode is Power Off mode.
Hard Power Down
The PN7150 is supplied by VBAT which voltage is above its programmable
critical level when Monitor state is enabled and PN7150 is kept in Hard
Power Down (VEN voltage is kept low by host or SW programming) to have
the minimum power consumption. The system power mode is in Power Off.
Standby
The PN7150 is supplied by VBAT which voltage is above its programmable
critical level when the Monitor state is enabled, VEN voltage is high (by host
or SW programming) and minimum part of PN7150 is kept supplied to enable
configured wake-up sources which allow to switch to Active state; RF field,
Host interface. The system power mode is Full power mode.
Active
The PN7150 is supplied by VBAT which voltage is above its programmable
critical level when Monitor state is enabled, VEN voltage is high (by host or
SW programming) and the PN7150 internal blocks are supplied. 3 functional
modes are defined: Idle, Target and Initiator. The system power mode is Full
power mode.


Similar Part No. - PN7150B0HN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN7150B0HN/C110XX NXP-PN7150B0HN/C110XX Datasheet
682Kb / 69P
   High performance NFC controller with integrated firmware, supporting all NFC Forum modes
Rev. 4.2 - 2 February 2024
More results

Similar Description - PN7150B0HN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN7150 NXP-PN7150 Datasheet
2Mb / 55P
   High performance full NFC Forum-compliant controller with integrated firmware and NCI interface
Rev. 3.3-4 July 2016
PN7220 NXP-PN7220 Datasheet
1Mb / 185P
   NFC controller with NCI interface supporting EMV and NFC Forum applications
Rev. 3.0 - 5 July 2023
PN7220 NXP-PN7220_V01 Datasheet
1Mb / 185P
   NFC controller with NCI interface supporting EMV and NFC Forum applications
Rev. 3.1 - 20 September 2023
PN7120 NXP-PN7120 Datasheet
537Kb / 58P
   NFC controller with integrated firmware, supporting all NFC Forum modes
Rev. 3.5-11 June 2018
OM25180FDKM NXP-OM25180FDKM Datasheet
3Mb / 149P
   High-performance multi-protocol full NFC Forum-compliant frontend
Rev. 3.0-7 October 2016
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5180A0XX NXP-PN5180A0XX Datasheet
1Mb / 160P
   High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
   NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
   NFC Forum Compliant Dynamic Tag
2018-Nov-14
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
   NFC Forum Compliant Dynamic Tag
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com