Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7028L15PF Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT7028L15PF
Description  HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7028L15PF Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT7028L15PF Datasheet HTML 1Page - Integrated Device Technology IDT7028L15PF Datasheet HTML 2Page - Integrated Device Technology IDT7028L15PF Datasheet HTML 3Page - Integrated Device Technology IDT7028L15PF Datasheet HTML 4Page - Integrated Device Technology IDT7028L15PF Datasheet HTML 5Page - Integrated Device Technology IDT7028L15PF Datasheet HTML 6Page - Integrated Device Technology IDT7028L15PF Datasheet HTML 7Page - Integrated Device Technology IDT7028L15PF Datasheet HTML 8Page - Integrated Device Technology IDT7028L15PF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
IDT7028L
High-Speed 64K x 16 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Truth Table I: Chip Enable(1,2)
Truth Table II: Non-Contention Read/Write Control
NOTES:
1. A0L – A15L
≠ A0R – A15R.
2. Refer to Chip Enable Truth Table.
Truth Table III: Semaphore Read/Write Control(1)
NOTES:
1. There are eight semaphore flags written to via I/O0 and read from all the I/Os (I/O0-I/O15). These eight semaphore flags are addressed by A0-A2.
2. Refer to Chip Enable Truth Table.
NOTES:
1. Chip Enable references are shown above with the actual
CE0 and CE1 levels, CE is a reference only.
2. 'H' = VIH and 'L' = VIL.
3. CMOS standby requires 'X' to be either < 0.2V or > VCC - 0.2V.
CE
CE0
CE1
Mode
L
VIL
VIH
Port Selected (TTL Active)
< 0.2V
>VCC -0.2V
Port Selected (CMOS Active)
H
VIH
X
Port Deselected (TTL Inactive)
XVIL
Port Deselected (TTL Inactive)
>VCC -0.2V
X
Port Deselected (CMOS Inactive)
X<0.2V
Port Deselected (CMOS Inactive)
4836 tbl 06
Inputs
(1)
Outputs
Mode
CE(2)
R/
W
OE
UB
LB
SEM
I/O8-15
I/O0-7
H
X
X
X
X
H
High-Z
High-Z
Deselected: Power-Down
X
X
X
H
H
H
High-Z
High-Z
Both Bytes Deselected
LL
X
L
H
H
DATAIN
High-Z
Write to Upper Byte Only
L
L
X
H
L
H
High-Z
DATAIN
Write to Lower Byte Only
L
L
X
LLH
DATAIN
DATAIN
Write to Both Bytes
LH
L
L
H
H
DATAOUT
High-Z
Read Upper Byte Only
L
H
LH
LH
High-Z
DATAOUT
Read Lower Byte Only
L
H
L
LLH
DATAOUT
DATAOUT
Read Both Bytes
X
X
H
X
X
X
High-Z
High-Z
Outputs Disabled
4836 tbl 07
Inputs
(1)
Outputs
Mode
CE(2)
R/
W
OE
UB
LB
SEM
I/O8-15
I/O0-7
HH
L
X
X
L
DATAOUT
DATAOUT
Read Data in Semaphore Flag
XH
L
H
H
L
DATAOUT
DATAOUT
Read Data in Semaphore Flag
H
XX
X
L
DATAIN
DATAIN
Write I/O0 into Semaphore Flag
X
XH
H
L
DATAIN
DATAIN
Write I/O0 into Semaphore Flag
L
X
XL
XL
______
______
Not Allowed
LX
X
X
L
L
______
______
Not Allowed
4836 tbl 08


Similar Part No. - IDT7028L15PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7028L IDT-IDT7028L Datasheet
149Kb / 17P
   True Dual-Ported memory cells which allow simultaneous reads of the same memory location
IDT7028L IDT-IDT7028L Datasheet
671Kb / 18P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
IDT7028L IDT-IDT7028L Datasheet
179Kb / 18P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
IDT7028L IDT-IDT7028L_15 Datasheet
671Kb / 18P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
IDT7028L IDT-IDT7028L_18 Datasheet
179Kb / 18P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7028L15PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7028L IDT-IDT7028L_18 Datasheet
179Kb / 18P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
IDT7028L IDT-IDT7028L_15 Datasheet
671Kb / 18P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
IDT70V28L IDT-IDT70V28L Datasheet
152Kb / 17P
   HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM
IDT70V28L IDT-IDT70V28L_17 Datasheet
194Kb / 17P
   HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM
70V28L20PFGI IDT-70V28L20PFGI Datasheet
150Kb / 17P
   HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V28 RENESAS-70V28 Datasheet
461Kb / 19P
   HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT70V28L IDT-IDT70V28L_15 Datasheet
655Kb / 17P
   HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM
IDT709289L IDT-IDT709289L_15 Datasheet
701Kb / 16P
   HIGH-SPEED 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709289 IDT-IDT709289 Datasheet
190Kb / 15P
   HIGH-SPEED 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT709289L RENESAS-IDT709289L Datasheet
335Kb / 17P
   HIGH-SPEED 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com