Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP3 Datasheet(PDF) 2 Page - Copal Electronics

Part # DP3
Description  Directing Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP3 Datasheet(HTML) 2 Page - Copal Electronics

  DP3 Datasheet HTML 1Page - Copal Electronics DP3 Datasheet HTML 2Page - Copal Electronics DP3 Datasheet HTML 3Page - Copal Electronics DP3 Datasheet HTML 4Page - Copal Electronics DP3 Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DP1
∼3
■Structure
123
■Cap Shape
Fig.
Cap shape
0
Standard
1DP2 Wide cap
2DP1 Wide cap
■Cap Color
Code
CG
B
O
Color
Clear
Gray
Blue
Orange
Code
RK
Y
W
Color
Red
Black
Yellow
White
DP
2
− 1
0
1
B
R
L2
− Z
Series
Code
Number
of Poles
Cap
Shape
Contact
Plating
Number
of LED
Silver Plated
GoldPlated
None
Code
ContactPlating
Structure
Cap Color
LED Color
B
■LED SpeciÄcations
Color
Code
IF
VF
VR
nom.
max.
Red
L2
20mA
2.1V
2.8V
DC4V
Green
L5
25mA
2.1V
2.8V
DC4V
Yellow
L8
25mA
2.1V
2.8V
DC4V
Red & Red
L22
20mA
2.1V
2.8V
DC4V
Red & Green
L25
Red 20mA
Green 25mA
2.1V
2.8V
DC4V
■Part Numbering
Part No.
Switching function
 DP1−100−Z
☆DP1−100B−Z
 DP1−120−Z
★DP1−120B−Z
OFF
(ON)
Connecting terminals
̶
1
− 2
DP1
SPST
Without LED
(Non-illuminated)
4
5
6.5
3.7
C0.5
(0.8)
Stroke
(2)
(1)
Epoxy seal
FUJISOKU
4-0.7
5.08
□12.4±0.2
5
6.5
3.7
Stroke
4
(0.8)
(2)
(1)
4-0.7
5.08
□12.4±0.2
Epoxy seal
FUJISOKU
☆:Semi-standard products.
★:Made to order products.
(ON)
:Momentary


Similar Part No. - DP3

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
DP3 JAE-DP3 Datasheet
650Kb / 7P
   Thunderbolt Compatible Connector
logo
Grayhill, Inc
DP3 GRAYHILL-DP3 Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
List of Unclassifed Man...
DP30 ETC1-DP30 Datasheet
42Kb / 2P
   STUD-BASE SILICON RECTIFIER DIODES TYPE PCN/PCRO30 30AMPERES AVERAGE : UP TO 1600 VOLTS V-RRM
logo
Power-One
DP3020-7R POWER-ONE-DP3020-7R Datasheet
72Kb / 5P
   120...195 Watt DC-DC Converters
DP3020-9R POWER-ONE-DP3020-9R Datasheet
980Kb / 24P
   90 - 195 Watt DC-DC Converters
More results

Similar Description - DP3

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
BZ-2RQ-A2 HONEYWELL-ACC-BZ-2RQ-A2 Datasheet
515Kb / 9P
   Manual Switches Sealed Toggle Switches
logo
Elektron Components Ltd...
MP0025 BULGIN-MP0025 Datasheet
1Mb / 24P
   Switches
logo
Honeywell Accelerometer...
CSNX25 HONEYWELL-ACC-CSNX25 Datasheet
515Kb / 9P
   Manual Switches Sealed Toggle Switches
HIH-4010-001 HONEYWELL-ACC-HIH-4010-001 Datasheet
515Kb / 9P
   Manual Switches Sealed Toggle Switches
BZ-2RW822244-A2 HONEYWELL-ACC-BZ-2RW822244-A2 Datasheet
520Kb / 9P
   Manual Switches Sealed Toggle Switches
HPX030GD HONEYWELL-ACC-HPX030GD Datasheet
515Kb / 9P
   Manual Switches Sealed Toggle Switches
logo
Honeywell Solid State E...
AML53-T20BB HONEYWELL-AML53-T20BB Datasheet
553Kb / 4P
   Manual Switches Covers for Paddle Switches
logo
List of Unclassifed Man...
KM211 ETC-KM211 Datasheet
48Kb / 2P
   Threshold switches
logo
E-SWITCH
R6ABLKBLKAF E-SWITCH-R6ABLKBLKAF Datasheet
106Kb / 2P
   ROCKER SWITCHES
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com