Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT-6EMP Datasheet(PDF) 6 Page - Copal Electronics

Part # CT-6EMP
Description  SINGLE TURN CERMET TRIMMERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CT-6EMP Datasheet(HTML) 6 Page - Copal Electronics

  CT-6EMP Datasheet HTML 1Page - Copal Electronics CT-6EMP Datasheet HTML 2Page - Copal Electronics CT-6EMP Datasheet HTML 3Page - Copal Electronics CT-6EMP Datasheet HTML 4Page - Copal Electronics CT-6EMP Datasheet HTML 5Page - Copal Electronics CT-6EMP Datasheet HTML 6Page - Copal Electronics CT-6EMP Datasheet HTML 7Page - Copal Electronics CT-6EMP Datasheet HTML 8Page - Copal Electronics CT-6EMP Datasheet HTML 9Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
4.4
4.4
3
1
2
3 –
0.45
φ
7.6
5.52
0.3
Resistance code&
Production date code
0.6 W
× 2.6 L × 1.6 D
Lead-free Identification mark
5.8
72
3
1
2
2.5 2.5
260 Nom.
7
Resistance code &
Production date code
3 –
0.45
φ
0.6 W
× 2.6 L × 1.6 D
Lead-free Identification mark
CT-6
CERMET TRIMMERS
<Taping packaging specifications>
O Taping version is packaged in 1000 pcs. per reel.
Orders will be accepted for units of 1000 pcs., i.e., 1000,
2000, 3000 pcs., etc.
O Taping version (ammo pack type) is boxed with one reel
(1000 pcs.).
PACKAGING SPECIFICATIONS
Ammo pack type
O CT-6EF
Rear adjustment
O CT-6ER
Top adjustment
Semi-standard products
Semi-standard products
CW rotation
1
2
3
#1 terminal
Direction of feed
Direction of feed
#3 terminal
330
330
Ammo Pack
O Package size: 330 mm × 330 mm × 45 mm
O The leader and end of the tape have an empty part of
minimum 300 mm respectively.
O There are two tape outlets on the package for different terminal
alignment directions, for which details refer to the sketch above.
(e.g.) When the tape is fed from the right outlet marked
3, #3
terminal comes out first.
O Gross weight of the boxing version ETV : Approx. 840 g
ETH : Approx. 930 g
ETP : Approx. 850 g
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)


Similar Part No. - CT-6EMP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CT-6EN ETC2-CT-6EN Datasheet
216Kb / 9P
   SINGLE TURN CERMET TRIMMERS
CT-6EP ETC2-CT-6EP Datasheet
216Kb / 9P
   SINGLE TURN CERMET TRIMMERS
CT-6ES ETC2-CT-6ES Datasheet
216Kb / 9P
   SINGLE TURN CERMET TRIMMERS
CT-6ETV5K ETC2-CT-6ETV5K Datasheet
216Kb / 9P
   SINGLE TURN CERMET TRIMMERS
CT-6EV ETC2-CT-6EV Datasheet
216Kb / 9P
   SINGLE TURN CERMET TRIMMERS
More results

Similar Description - CT-6EMP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CT6EP102 ETC2-CT6EP102 Datasheet
216Kb / 9P
   SINGLE TURN CERMET TRIMMERS
logo
Copal Electronics
FT63EP100 COPAL-FT63EP100 Datasheet
161Kb / 7P
   SINGLE TURN CERMET TRIMMERS
CT6EP103 COPAL-CT6EP103 Datasheet
180Kb / 9P
   SINGLE TURN CERMET TRIMMERS
logo
List of Unclassifed Man...
RJ-13SR102 ETC2-RJ-13SR102 Datasheet
121Kb / 4P
   SINGLE TURN CERMET TRIMMERS
logo
Copal Electronics
RJ-4 COPAL-RJ-4 Datasheet
270Kb / 3P
   SINGLE TURN CERMET TRIMMERS
logo
List of Unclassifed Man...
RJ-6S205 ETC2-RJ-6S205 Datasheet
120Kb / 4P
   SINGLE TURN CERMET TRIMMERS
logo
Copal Electronics
FT-63 COPAL-FT-63 Datasheet
161Kb / 7P
   SINGLE TURN CERMET TRIMMERS
logo
List of Unclassifed Man...
CT-6ETV5K ETC2-CT-6ETV5K Datasheet
216Kb / 9P
   SINGLE TURN CERMET TRIMMERS
CT6EP501 ETC2-CT6EP501 Datasheet
216Kb / 9P
   SINGLE TURN CERMET TRIMMERS
logo
Copal Electronics
FT63ETH100 COPAL-FT63ETH100 Datasheet
161Kb / 7P
   SINGLE TURN CERMET TRIMMERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com