Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS8761CYLNT Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS8761CYLNT
Description  LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8761CYLNT Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS8761CYLNT Datasheet HTML 2Page - Integrated Circuit Systems ICS8761CYLNT Datasheet HTML 3Page - Integrated Circuit Systems ICS8761CYLNT Datasheet HTML 4Page - Integrated Circuit Systems ICS8761CYLNT Datasheet HTML 5Page - Integrated Circuit Systems ICS8761CYLNT Datasheet HTML 6Page - Integrated Circuit Systems ICS8761CYLNT Datasheet HTML 7Page - Integrated Circuit Systems ICS8761CYLNT Datasheet HTML 8Page - Integrated Circuit Systems ICS8761CYLNT Datasheet HTML 9Page - Integrated Circuit Systems ICS8761CYLNT Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
8761CY
www.icst.com/products/hiperclocks.html
REV. C SEPTEMBER 7, 2004
6
Integrated
Circuit
Systems, Inc.
ICS8761
LOW VOLTAGE, LOW SKEW,
PCI / PCI-X CLOCK GENERATOR
TABLE 5A. AC CHARACTERISTICS, V
DD = VDDA = VDDOX = 3.3V±5%, T
A
= 0°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
X
A
M
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
7
6
.
6
6
1z
H
M
)
Ø
(
t7
,
1
E
T
O
N
;
t
e
s
f
f
O
e
s
a
h
P
c
i
t
a
t
Sz
H
M
0
5
=
f0
5
1
-0
5
1s
p
t
)
b
(
k
s6
,
2
E
T
O
N
;
w
e
k
S
k
n
a
B
0
4s
p
t
)
o
(
k
s6
,
3
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
0
3
2s
p
t
)
c
c
(
t
ij6
;
r
e
t
t
i
J
e
l
c
y
C
-
o
t
-
e
l
c
y
C
7
,
4
E
T
O
N
;
z
H
M
0
5
=
f0
7s
p
,
L
A
T
X
z
H
M
5
2
=
f
t
u
o
z
H
M
3
.
3
3
1
0
9
1s
p
t
)
r
e
p
(
t
ij8
,
7
,
6
,
4
E
T
O
N
;
S
M
R
,
r
e
t
t
i
J
d
o
i
r
e
P
7
1s
p
t
L
e
m
i
T
k
c
o
L
L
L
P
1s
m
t
R
e
m
i
T
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
0
30
0
8s
p
t
F
e
m
i
T
ll
a
F
t
u
p
t
u
O%
0
8
o
t
%
0
20
0
30
0
8s
p
c
d
o7
,
5
E
T
O
N
;
e
l
c
y
C
y
t
u
D
t
u
p
t
u
O
5
45
5%
l
a
n
g
i
s
t
u
p
n
i
k
c
a
b
d
e
e
f
e
g
a
r
e
v
a
e
h
t
d
n
a
k
c
o
l
c
e
c
n
e
r
e
f
e
r
t
u
p
n
i
e
h
t
n
e
e
w
t
e
b
e
c
n
e
r
e
f
f
i
d
e
m
i
t
e
h
t
s
a
d
e
n
i
f
e
D
:
1
E
T
O
N
V
m
o
r
f
d
e
r
u
s
a
e
M
.
e
l
b
a
t
s
s
i
y
c
n
e
u
q
e
r
f
e
c
n
e
r
e
f
e
r
t
u
p
n
i
e
h
t
d
n
a
d
e
k
c
o
l
s
i
L
L
P
e
h
t
n
e
h
w
D
D
o
t
t
u
p
n
i
e
h
t
f
o
2
/
V
x
O
D
D
.
t
u
p
t
u
o
e
h
t
f
o
2
/
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
s
e
g
a
t
l
o
v
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
f
o
k
n
a
b
a
n
i
h
t
i
w
w
e
k
s
s
a
d
e
n
i
f
e
D
:
2
E
T
O
N
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
3
E
T
O
N
V
t
a
d
e
r
u
s
a
e
M
x
O
D
D
.
2
/
.
s
t
u
p
n
i
S
O
M
C
V
L
g
n
i
s
u
e
c
n
a
m
r
o
f
r
e
p
r
e
t
t
i
J
:
4
E
T
O
N
.
e
t
o
N
n
o
i
t
a
c
il
p
p
A
o
t
r
e
f
e
r
,
t
u
p
n
i
L
A
T
X
r
o
F
.
K
L
C
_
F
E
R
g
n
i
s
u
d
e
r
u
s
a
e
M
:
5
E
T
O
N
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
6
E
T
O
N
.
)
6
y
b
e
d
i
v
i
d
(
0
0
=
L
E
S
_
V
I
D
B
F
;
)
6
y
b
e
d
i
v
i
d
(
0
1
=
X
X
L
E
S
_
D
h
t
i
w
d
e
t
s
e
T
:
7
E
T
O
N
.
e
u
l
a
v
S
M
R
n
a
s
a
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
8
E
T
O
N


Similar Part No. - ICS8761CYLNT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8761I IDT-ICS8761I Datasheet
290Kb / 16P
   LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
More results

Similar Description - ICS8761CYLNT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8761I IDT-ICS8761I Datasheet
290Kb / 16P
   LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
logo
Renesas Technology Corp
8761I RENESAS-8761I Datasheet
877Kb / 18P
   Low Voltage, Low Skew, PCI / PCI-X Clock Generator
October 31, 2017
87604I RENESAS-87604I Datasheet
393Kb / 14P
   Low Voltage/Low Skew, 1:4 PCI/PCI-X Zero Delay Clock Generator
11/11/15
logo
List of Unclassifed Man...
ICS87608I ETC-ICS87608I Datasheet
152Kb / 12P
   LOW VOLTAGE/LOW SKEW, 1:8 PCI/PCI-X ZERO DELAY CLOCK GENERATOR
logo
Renesas Technology Corp
87608I RENESAS-87608I Datasheet
353Kb / 16P
    bLow Voltage/Low Skew, 1:8 PCI/PCI-X Zero Delay clock Generator
January 25, 2016
ICS9112-27 RENESAS-ICS9112-27 Datasheet
84Kb / 8P
   Low Skew PCI / PCI-X Buffer
08/12/15
logo
Integrated Device Techn...
ICS2304NZ-1 IDT-ICS2304NZ-1 Datasheet
133Kb / 11P
   LOW SKEW PCI/PCI-X BUFFER
logo
Integrated Circuit Syst...
ICS2304NZ-1 ICST-ICS2304NZ-1 Datasheet
181Kb / 10P
   LOW SKEW PCI/PCI-X BUFFER
logo
Renesas Technology Corp
ICS2304NZ-1 RENESAS-ICS2304NZ-1 Datasheet
284Kb / 12P
   LOW SKEW PCI/PCI-X BUFFER
110110
logo
Integrated Circuit Syst...
ICS9112-27 ICST-ICS9112-27 Datasheet
230Kb / 8P
   Low Skew PCI / PCI-X Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com