Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ET320L12-Z Datasheet(PDF) 3 Page - Copal Electronics

Part # ET320L12-Z
Description  Standard Size Toggle Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ET320L12-Z Datasheet(HTML) 3 Page - Copal Electronics

  ET320L12-Z Datasheet HTML 1Page - Copal Electronics ET320L12-Z Datasheet HTML 2Page - Copal Electronics ET320L12-Z Datasheet HTML 3Page - Copal Electronics ET320L12-Z Datasheet HTML 4Page - Copal Electronics ET320L12-Z Datasheet HTML 5Page - Copal Electronics ET320L12-Z Datasheet HTML 6Page - Copal Electronics ET320L12-Z Datasheet HTML 7Page - Copal Electronics ET320L12-Z Datasheet HTML 8Page - Copal Electronics ET320L12-Z Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Part No.
Appearance
No. of
poles
Rating
Switching function
Terminal style
Page
ET325
3
AC125V 25A
AC250V 15A
ON
ON
ON
− OFF −
OFF
ON
ON
Solder
424
ET425
4
427
ET206
2
AC125V
6A
ON
OFF Solder
421
AC125V
6A
AC250V
2A
ON
ON
ET220
2
AC125V 20A
AC250V 12A
ON
ON
OFF
ON
ON
ON
(ON)
ON
− OFF −
− OFF −
− OFF −
OFF
(OFF)
(ON)
ON
ON
(ON)
(ON)
(ON)
TAB # 250
Screw(M4×0.7)
Solder
423
ET230
2
AC125V 30A
AC250V 25A
ON
ON
ON
− OFF −
OFF
ON
ON
Screw(M4.5×0.75)
423
ET330
3
Solder
425
ET310
3
AC125V 10A
AC250V
7A
ON
ON
ON
− OFF −
OFF
ON
ON
TAB # 250
Solder
424
ET410
4
Solder
425
ET410
Plate type
ON
(ON)
ON
− OFF −
− OFF −
(ON)
(ON)
(ON)
ET420
4
AC125V 20A
AC250V 12A
ON
ON
ON
− OFF −
OFF
ON
ON
426
ET420
Plate type
427
ET610N
Plate type
6
AC125V 10A
AC250V
7A
ON
ON
427
ET620N
Plate type
6
AC125V 20A
AC250V 12A
ON
ON
428
● Ratings are based on resistance load.
● Refer to P.428 for UL-recognized and CSA, PSE
(ON)
and(OFF):Momentary.
Solder Terminal
Solder Terminal
Solder Terminal
Solder Terminal
Solder Terminal
Solder Terminal
Screw Terminal(M4×0.7)
Screw Terminal(M4.5×0.75)


Similar Part No. - ET320L12-Z

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ET30-103 VISHAY-ET30-103 Datasheet
356Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
ET30-104 VISHAY-ET30-104 Datasheet
356Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
ET30-105 VISHAY-ET30-105 Datasheet
356Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
ET30-203 VISHAY-ET30-203 Datasheet
356Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
ET30-254 VISHAY-ET30-254 Datasheet
356Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
More results

Similar Description - ET320L12-Z

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
ET_SERIES COPAL-ET_SERIES Datasheet
2Mb / 14P
   Standard Size Toggle Switch
logo
Coilcraft lnc.
8A1011-Z COILCRAFT-8A1011-Z Datasheet
459Kb / 2P
   STANDARD TOGGLE SWITCH
logo
Honeywell Solid State E...
2NT1-72 HONEYWELL-2NT1-72 Datasheet
131Kb / 1P
   SWITCH - TOGGLE
logo
CW Industries
GTS448F301AHR CWIND-GTS448F301AHR Datasheet
1Mb / 1P
   TOGGLE SWITCH
GTS448K101AHR CWIND-GTS448K101AHR Datasheet
987Kb / 1P
   TOGGLE SWITCH
GTS448E101AHR CWIND-GTS448E101AHR Datasheet
965Kb / 1P
   TOGGLE SWITCH
logo
Honeywell Accelerometer...
2TL1-7 HONEYWELL-ACC-2TL1-7 Datasheet
176Kb / 1P
   SWITCH - TOGGLE
2TL1-3D HONEYWELL-ACC-2TL1-3D Datasheet
228Kb / 1P
   SWITCH - TOGGLE
logo
List of Unclassifed Man...
14TL1-1A ETC2-14TL1-1A Datasheet
128Kb / 1P
   SWITCH-TOGGLE
logo
Tyco Electronics
4-1437558-8 MACOM-4-1437558-8 Datasheet
487Kb / 3P
   TOGGLE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com