Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS72616KTTRG3 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS72616KTTRG3
Description  LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS72616KTTRG3 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS72616KTTRG3 Datasheet HTML 5Page - Texas Instruments TPS72616KTTRG3 Datasheet HTML 6Page - Texas Instruments TPS72616KTTRG3 Datasheet HTML 7Page - Texas Instruments TPS72616KTTRG3 Datasheet HTML 8Page - Texas Instruments TPS72616KTTRG3 Datasheet HTML 9Page - Texas Instruments TPS72616KTTRG3 Datasheet HTML 10Page - Texas Instruments TPS72616KTTRG3 Datasheet HTML 11Page - Texas Instruments TPS72616KTTRG3 Datasheet HTML 12Page - Texas Instruments TPS72616KTTRG3 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
P
D
max
+ VI(avg) * VO(avg)
I
O(avg) )
V
I(avg)
x I
(Q)
A
B
C
TJ
A
RθJC
TC
B
RθCS
TA
C
RθSA
(a)
(b)
DDPAK Package
SOT223 Package
CIRCUIT BOARD COPPER AREA
B
A
C
T
J +
T
A )
P
Dmax x R
θJC ) RθCS ) RθSA
TPS726126
TPS72615, TPS72616
TPS72618, TPS72625
www.ti.com
SLVS403H – MAY 2002 – REVISED JUNE 2010
In general, the maximum expected power (PD(max)) consumed by a linear regulator is computed as:
(1)
Where:
VI(avg) is the average input voltage.
VO(avg) is the average output voltage.
O(avg) is the average output current.
I(Q) is the quiescent current.
For most TI LDO regulators, the quiescent current is insignificant compared to the average output current;
therefore, the term VI(avg) x I(Q) can be neglected. The operating junction temperature is computed by adding the
ambient temperature (TA) and the increase in temperature due to the regulator's power dissipation. The
temperature rise is computed by multiplying the maximum expected power dissipation by the sum of the thermal
resistances between the junction and the case ®qJC), the case to heatsink ®qCS), and the heatsink to ambient
®qSA). Thermal resistances are measures of how effectively an object dissipates heat. Typically, the larger the
device, the more surface area available for power dissipation and the lower the object's thermal resistance.
Figure 19 illustrates these thermal resistances for (a) a SOT223 package mounted in a JEDEC low-K board, and
(b) a DDPAK package mounted on a JEDEC high-K board.
Figure 19. Thermal Resistances
Equation 2 summarizes the computation:
(2)
The RqJC is specific to each regulator as determined by its package, lead frame, and die size provided in the
regulator's data sheet. The RqSA is a function of the type and size of heatsink. For example, black body radiator
type heatsinks can have RqCS values ranging from 5°C/W for very large heatsinks to 50°C/W for very small
heatsinks. The RqCS is a function of how the package is attached to the heatsink. For example, if a thermal
compound is used to attach a heatsink to a SOT223 package, RqCSof 1°C/W is reasonable.
Even if no external black body radiator type heatsink is attached to the package, the board on which the
regulator is mounted provides some heatsinking through the pin solder connections. Some packages, like the
DDPAK and SOT223 packages, use a copper plane underneath the package or the circuit board's ground plane
for additional heatsinking to improve their thermal performance. Computer-aided thermal modeling can be used
to compute very accurate approximations of an integrated circuit's thermal performance in different operating
environments (e.g., different types of circuit boards, different types and sizes of heatsinks, and different air flows,
etc.). Using these models, the three thermal resistances can be combined into one thermal resistance between
junction and ambient ®qJA). This RqJAis valid only for the specific operating environment used in the computer
model.
Copyright © 2002–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS726126 TPS72615 TPS72616 TPS72618 TPS72625


Similar Part No. - TPS72616KTTRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72616KTTRG3 TI-TPS72616KTTRG3 Datasheet
740Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
More results

Similar Description - TPS72616KTTRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS726126 TI-TPS726126 Datasheet
445Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI-TPS72501_07 Datasheet
716Kb / 22P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI1-TPS72501_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72615 TI-TPS72615 Datasheet
441Kb / 15P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI-TPS72501_15 Datasheet
1,010Kb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72616DCQRG4 TI-TPS72616DCQRG4 Datasheet
740Kb / 23P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
TPS72501 TI-TPS72501 Datasheet
535Kb / 18P
[Old version datasheet]   LOW INPUT VOLTAGE, 1-A LOW-DROPOUT LINEAR REGULATORS WITH SUPERVISOR
logo
ams AG
AS1353 AMSCO-AS1353_04 Datasheet
726Kb / 14P
   Linear Low-Dropout 150mA Voltage Regulators
AS1353 AMSCO-AS1353 Datasheet
80Kb / 2P
   Linear Low-Dropout 150mA Voltage Regulators
logo
Unisonic Technologies
LD3117 UTC-LD3117 Datasheet
219Kb / 4P
   500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com