Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM1086CSX-3.3 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1086CSX-3.3
Description  1.5A Low Dropout Positive Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1086CSX-3.3 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM1086CSX-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LM1086CSX-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LM1086CSX-3.3 Datasheet HTML 9Page - National Semiconductor (TI) LM1086CSX-3.3 Datasheet HTML 10Page - National Semiconductor (TI) LM1086CSX-3.3 Datasheet HTML 11Page - National Semiconductor (TI) LM1086CSX-3.3 Datasheet HTML 12Page - National Semiconductor (TI) LM1086CSX-3.3 Datasheet HTML 13Page - National Semiconductor (TI) LM1086CSX-3.3 Datasheet HTML 14Page - National Semiconductor (TI) LM1086CSX-3.3 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Typical Applications
10094849
5V to 3.3V, 1.5A Regulator
10094850
Adjustable @ 5V
10094852
1.2V to 15V Adjustable Regulator
10094853
5V Regulator with Shutdown
10094854
Battery Charger
10094855
Adjustable Fixed Regulator
10094856
Regulator with Reference
10094857
High Current Lamp Driver Protection
www.national.com
11


Similar Part No. - LM1086CSX-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1086CSX-3.3 TI-LM1086CSX-3.3 Datasheet
2Mb / 24P
[Old version datasheet]   Available in 1.8V, 2.5V, 2.85V, 3.3V, 3.45V, 5V and Adjustable Versions
LM1086CSX-3.3/NOPB TI1-LM1086CSX-3.3/NOPB Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
LM1086CSX-3.3/NOPB TI1-LM1086CSX-3.3/NOPB Datasheet
2Mb / 24P
[Old version datasheet]   LM1086IT-5.0-NOPB
LM1086CSX-3.3/NOPB TI1-LM1086CSX-3.3/NOPB Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
LM1086CSX-3.3/NOPB TI1-LM1086CSX-3.3/NOPB Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
More results

Similar Description - LM1086CSX-3.3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8386X-XX MICROSEMI-LX8386X-XX Datasheet
283Kb / 11P
   1.5A Low Dropout Positive Regulators
logo
Texas Instruments
LM1086IS-33 TI1-LM1086IS-33 Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
logo
Linear Technology
RH1086K LINER-RH1086K_15 Datasheet
68Kb / 2P
   1.5A/0.5A Low Dropout Positive Regulators
RH1086K LINER-RH1086K Datasheet
62Kb / 2P
   1.5A/0.5A Low Dropout Positive Regulators
logo
Texas Instruments
LM1086IT-3.3 TI1-LM1086IT-3.3 Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
logo
Linear Technology
RH1086M LINER-RH1086M_1 Datasheet
89Kb / 6P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M_15 Datasheet
94Kb / 6P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M Datasheet
164Kb / 4P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
logo
Unisonic Technologies
L1119 UTC-L1119_12 Datasheet
168Kb / 4P
   1.5A LOW DROPOUT REGULATORS
L1119 UTC-L1119 Datasheet
165Kb / 7P
   1.5A LOW DROPOUT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com