Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS254900-Q1 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS254900-Q1
Description  Automotive USB Host Charger With Short-to-VBATT Protection
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS254900-Q1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS254900-Q1 Datasheet HTML 9Page - Texas Instruments TPS254900-Q1 Datasheet HTML 10Page - Texas Instruments TPS254900-Q1 Datasheet HTML 11Page - Texas Instruments TPS254900-Q1 Datasheet HTML 12Page - Texas Instruments TPS254900-Q1 Datasheet HTML 13Page - Texas Instruments TPS254900-Q1 Datasheet HTML 14Page - Texas Instruments TPS254900-Q1 Datasheet HTML 15Page - Texas Instruments TPS254900-Q1 Datasheet HTML 16Page - Texas Instruments TPS254900-Q1 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
13
TPS254900-Q1
www.ti.com
SLUSCO9A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: TPS254900-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
TA = 25°C, V(IN) = 5 V, V(EN) = 5 V, V(CTL1) = V(CTL2) = 5 V, FAULT and STATUS connect to V(IN) via a 10-kΩ pullup resistor
(unless stated otherwise)
R(ILIM_LO) = 80.6 kΩ
t = 1 s/div
Figure 26. Load-Detection Reset Time
t = 4 ms/div
Figure 27. OUT Short to Battery
t = 100 ms/div
Figure 28. OUT Short-to-Battery Recovery
t = 4 ms/div
Figure 29. DP_IN Short to Battery
R(BIAS) = 5.1 kΩ
t = 100 ms/div
Figure 30. DP_IN Short-to-Battery Recovery
R(BIAS) = 5.1 kΩ
t = 4 ms/div
Figure 31. DP_IN Short to VBUS


Similar Part No. - TPS254900-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS254900A-Q1 TI1-TPS254900A-Q1 Datasheet
2Mb / 39P
[Old version datasheet]   Automotive USB Host Charger With Short-to-VBATT Protection
TPS254900AIRVCRQ1 TI1-TPS254900AIRVCRQ1 Datasheet
2Mb / 39P
[Old version datasheet]   Automotive USB Host Charger With Short-to-VBATT Protection
TPS254900AIRVCTQ1 TI1-TPS254900AIRVCTQ1 Datasheet
2Mb / 39P
[Old version datasheet]   Automotive USB Host Charger With Short-to-VBATT Protection
More results

Similar Description - TPS254900-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS254900A-Q1 TI1-TPS254900A-Q1 Datasheet
2Mb / 39P
[Old version datasheet]   Automotive USB Host Charger With Short-to-VBATT Protection
TPD3S713-Q1 TI1-TPD3S713-Q1 Datasheet
3Mb / 32P
[Old version datasheet]   TPD3S713-Q1 Automotive USB 2.0 Interface Protection with Adjustable Current Limit and Short-to-VBATT Protection
logo
Maxim Integrated Produc...
MAX20461 MAXIM-MAX20461 Datasheet
1Mb / 65P
   Automotive High-Current Step-Down Converter with USB-C Protection/Host Charger
Rev 4; 12/20
logo
Analog Devices
MAX25460 AD-MAX25460 Datasheet
1Mb / 48P
   Automotive 1.5A Step-Down Converter with USB Protection/Host Charger Adapter Emulator
19-101710; Rev 0; 6/23
logo
Texas Instruments
TPD3S713-Q1 TI-TPD3S713-Q1_V01 Datasheet
2Mb / 38P
[Old version datasheet]   TPD3S713-Q1 and TPD3S713A-Q1 Automotive USB 2.0 Interface Protection With Adjustable Current Limit and Short-to-VBATT Protection
REVISED APRIL 2023
logo
Maxim Integrated Produc...
MAX16984A MAXIM-MAX16984A Datasheet
988Kb / 36P
   Automotive High-Current Step-Down Converter with USB Protection/Host Charger Adapter Emulator
Rev 2; 12/20
MAX16984 MAXIM-MAX16984 Datasheet
396Kb / 7P
   Automotive High-Current Step-Down Converter with USB Protection/Host Charger Adapter Emulator
Rev 6; 5/18
logo
Dialog Semiconductor
SLG55570A DIALOG-SLG55570A Datasheet
160Kb / 9P
   USB Host Charger Identification
SLG55593 DIALOG-SLG55593 Datasheet
171Kb / 10P
   USB Host Charger Identification
SLG55584 DIALOG-SLG55584 Datasheet
155Kb / 10P
   USB Host Charger Identification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com