Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS76338DBVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76338DBVT
Description  LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76338DBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS76338DBVT Datasheet HTML 6Page - Texas Instruments TPS76338DBVT Datasheet HTML 7Page - Texas Instruments TPS76338DBVT Datasheet HTML 8Page - Texas Instruments TPS76338DBVT Datasheet HTML 9Page - Texas Instruments TPS76338DBVT Datasheet HTML 10Page - Texas Instruments TPS76338DBVT Datasheet HTML 11Page - Texas Instruments TPS76338DBVT Datasheet HTML 12Page - Texas Instruments TPS76338DBVT Datasheet HTML 13Page - Texas Instruments TPS76338DBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
TPS76301, TPS76316, TPS76318, TPS76325, TPS76327
TPS76328, TPS76330, TPS76333, TPS76338, TPS76350
LOW POWER 150mA LOW DROPOUT LINEAR REGULATORS
SLVS181H − DECEMBER 1998 − REVISED JANUARY 2004
www.ti.com
10
TYPICAL CHARACTERISTICS
Figure 12
4
2
3
1
0
−20
20
TPS76318
LINE TRANSIENT RESPONSE
t − Time −
µs
060
40
20
80
100
140
120
160
180 200
−30
CO = 4.7 µF
ESR = 0.25
TJ = 25°C
dv
dt
+ 1V
10
ms
5
Figure 13
50
−50
0
−100
100
0
200
t − Time −
µs
CO = 4.7 µF
ESR = 0.25
TJ = 25°C
TPS76318
LOAD TRANSIENT RESPONSE
060
40
20
80
100
140
120
160
180 200
−150
Figure 14
5
−50
0
−100
7
6
8
TPS76350
LINE TRANSIENT RESPONSE
t − Time −
µs
0
150
100
50
200
250
350
300
400
450 500
50
dv
dt
+ 1V
10
ms
CO = 4.7 µF
ESR = 0.25
TJ = 25°C
Figure 15
150
−100
100
200
0
100
0
t − Time −
µs
CO = 4.7 µF
ESR = 0.25
TJ = 25°C
TPS76350
LOAD TRANSIENT RESPONSE
060
40
20
80
100
140
120
160
180 200
−200
TPS76327 is Obsolete


Similar Part No. - TPS76338DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76338DBVT TI-TPS76338DBVT Datasheet
305Kb / 20P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76338DBVTG4 TI-TPS76338DBVTG4 Datasheet
305Kb / 20P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS76338DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76301 TI-TPS76301 Datasheet
305Kb / 20P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301-Q1 TI1-TPS76301-Q1 Datasheet
337Kb / 19P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS763-Q1 TI1-TPS763-Q1_16 Datasheet
1,021Kb / 24P
[Old version datasheet]   Low-Power, 150-mA, Low-Dropout Linear Regulators
TPS76430DBVTG4 TI-TPS76430DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI-TPS76425 Datasheet
235Kb / 15P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76433DBVTG4 TI-TPS76433DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS764 TI-TPS764_15 Datasheet
417Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI1-TPS76425_08 Datasheet
439Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76133DBVRG4 TI-TPS76133DBVRG4 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76030 TI-TPS76030 Datasheet
216Kb / 11P
[Old version datasheet]   LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com