Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS76650 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS76650
Description  ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76650 Datasheet(HTML) 3 Page - Texas Instruments

  TPS76650 Datasheet HTML 1Page - Texas Instruments TPS76650 Datasheet HTML 2Page - Texas Instruments TPS76650 Datasheet HTML 3Page - Texas Instruments TPS76650 Datasheet HTML 4Page - Texas Instruments TPS76650 Datasheet HTML 5Page - Texas Instruments TPS76650 Datasheet HTML 6Page - Texas Instruments TPS76650 Datasheet HTML 7Page - Texas Instruments TPS76650 Datasheet HTML 8Page - Texas Instruments TPS76650 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ELECTRICAL CHARACTERISTICS
LineReg.(mV)=(%/V) ´
´ 1000
V (V
2.7V)
O
imax -
100
LineReg.(mV)=(%/V) ´
´ 1000
V (V
(V +1V))
O
imax -
O
100
TPS76615
,, TPS76618,, TPS76625
TPS76627, TPS76628, TPS76630
TPS76633, TPS76650, TPS76601
www.ti.com................................................................................................................................................. SLVS237C – AUGUST 1999 – REVISED JANUARY 2009
Over recommended operating free-air temperature range, Vi = VO(typ) + 1 V, IO = 10 µA, EN = 0 V, CO = 4.7 µF (unless
otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
5.5 V
≥ VO ≥ 1.25 V,
TJ = +25°C
VO
TPS76601
5.5 V
≥ VO ≥ 1.25 V,
TJ = –40°C to +125°C
0.97 VO
1.03 VO
TJ = +25°C,
2.7 V < VIN < 10 V
1.5
TPS76615
TJ = –40°C to +125°C,
2.7 V < VIN < 10 V
1.455
1.545
TJ = +25°C,
2.8 V < VIN < 10 V
1.8
TPS76618
TJ = –40°C to +125°C,
2.8 V < VIN < 10 V
1.746
1.854
TJ = +25°C,
3.5 V < VIN < 10 V
2.5
TPS76625
TJ = –40°C to +125°C,
3.5 V < VIN < 10 V
2.425
2.575
TJ = +25°C,
3.7 V < VIN < 10 V
2.7
Output voltage
TPS76627
V
(10
µA to 250 mA load)(1)
TJ = –40°C to +125°C,
3.7 V < VIN < 10 V
2.619
2.781
TJ = +25°C,
3.8 V < VIN < 10 V
2.8
TPS76628
TJ = –40°C to +125°C,
3.8 V < VIN < 10 V
2.716
2.884
TJ = +25°C,
4.0 V < VIN < 10 V
3.0
TPS76630
TJ = –40°C to +125°C,
4.0 V < VIN < 10 V
2.910
3.090
TJ = +25°C,
4.3 V < VIN < 10 V
3.3
TPS76633
TJ = –40°C to +125°C,
4.3 V < VIN < 10 V
3.201
3.399
TJ = +25°C,
6.0 V < VIN < 10 V
5.0
TPS76650
TJ = –40°C to +125°C,
6.0 V < VIN < 10 V
4.850
5.150
10
µA < I
O < 250 mA,
TJ = +25°C
35
Quiescent current (GND current) EN = 0 V(1)
µA
IO = 250 mA,
TJ = –40°C to +125°C
50
Output voltage line regulation (
ΔVO/VO)
(1), (2)
VO + 1 V < VI ≤ 10 V,
TJ = +25°C
0.01
%/V
Load regulation
IO = 10 µA to 250 mA
0.5%
BW = 300 Hz to 50 kHz,
Output noise voltage
200
µVrms
CO = 4.7 µF,
TJ = +25°C
Output current limit
VO = 0 V
0.8
1.2
A
Thermal shutdown junction temperature
150
°C
TJ = +25°C
EN = VI,
1
µA
2.7 V < VI < 10 V
Standby current
TJ = –40°C to +125°C
EN = VI,
10
µA
2.7 V < VI < 10 V
FB input current
TPS76601
FB = 1.5 V
2
nA
High level enable input voltage
2.0
V
Low level enable input voltage
0.8
V
f = 1 kHz,
CO = 4.7 µF,
Power-supply ripple rejection(1)
63
dB
IO = 10 µA,
TJ = +25°C
(1)
Minimum IN operating voltage is 2.7 V or VO(typ) + 1 V, whichever is greater. Maximum IN voltage 10 V.
(2)
If VO ≥ 1.8 V then Vimin = 2.7 V, Vimax = 10 V:
If VO ≤ 2.5 V then Vimin = VO + 1 V, Vimax = 10 V:
Copyright © 1999–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS76615 TPS76618 TPS76625 TPS76627 TPS76628 TPS76630 TPS76633 TPS76650
TPS76601


Similar Part No. - TPS76650

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76650 TI-TPS76650 Datasheet
266Kb / 18P
[Old version datasheet]   ULTRA LOW QUIESCENT CURRENT 250-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS76650D TI-TPS76650D Datasheet
266Kb / 18P
[Old version datasheet]   ULTRA LOW QUIESCENT CURRENT 250-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS76650D TI1-TPS76650D Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
TPS76650D TI1-TPS76650D Datasheet
2Mb / 44P
[Old version datasheet]   TPS766 250-mA, 16-V Low-Dropout Voltage Regulator
REVISED DECEMBER 2023
TPS76650DG4 TI1-TPS76650DG4 Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS76650

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76601 TI1-TPS76601_13 Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
TPS76615 TI-TPS76615_15 Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
TPS76615 TI-TPS76615 Datasheet
266Kb / 18P
[Old version datasheet]   ULTRA LOW QUIESCENT CURRENT 250-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS76501-Q1 TI1-TPS76501-Q1 Datasheet
314Kb / 21P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATOR
TPS799-Q1 TI1-TPS799-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   200 mA, Low Quiescent Current, Ultralow Noise, High PSRR, Low Dropout, Linear Regulators
logo
Analog Devices
ADP160 AD-ADP160_12 Datasheet
528Kb / 24P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulators
Rev. G
logo
Microchip Technology
MCP1703T-3002E MICROCHIP-MCP1703T-3002E Datasheet
303Kb / 25P
   250 mA, 16V, Low Quiescent Current
12/08/06
MCP1703 MICROCHIP-MCP1703 Datasheet
396Kb / 24P
   250 mA, 16V, Low Quiescent Current
2007
logo
Texas Instruments
TPS79401 TI-TPS79401 Datasheet
487Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS794XX TI1-TPS794XX_16 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com