Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS76501D Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76501D
Description  ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76501D Datasheet(HTML) 5 Page - Texas Instruments

  TPS76501D Datasheet HTML 1Page - Texas Instruments TPS76501D Datasheet HTML 2Page - Texas Instruments TPS76501D Datasheet HTML 3Page - Texas Instruments TPS76501D Datasheet HTML 4Page - Texas Instruments TPS76501D Datasheet HTML 5Page - Texas Instruments TPS76501D Datasheet HTML 6Page - Texas Instruments TPS76501D Datasheet HTML 7Page - Texas Instruments TPS76501D Datasheet HTML 8Page - Texas Instruments TPS76501D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
TPS76515, TPS76518, TPS76525, TPS76527
TPS76528, TPS76530, TPS76533, TPS76550, TPS76501
ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
SLVS236 – AUGUST 1999
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical
characteristics
over
recommended
operating
free-air
temperature
range,
Vi = VO(typ) + 1 V, IO = 10 µA, EN = 0 V, CO = 4.7 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TPS76501
5.5 V
≥ VO ≥ 1.25 V, TJ = 25°C
VO
TPS76501
5.5 V
≥ VO ≥ 1.25 V, TJ = –40°C to 125°C
0.97VO
1.03VO
TPS76515
TJ = 25°C,
2.7 V < VIN < 10 V
1.5
TPS76515
TJ = –40°C to 125°C, 2.7 V < VIN < 10 V
1.455
1.545
TPS76518
TJ = 25°C,
2.8 V < VIN < 10 V
1.8
TPS76518
TJ = –40°C to 125°C, 2.8 V < VIN < 10 V
1.746
1.854
TPS76525
TJ = 25°C,
3.5 V < VIN < 10 V
2.5
TPS76525
TJ = –40°C to 125°C, 3.5 V < VIN < 10 V
2.425
2.575
Output voltage
(10
µA to 150 mA load)
TPS76527
TJ = 25°C,
3.7 V < VIN < 10 V
2.7
V
(10
µA to 150 mA load)
(see Note 2)
TPS76527
TJ = –40°C to 125°C, 3.7 V < VIN < 10 V
2.619
2.781
V
(see Note 2)
TPS76528
TJ = 25°C,
3.8 V < VIN < 10 V
2.8
TPS76528
TJ = –40°C to 125°C, 3.8 V < VIN < 10 V
2.716
2.884
TPS76530
TJ = 25°C,
4.0 V < VIN < 10 V
3.0
TPS76530
TJ = –40°C to 125°C, 4.0 V < VIN < 10 V
2.910
3.090
TPS76533
TJ = 25°C,
4.3 V < VIN < 10 V
3.3
TPS76533
TJ = –40°C to 125°C, 4.3 V < VIN < 10 V
3.201
3.399
TPS76550
TJ = 25°C,
6.0 V < VIN < 10 V
5.0
TPS76550
TJ = –40°C to 125°C, 6.0 V < VIN < 10 V
4.850
5.150
Quiescent current (GND current)
10
µA < IO < 150 mA, TJ = 25°C
35
µA
()
EN = 0V, (see Note 2)
IO = 150 mA,
TJ = –40°C to 125°C
50
µA
Output voltage line regulation (
∆VO/VO)
(see Notes 2 and 3)
VO + 1 V < VI ≤ 10 V, TJ = 25°C
0.01
%/V
Load regulation
IO = 10 µA to 150 mA
0.3%
Output noise voltage
BW = 300 Hz to 50 kHz,
CO = 4.7 µF,
TJ = 25°C
200
µVrms
Output current Limit
VO = 0 V
0.8
1.2
A
Thermal shutdown junction temperature
150
°C
Standby current
EN = VI,
TJ = 25°C,
2.7 V < VI < 10 V
1
µA
Standby current
EN = VI,
TJ = –40°C to 125°C
2.7 V < VI < 10 V
10
µA
FB input current
TPS76501
FB = 1.5 V
2
nA
High level enable input voltage
2.0
V
Low level enable input voltage
0.8
V
Power supply ripple rejection (see Note 2)
f = 1 kHz,
CO = 4.7 µF,
IO = 10 µA,
TJ = 25°C
63
dB
Minimum input voltage for valid PG
IO(PG) = 300µA
1.1
V
Trip threshold voltage
VO decreasing
92
98
%VO
PG
Hysteresis voltage
Measured at VO
0.5
%VO
Output low voltage
VI = 2.7 V,
IO(PG) = 1mA
0.15
0.4
V
Leakage current
V(PG) = 5 V
1
µA
Input current (EN)
EN = 0 V
–1
0
1
µA
Input current (EN)
EN = VI
–1
1
µA
NOTE: 2. Minimum IN operating voltage is 2.7 V or VO(typ) + 1 V, whichever is greater. Maximum IN voltage 10 V.
Obsolete Devices: TPS76501, TPS76525, TPS76528


Similar Part No. - TPS76501D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76501D TI-TPS76501D Datasheet
266Kb / 18P
[Old version datasheet]   ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS76501D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76515 TI-TPS76515 Datasheet
266Kb / 18P
[Old version datasheet]   ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS76615 TI-TPS76615 Datasheet
266Kb / 18P
[Old version datasheet]   ULTRA LOW QUIESCENT CURRENT 250-mA LOW-DROPOUT VOLTAGE REGULATORS
LP3986 TI1-LP3986 Datasheet
1Mb / 18P
[Old version datasheet]   Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators
logo
ON Semiconductor
NCP4682 ONSEMI-NCP4682_12 Datasheet
380Kb / 22P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
October, 2012 ??Rev. 3
NVTFS5826NL ONSEMI-NVTFS5826NL Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
NVTFS5820NL ONSEMI-NVTFS5820NL Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
July, 2011 ??Rev. 1
NCP4682 ONSEMI-NCP4682 Datasheet
445Kb / 22P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
logo
Texas Instruments
TPS76301 TI-TPS76301 Datasheet
305Kb / 20P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
logo
ON Semiconductor
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
logo
Texas Instruments
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com