Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS75718KTTT Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS75718KTTT
Description  TPS75701 FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75718KTTT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS75718KTTT Datasheet HTML 6Page - Texas Instruments TPS75718KTTT Datasheet HTML 7Page - Texas Instruments TPS75718KTTT Datasheet HTML 8Page - Texas Instruments TPS75718KTTT Datasheet HTML 9Page - Texas Instruments TPS75718KTTT Datasheet HTML 10Page - Texas Instruments TPS75718KTTT Datasheet HTML 11Page - Texas Instruments TPS75718KTTT Datasheet HTML 12Page - Texas Instruments TPS75718KTTT Datasheet HTML 13Page - Texas Instruments TPS75718KTTT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
TPS75715, TPS75718, TPS75725, TPS75733 WITH POWER GOOD AND
TPS75701 FAST TRANSIENT RESPONSE 3A LOW DROPOUT
VOLTAGE REGULATORS
SLVS306E − NOVEMBER 2000 − REVISED FEBRUARY 2009
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 10
0
50
100
150
200
250
2.5
3
3.5
4
4.5
5
TPS75701
DROPOUT VOLTAGE
vs
INPUT VOLTAGE
VI − Input Voltage − V
IO = 3 A
TJ = 25°C
TJ = −40°C
TJ = 125°C
Figure 11
0
50
100
150
200
250
−40 −25 −10
5
20
35
50
65
80
95 110 125
TJ − Junction Temperature − °C
TPS75733
DROPOUT VOLTAGE
vs
JUNCTION TEMPERATURE
IO = 3 A
VO = 3.3 V
Figure 12
2
3
4
1.5
2.5
3.5
23
MINIMUM REQUIRED INPUT VOLTAGE
vs
OUTPUT VOLTAGE
VO − Output Voltage − V
2.8
1.75
2.25
2.75
3.25
IO = 3 A
TJ = 125°C
TJ = 25°C
TJ = −40°C
3.8
0
−50
TPS75715
LINE TRANSIENT RESPONSE
t − Time −
µs
0
150
100
50
200 250
350
300
400 450 500
VO = 1.5 V
IO = 3 A
Co = 100 µF
2.8
−100
50
Figure 13


Similar Part No. - TPS75718KTTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75718KTTT TI-TPS75718KTTT Datasheet
366Kb / 25P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75718KTTT TI-TPS75718KTTT Datasheet
856Kb / 28P
[Old version datasheet]   TPS75701 FAST-TRANSIENT REONSE 3-A LOW-DROPOUR
TPS75718KTTTG3 TI-TPS75718KTTTG3 Datasheet
856Kb / 28P
[Old version datasheet]   TPS75701 FAST-TRANSIENT REONSE 3-A LOW-DROPOUR
More results

Similar Description - TPS75718KTTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75715 TI-TPS75715_15 Datasheet
836Kb / 29P
[Old version datasheet]   TPS75701 FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75715 TI-TPS75715 Datasheet
366Kb / 25P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201QPWPQ1 TI1-TPS75201QPWPQ1 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815Q TI-TPS76815Q Datasheet
279Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818 TI-TPS76818_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75301-Q1 TI1-TPS75301-Q1 Datasheet
557Kb / 31P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com