Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS75633KTT Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS75633KTT
Description  FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75633KTT Datasheet(HTML) 4 Page - Texas Instruments

  TPS75633KTT Datasheet HTML 1Page - Texas Instruments TPS75633KTT Datasheet HTML 2Page - Texas Instruments TPS75633KTT Datasheet HTML 3Page - Texas Instruments TPS75633KTT Datasheet HTML 4Page - Texas Instruments TPS75633KTT Datasheet HTML 5Page - Texas Instruments TPS75633KTT Datasheet HTML 6Page - Texas Instruments TPS75633KTT Datasheet HTML 7Page - Texas Instruments TPS75633KTT Datasheet HTML 8Page - Texas Instruments TPS75633KTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
www.ti.com
DETAILED DESCRIPTION
Pin Functions
Enable (EN)
Feedback (FB)
Input Voltage (IN)
Output Voltage (OUTPUT)
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATING TABLE
TPS75601, TPS75615
TPS75618, TPS75625
TPS75633
SLVS329C – JUNE 2001 – REVISED MARCH 2004
The TPS756xx family includes four fixed-output voltage regulators (1.5 V, 1.8 V, 2.5 V, and 3.3 V), and an
adjustable regulator, the TPS75601 (adjustable from 1.22 V to 5 V). The bandgap voltage is typically 1.22 V.
The EN terminal is an input which enables or shuts down the device. If EN is a low voltage level (< 0.7 V), the
device will be in shutdown or sleep mode. When EN goes to a high voltage level (> 2 V), the device will be
enabled.
FB is an input terminal used for the adjustable-output option and must be connected to the output terminal either
directly, in order to generate the minimum output voltage of 1.22 V, or through an external feedback resistor
divider for other output voltages. The FB connection should be as short as possible. It is essential to route it in
such a way to minimize/avoid noise pickup. Adding RC networks between FB terminal and VO to filter noise is
not recommended because it may cause the regulator to oscillate.
The VIN terminal is an input to the regulator.
The VOUTPUT terminal is an output from the regulator.
over operating junction temperature range (unless otherwise noted)(1)(2)
UNIT
Input voltage range, VI
-0.3 V to 6 V
Voltage range at EN
-0.3 V to 6 V
Peak output current
Internally limited
Continuous total power dissipation
See Dissipation Rating Tables
Output voltage, VO (OUTPUT, FB)
5.5 V
Operating junction temperature range, TJ
-40
°C to 150°C
Storage temperature range, Tstg
-65
°C to 150°C
ESD rating, HBM
2 kV
ESD rating, CDM
500 V
(1)
Stresses beyond those listed under,, absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under,, recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network terminal ground.
package
RΘJC(°C/W)
RΘJA(°C/W)
(1)
TO-220
2
58.7(2)
TO-263
2
38.7(3)
(1)
For both packages, the RΘJAvalues were computed using JEDEC high K board (2S2P) with 1 ounce internal copper plane and ground
plane. There was no air flow across the packages.
(2)
RΘJA was computed assuming a vertical, free standing TO-220 package with pins soldered to the board. There is no heatsink attached
to the package.
(3)
RΘJA was computed assuming a horizontally mounted TO-263 package with pins soldered to the board. There is no copper pad
underneath the package.
4


Similar Part No. - TPS75633KTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75633KTT TI-TPS75633KTT Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75633KTT TI1-TPS75633KTT Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75633KTTR TI-TPS75633KTTR Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75633KTTT TI-TPS75633KTTT Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75633KTTT TI1-TPS75633KTTT Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS75633KTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75515 TI-TPS75515 Datasheet
373Kb / 23P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75525 TI-TPS75525 Datasheet
370Kb / 27P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75618KTTTG3 TI1-TPS75618KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75515 TI1-TPS75515_16 Datasheet
1Mb / 29P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75515KTTT TI1-TPS75515KTTT Datasheet
1Mb / 29P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75625 TI-TPS75625 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com