Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS76430DBVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76430DBVT
Description  LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76430DBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS76430DBVT Datasheet HTML 6Page - Texas Instruments TPS76430DBVT Datasheet HTML 7Page - Texas Instruments TPS76430DBVT Datasheet HTML 8Page - Texas Instruments TPS76430DBVT Datasheet HTML 9Page - Texas Instruments TPS76430DBVT Datasheet HTML 10Page - Texas Instruments TPS76430DBVT Datasheet HTML 11Page - Texas Instruments TPS76430DBVT Datasheet HTML 12Page - Texas Instruments TPS76430DBVT Datasheet HTML 13Page - Texas Instruments TPS76430DBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TPS76425, TPS76427, TPS76428, TPS76430, TPS76433
LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
SLVS180B – MARCH 1999 – REVISED MAY 2001
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
The TPS764xx family of low-noise and low-dropout (LDO) regulators are optimized for use in battery-operated
equipment. They feature extremely low noise (50
µV), low dropout voltages, low quiescent current (140 µA),
and an enable input to reduce supply current to less than 2
µA when the regulator is turned off.
device operation
The TPS764xx uses a PMOS pass element to dramatically reduce both dropout voltage and supply current over
more conventional PNP-pass-element LDO designs. The PMOS pass element is a voltage-controlled device
which, unlike a PNP transistor, does not require increased drive current as output current increases. Supply
current in the TPS764xx is essentially constant from no-load to maximum load.
Current limiting and thermal protection prevent damage by excessive output current and/or power dissipation.
The device switches into a constant-current mode at approximately 1 A; further load reduces the output voltage
instead of increasing the output current. The thermal protection shuts the regulator off if the junction temperature
rises above 165
°C. Recovery is automatic when the junction temperature drops approximately 25°C below the
high temperature trip point. The PMOS pass element includes a back diode that safely conducts reverse current
when the input voltage level drops below the output voltage level.
An internal resistor, in conjunction with external 0.01-
µF bypass capacitor, creates a low-pass filter to further
reduce the noise. The TPS764xx exhibits only 50
µV of output voltage noise using 0.01 µF bypass and 4.7-µF
output capacitors.
A logic low on the enable input, EN, shuts off the output and reduces the supply current to less than 2
µA. EN
should be tied high in applications where the shutdown feature is not used.
A typical application circuit is shown in Figure 19.
C1
1
µF
† TPS76425, TPS76427 TPS76430, TPS76433.
BYPASS
OUT
1
3
IN
EN
GND
2
4
5
VI
CSR = 1
VO
4.7
µF
+
TPS764xx†
0.01
µF
+
Figure 19. Typical Application Circuit


Similar Part No. - TPS76430DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76430DBVT TI-TPS76430DBVT Datasheet
235Kb / 15P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76430DBVT TI-TPS76430DBVT Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76430DBVT TI-TPS76430DBVT Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76430DBVTG4 TI-TPS76430DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76430DBVTG4 TI-TPS76430DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS76430DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76430DBVTG4 TI-TPS76430DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI-TPS76425 Datasheet
235Kb / 15P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76433DBVTG4 TI-TPS76433DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS764 TI-TPS764_15 Datasheet
417Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301 TI-TPS76301 Datasheet
305Kb / 20P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS763-Q1 TI1-TPS763-Q1_16 Datasheet
1,021Kb / 24P
[Old version datasheet]   Low-Power, 150-mA, Low-Dropout Linear Regulators
TPS76301-Q1 TI1-TPS76301-Q1 Datasheet
337Kb / 19P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS78930DBVTG4 TI-TPS78930DBVTG4 Datasheet
481Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS78915 TI-TPS78915 Datasheet
300Kb / 16P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com