Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS76528 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS76528
Description  ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76528 Datasheet(HTML) 1 Page - Texas Instruments

  TPS76528 Datasheet HTML 1Page - Texas Instruments TPS76528 Datasheet HTML 2Page - Texas Instruments TPS76528 Datasheet HTML 3Page - Texas Instruments TPS76528 Datasheet HTML 4Page - Texas Instruments TPS76528 Datasheet HTML 5Page - Texas Instruments TPS76528 Datasheet HTML 6Page - Texas Instruments TPS76528 Datasheet HTML 7Page - Texas Instruments TPS76528 Datasheet HTML 8Page - Texas Instruments TPS76528 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
TPS76515, TPS76518, TPS76525, TPS76527
TPS76528, TPS76530, TPS76533, TPS76550, TPS76501
ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
SLVS236 – AUGUST 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 150-mA Low-Dropout Voltage Regulator
D Available in 1.5-V, 1.8-V, 2.5-V, 2.7-V, 2.8-V,
3.0-V, 3.3-V, 5.0-V Fixed Output and
Adjustable Versions
D Dropout Voltage to 85 mV (Typ) at 150 mA
(TPS76550)
D Ultra-Low 35-µA Typical Quiescent Current
D 3% Tolerance Over Specified Conditions for
Fixed-Output Versions
D Open Drain Power Good
D 8-Pin SOIC Package
D Thermal Shutdown Protection
description
This device is designed to have an ultra-low quiescent current and be stable with a 4.7-
µF capacitor. This
combination provides high performance at a reasonable cost.
Because the PMOS device behaves as a low-value resistor, the dropout voltage is very low (typically 85 mV
at an output current of 150 mA for the TPS76550) and is directly proportional to the output current. Additionally,
since the PMOS pass element is a voltage-driven device, the quiescent current is very low and independent
of output loading (typically 35
µA over the full range of output current, 0 mA to 150 mA). These two key
specifications yield a significant improvement in operating life for battery-powered systems. This LDO family
also features a sleep mode; applying a TTL high signal to EN (enable) shuts down the regulator, reducing the
quiescent current to less than 1
µA (typ).
TA – Free-Air Temperature – °C
TPS76533
DROPOUT VOLTAGE
vs
FREE-AIR TEMPERATURE
1
10
–50
–25
0
25
50
75
100
125
150
VI = 3.2 V
IO = 10 mA
IO = 50 mA
IO = 150 mA
100
10–1
10–2
10–3
34.0
34.1
34.2
34.3
34.4
34.5
34.6
34.7
34.8
34.9
35.0
0
25
50
75
100
125
150
IL – Load Current – mA
TPS76533
GROUND CURRENT
vs
LOAD CURRENT
VO = 3.3 V
TA = 25°C
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1999, Texas Instruments Incorporated
1
2
3
4
8
7
6
5
NC/FB
PG
GND
EN
OUT
OUT
IN
IN
D PACKAGE
(TOP VIEW)
Obsolete Devices: TPS76501, TPS76525, TPS76528


Similar Part No. - TPS76528

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76528 TI-TPS76528 Datasheet
266Kb / 18P
[Old version datasheet]   ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS76528D TI-TPS76528D Datasheet
266Kb / 18P
[Old version datasheet]   ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS76528

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76515 TI-TPS76515 Datasheet
266Kb / 18P
[Old version datasheet]   ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS76615 TI-TPS76615 Datasheet
266Kb / 18P
[Old version datasheet]   ULTRA LOW QUIESCENT CURRENT 250-mA LOW-DROPOUT VOLTAGE REGULATORS
LP3986 TI1-LP3986 Datasheet
1Mb / 18P
[Old version datasheet]   Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators
logo
ON Semiconductor
NCP4682 ONSEMI-NCP4682_12 Datasheet
380Kb / 22P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
October, 2012 ??Rev. 3
NVTFS5826NL ONSEMI-NVTFS5826NL Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
NVTFS5820NL ONSEMI-NVTFS5820NL Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
July, 2011 ??Rev. 1
NCP4682 ONSEMI-NCP4682 Datasheet
445Kb / 22P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
logo
Texas Instruments
TPS76301 TI-TPS76301 Datasheet
305Kb / 20P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
logo
ON Semiconductor
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
logo
Texas Instruments
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com