Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS75715KTTT Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS75715KTTT
Description  TPS75701 FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75715KTTT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS75715KTTT Datasheet HTML 5Page - Texas Instruments TPS75715KTTT Datasheet HTML 6Page - Texas Instruments TPS75715KTTT Datasheet HTML 7Page - Texas Instruments TPS75715KTTT Datasheet HTML 8Page - Texas Instruments TPS75715KTTT Datasheet HTML 9Page - Texas Instruments TPS75715KTTT Datasheet HTML 10Page - Texas Instruments TPS75715KTTT Datasheet HTML 11Page - Texas Instruments TPS75715KTTT Datasheet HTML 12Page - Texas Instruments TPS75715KTTT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
TPS75715, TPS75718, TPS75725, TPS75733 WITH POWER GOOD AND
TPS75701 FAST TRANSIENT RESPONSE 3A LOW DROPOUT
VOLTAGE REGULATORS
SLVS306E − NOVEMBER 2000 − REVISED FEBRUARY 2009
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 6
75
100
125
150
−40 −25 −10
5
20
35
50
65
80
95 110 125
TJ − Junction Temperature − °C
TPS757xx
GROUND CURRENT
vs
JUNCTION TEMPERATURE
VI = 5 V
IO = 3 A
Figure 7
100k
10k
f − Frequency − Hz
POWER SUPPLY RIPPLE REJECTION
vs
FREQUENCY
70
60
50
40
30
20
10
0
TPS75733
90
80
1k
100
10
1M
IO = 1 mA
IO = 3 A
10M
VI = 4.3 V
Co = 100 µF
TJ = 25°C
Figure 8
0
0.5
1
1.5
2
2.5
IO = 3 A
IO = 1 mA
f − Frequency − Hz
10
10
100
1k
10k
100k
VI = 4.3 V
VO = 3.3 V
Co = 100 µF
TJ = 25°C
TPS75733
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
Figure 9
TPS75733
OUTPUT IMPEDANCE
vs
FREQUENCY
f − Frequency − Hz
10
100
100k
1M
0.001
10k
1k
10M
1
100
IO = 1 mA
0.01
0.1
10
IO = 3 A
0.0001
0.00001
VI = 4.3 V
Co = 100 µF
IO = 1 mA
TJ = 25°C


Similar Part No. - TPS75715KTTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75715KTTT TI-TPS75715KTTT Datasheet
366Kb / 25P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75715KTTT TI-TPS75715KTTT Datasheet
856Kb / 28P
[Old version datasheet]   TPS75701 FAST-TRANSIENT REONSE 3-A LOW-DROPOUR
TPS75715KTTTG3 TI-TPS75715KTTTG3 Datasheet
856Kb / 28P
[Old version datasheet]   TPS75701 FAST-TRANSIENT REONSE 3-A LOW-DROPOUR
More results

Similar Description - TPS75715KTTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75715 TI-TPS75715_15 Datasheet
836Kb / 29P
[Old version datasheet]   TPS75701 FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75715 TI-TPS75715 Datasheet
366Kb / 25P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201QPWPQ1 TI1-TPS75201QPWPQ1 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815Q TI-TPS76815Q Datasheet
279Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818 TI-TPS76818_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75301-Q1 TI1-TPS75301-Q1 Datasheet
557Kb / 31P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com