Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS76318DBVR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76318DBVR
Description  LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76318DBVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS76318DBVR Datasheet HTML 7Page - Texas Instruments TPS76318DBVR Datasheet HTML 8Page - Texas Instruments TPS76318DBVR Datasheet HTML 9Page - Texas Instruments TPS76318DBVR Datasheet HTML 10Page - Texas Instruments TPS76318DBVR Datasheet HTML 11Page - Texas Instruments TPS76318DBVR Datasheet HTML 12Page - Texas Instruments TPS76318DBVR Datasheet HTML 13Page - Texas Instruments TPS76318DBVR Datasheet HTML 14Page - Texas Instruments TPS76318DBVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
TPS76301, TPS76316, TPS76318, TPS76325, TPS76327
TPS76328, TPS76330, TPS76333, TPS76338, TPS76350
LOW POWER 150mA LOW DROPOUT LINEAR REGULATORS
SLVS181H − DECEMBER 1998 − REVISED JANUARY 2004
www.ti.com
11
TYPICAL CHARACTERISTICS
Figure 16
0.1
0.01
0
50
100
150
200
250
TYPICAL REGIONS OF STABILITY
COMPENSATION SERIES RESISTANCE (CSR)(1)
vs
OUTPUT CURRENT
10
100
IO − Output Current − mA
1
Region of Instability
CO = 4.7 µF
TJ = 25°C
Region of Instability
Figure 17
0.1
0.01
0
0.1
0.2
0.3
0.4
0.5
TYPICAL REGIONS OF STABILITY
COMPENSATION SERIES RESISTANCE (CSR)(1)
vs
ADDED CERAMIC CAPACITANCE
10
100
Added Ceramic Capacitance −
µF
0.6
0.7 0.8
0.9
1
1
Region of Instability
Region of Instability
I = 150 mA
CO = 4.7 µF
TJ = 25°C
Figure 18
0.1
0.01
0
50
100
150
200
250
TYPICAL REGIONS OF STABILITY
COMPENSATION SERIES RESISTANCE (CSR)(1)
vs
OUTPUT CURRENT
10
100
IO − Output Current − mA
1
Region of Instability
Region of Instability
CO = 10 µF
Figure 19
0.1
0.01
0
0.1
0.2
0.3
0.4
0.5
TYPICAL REGIONS OF STABILITY
COMPENSATION SERIES RESISTANCE (CSR)(1)
vs
ADDED CERAMIC CAPACITANCE
10
100
Added Ceramic Capacitance −
µF
1
0.6
0.7 0.8
0.9
1
CO = 10 µF
Region of Instability
Region of Instability
(1) CSR refers to the total series resistance, including the ESR of the capacitor, any series resistance added externally, and PWB trace
resistance to CO.
TPS76327 is Obsolete


Similar Part No. - TPS76318DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76318DBVR TI-TPS76318DBVR Datasheet
305Kb / 20P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
logo
TECH PUBLIC Electronics...
TPS76318DBVR-TP TECHPUBLIC-TPS76318DBVR-TP Datasheet
2Mb / 7P
   12V,150mA, 2uA, Higt PSRR Voltage Reaulator
TPS76318DBVR-TP TECHPUBLIC-TPS76318DBVR-TP Datasheet
2Mb / 7P
   12V,150mA, 2uA, Higt PSRR Voltage Reaulator
TPS76318DBVR-TP TECHPUBLIC-TPS76318DBVR-TP Datasheet
2Mb / 7P
   12V,150mA, 2uA, Higt PSRR Voltage Reaulator
TPS76318DBVR-TP TECHPUBLIC-TPS76318DBVR-TP Datasheet
2Mb / 7P
   12V,150mA, 2uA, Higt PSRR Voltage Reaulator
More results

Similar Description - TPS76318DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76301 TI-TPS76301 Datasheet
305Kb / 20P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301-Q1 TI1-TPS76301-Q1 Datasheet
337Kb / 19P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS763-Q1 TI1-TPS763-Q1_16 Datasheet
1,021Kb / 24P
[Old version datasheet]   Low-Power, 150-mA, Low-Dropout Linear Regulators
TPS76430DBVTG4 TI-TPS76430DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI-TPS76425 Datasheet
235Kb / 15P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76433DBVTG4 TI-TPS76433DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS764 TI-TPS764_15 Datasheet
417Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI1-TPS76425_08 Datasheet
439Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76133DBVRG4 TI-TPS76133DBVRG4 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76030 TI-TPS76030 Datasheet
216Kb / 11P
[Old version datasheet]   LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com