Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS75625KTTT Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS75625KTTT
Description  FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75625KTTT Datasheet(HTML) 1 Page - Texas Instruments

  TPS75625KTTT Datasheet HTML 1Page - Texas Instruments TPS75625KTTT Datasheet HTML 2Page - Texas Instruments TPS75625KTTT Datasheet HTML 3Page - Texas Instruments TPS75625KTTT Datasheet HTML 4Page - Texas Instruments TPS75625KTTT Datasheet HTML 5Page - Texas Instruments TPS75625KTTT Datasheet HTML 6Page - Texas Instruments TPS75625KTTT Datasheet HTML 7Page - Texas Instruments TPS75625KTTT Datasheet HTML 8Page - Texas Instruments TPS75625KTTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
www.ti.com
FEATURES
DESCRIPTION
TO–220 (KC) PACKAGE
(TOP VIEW)
1
2
3
4
5
EN
IN
GND
OUTPUT
FB/NC
1
TO–263 (KTT) PACKAGE
(TOP VIEW)
2
3
4
5
EN
IN
GND
OUTPUT
FB/NC
0
50
100
150
200
250
300
350
400
–40 –25 –10 5
20 35 50 65 80 95 110 125
TJ – Junction Temperature – °C
TPS75633
DROPOUT VOLTAGE
vs
JUNCTION TEMPERATURE
IO = 5 A
VO = 3.3 V
t – Time –
µs
TPS75615
LOAD TRANSIENT RESPONSE
–100
0
0
60
40
20
80 100
140
120
160 180 200
0
50
–50
VO = 1.5 V
Co = 100 µF
–150
5
100
150
di
dt
+
1.25 A
ms
TPS75601, TPS75615
TPS75618, TPS75625
TPS75633
SLVS329C – JUNE 2001 – REVISED MARCH 2004
FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
5-A Low-Dropout Voltage Regulator
The TPS756xx family of 5-A low dropout (LDO)
regulators contains four fixed voltage option regu-
Available in 1.5-V, 1.8-V, 2.5-V, and 3.3-V
lators and an adjustable voltage option regulator.
Fixed-Output and Adjustable Versions
These devices are capable of supplying 5 A of output
Dropout Voltage Typically 250 mV at 5 A
current with a dropout of 250 mV (TPS75633).
(TPS75633)
Therefore, the device is capable of performing a
Low 125 µA Typical Quiescent Current
3.3-V to 2.5-V conversion.
Fast Transient Response
Quiescent current is 125 µA at full load and drops
3% Tolerance Over Specified Conditions for
down to less than 1 µA when the device is disabled.
The TPS756xx is designed to have fast transient
Fixed-Output Versions
response for large load current changes.
Available in 5-Pin TO-220 and TO-263 Sur-
face-Mount Packages
Thermal Shutdown Protection
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS75625KTTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75625KTTT TI-TPS75625KTTT Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75625KTTT TI1-TPS75625KTTT Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75625KTTTG3 TI1-TPS75625KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS75625KTTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75515 TI-TPS75515 Datasheet
373Kb / 23P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75525 TI-TPS75525 Datasheet
370Kb / 27P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75618KTTTG3 TI1-TPS75618KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75515 TI1-TPS75515_16 Datasheet
1Mb / 29P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75515KTTT TI1-TPS75515KTTT Datasheet
1Mb / 29P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75625 TI-TPS75625 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com