Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS76425 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS76425
Description  LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76425 Datasheet(HTML) 4 Page - Texas Instruments

  TPS76425_08 Datasheet HTML 1Page - Texas Instruments TPS76425_08 Datasheet HTML 2Page - Texas Instruments TPS76425_08 Datasheet HTML 3Page - Texas Instruments TPS76425_08 Datasheet HTML 4Page - Texas Instruments TPS76425_08 Datasheet HTML 5Page - Texas Instruments TPS76425_08 Datasheet HTML 6Page - Texas Instruments TPS76425_08 Datasheet HTML 7Page - Texas Instruments TPS76425_08 Datasheet HTML 8Page - Texas Instruments TPS76425_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TPS76425, TPS76427, TPS76428, TPS76430, TPS76433
LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
SLVS180B – MARCH 1999 – REVISED MAY 2001
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range,
VI = VO(typ) + 1 V, IO= 1 mA, EN = IN, Co = 4.7 µF (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output voltage line regulation (
∆VO/VO)
VO + 1 V < VI ≤ 10 V,
VI ≥ 3.5 V, TJ = 25°C
0.04
0.07
%/V
gg
(
OO)
(see Note 4)
VO + 1 V < VI ≤ 10 V,
VI ≥ 3.5 V
0.1
%/V
VIH
EN high level input
See Note 2
1.4
2
V
VIL
EN low level input
See Note 2
0.5
1.2
V
II
EN input current
EN = 0 V
–0.01
–0.5
µA
II
EN input current
EN = IN
–0.01
–0.5
µA
IO = 0 mA,
TJ = 25°C
0.2
IO = 1 mA,
TJ = 25°C
3
IO = 50 mA,
TJ = 25°C
120
150
IO = 50 mA
200
TPS76425
IO = 75 mA,
TJ = 25°C
180
225
mV
TPS76425
IO = 75 mA
300
mV
IO = 100 mA,
TJ = 25°C
240
300
IO = 100 mA
400
IO = 150 mA,
TJ = 25°C
360
450
VDO
Dropout voltage (see Note 5)
IO = 150 mA
600
VDO
Dropout voltage (see Note 5)
IO = 0 mA,
TJ = 25°C
0.2
IO = 1 mA,
TJ = 25°C
3
IO = 50 mA,
TJ = 25°C
100
125
IO = 50 mA
166
TPS76433
IO = 75 mA,
TJ = 25°C
150
188
mV
TPS76433
IO = 75 mA
250
mV
IO = 100 mA,
TJ = 25°C
200
250
IO = 100 mA
333
IO = 150 mA,
TJ = 25°C
300
375
IO = 150 mA
500
NOTES:
2. Minimum IN operating voltage is 2.7 V or VO(typ) + 1 V, whichever is greater.
4. If VO < 2.5 V and VImax = 10 V, VImin = 3.5 V:
Line Reg. (mV)
+ % V
V
O
V
Imax *
3.5 V
100
1000
If VO > 2.5 V and VImax = 10 V, VImin = VO + 1 V:
Line Reg. (mV)
+ % V
V
O
V
Imax *
V
O )
1
100
1000
5. Dropout voltage is defined as the differential voltage between VO and VI when VO drops 100 mV below the value measured with
VI = VO + 1.0 V.


Similar Part No. - TPS76425_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76425DBV TI-TPS76425DBV Datasheet
235Kb / 15P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425DBVR TI-TPS76425DBVR Datasheet
235Kb / 15P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425DBVR TI-TPS76425DBVR Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425DBVR TI-TPS76425DBVR Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425DBVRG4 TI-TPS76425DBVRG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS76425_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76430DBVTG4 TI-TPS76430DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI-TPS76425 Datasheet
235Kb / 15P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76433DBVTG4 TI-TPS76433DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS764 TI-TPS764_15 Datasheet
417Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301 TI-TPS76301 Datasheet
305Kb / 20P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS763-Q1 TI1-TPS763-Q1_16 Datasheet
1,021Kb / 24P
[Old version datasheet]   Low-Power, 150-mA, Low-Dropout Linear Regulators
TPS76301-Q1 TI1-TPS76301-Q1 Datasheet
337Kb / 19P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS78930DBVTG4 TI-TPS78930DBVTG4 Datasheet
481Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS78915 TI-TPS78915 Datasheet
300Kb / 16P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com