Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS75715 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS75715
Description  TPS75701 FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75715 Datasheet(HTML) 2 Page - Texas Instruments

  TPS75715_16 Datasheet HTML 1Page - Texas Instruments TPS75715_16 Datasheet HTML 2Page - Texas Instruments TPS75715_16 Datasheet HTML 3Page - Texas Instruments TPS75715_16 Datasheet HTML 4Page - Texas Instruments TPS75715_16 Datasheet HTML 5Page - Texas Instruments TPS75715_16 Datasheet HTML 6Page - Texas Instruments TPS75715_16 Datasheet HTML 7Page - Texas Instruments TPS75715_16 Datasheet HTML 8Page - Texas Instruments TPS75715_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
TPS75715, TPS75718, TPS75725, TPS75733 WITH POWER GOOD AND
TPS75701 FAST TRANSIENT RESPONSE 3A LOW DROPOUT
VOLTAGE REGULATORS
SLVS306E − NOVEMBER 2000 − REVISED FEBRUARY 2009
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
Because the PMOS device behaves as a low-value resistor, the dropout voltage is low (typically 150 mV at an
output current of 3 A for the TPS75733) and is directly proportional to the output current. Additionally, since the
PMOS pass element is a voltage-driven device, the quiescent current is low and independent of output loading
(typically 125
µA over the full range of output current). These two key specifications yield a significant
improvement in operating life for battery-powered systems.
The device is enabled when EN is connected to a low-level voltage. This LDO family also features a sleep mode;
applying a TTL high signal to EN (enable) shuts down the regulator, reducing the quiescent current to less than
1
µA at TJ = 25°C. The power-good terminal (PG) is an active low, open drain output, which can be used to
implement a power-on reset or a low-battery indicator.
The TPS757xx is offered in 1.5-V, 1.8-V, 2.5-V, and 3.3-V fixed-voltage versions and in an adjustable version
(programmable over the range of 1.22 V to 5 V). Output voltage tolerance is specified as a maximum of 3% over
line, load, and temperature ranges. The TPS757xx family is available in a 5-pin TO−220 (KC) and TO−263 (KTT)
packages.
AVAILABLE OPTIONS
TJ
OUTPUT VOLTAGE
(TYP)
TO−220 (KC)
TO−263(KTT)
3.3 V
TPS75733KC
TPS75733KTT
2.5 V
TPS75725KC
TPS75725KTT
−40
°C to 125°C
1.8 V
TPS75718KC
TPS75718KTT
−40 C to 125 C
1.5 V
TPS75715KC
TPS75715KTT
Adjustable 1.22 V to 5 V
TPS75701KC
TPS75701KTT
NOTE: The TPS75701 is programmable using an external resistor divider (see application
information). The KTT package is available taped and reeled. Add an R suffix to the
device type (e.g., TPS75701KTTR) to indicate tape and reel.
PG
OUT
2
1
IN
EN
GND
3
5
4
VI
1
µF
PG
VO
47
µF
+
Co†
† See application information section for capacitor selection details.
Figure 1. Typical Application Configuration (For Fixed Output Options)


Similar Part No. - TPS75715_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75715 TI-TPS75715_15 Datasheet
836Kb / 29P
[Old version datasheet]   TPS75701 FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS75715_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75715 TI-TPS75715_15 Datasheet
836Kb / 29P
[Old version datasheet]   TPS75701 FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75715 TI-TPS75715 Datasheet
366Kb / 25P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201QPWPQ1 TI1-TPS75201QPWPQ1 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815Q TI-TPS76815Q Datasheet
279Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818 TI-TPS76818_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75301-Q1 TI1-TPS75301-Q1 Datasheet
557Kb / 31P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com