Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

G768B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. G768B
Description  Remote/Local Temperature Sensor, 2 Fan Controllers with SMBus Serial Interface and System Reset Circuit
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G768B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  G768B Datasheet HTML 1Page - List of Unclassifed Manufacturers G768B Datasheet HTML 2Page - List of Unclassifed Manufacturers G768B Datasheet HTML 3Page - List of Unclassifed Manufacturers G768B Datasheet HTML 4Page - List of Unclassifed Manufacturers G768B Datasheet HTML 5Page - List of Unclassifed Manufacturers G768B Datasheet HTML 6Page - List of Unclassifed Manufacturers G768B Datasheet HTML 7Page - List of Unclassifed Manufacturers G768B Datasheet HTML 8Page - List of Unclassifed Manufacturers G768B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Ver 1.3
Oct 28, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
4
G768B
Global Mixed-mode Technology Inc.
Electrical Characteristics (continued)
(Vcc = + 5V, TA = 60°C, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN TYP
MAX
UNITS
SMBus Interface
Logic Input High Voltage
SMBCLK, SMBDATA; Vcc = 4.5V to 5.5V
2.4
V
Logic Input Low Voltage
SMBCLK, SMBDATA; Vcc = 4.5V to 5.5V
0.8
V
Logic Output Low Sink Current
ALERT , SMBDATA forced to 0.4V
6
mA
ALERT Output High Leakage Current
ALERT forced to 5.5V
1
µA
Logic Input Current
Logic inputs forced to Vcc or GND
-2
2
µA
SMBus Input Capacitance
SMBCLK, SMBDATA
5
pF
SMBus Clock Frequency
(Note 4)
DC
100
kHz
SMBCLK Clock Low Time
tLOW , 10% to 10% points
4.7
µs
SMBCLK Clock High Time
tHIGH , 90% to 90% points
4
µs
SMBus Start-Condition Setup Time
4.7
µs
SMBus Repeated Start-Condition
Setup Time
tSU : STA , 90% to 90% points
500
ns
SMBus Start-Condition Hold Time
tHD: STA , 10% of SMBDATA to 90% of SMBCLK
4
µs
SMBus Start-Condition Setup Time
tSD: STO , 90% of SMBDATA to 10% of SMBDATA
4
µs
SMBus Data Valid to SMBCLK Ris-
ing-Edge Time
tSU: DAT , 10% or 90% of SMBDATA to 10% of
SMBCLK
800
ns
SMBus Data-Hold Time
tHD : DAT(Note 5)
0
µs
SMBCLK Falling Edge to SMBus
Data-Valid Time
Master clocking in data
1
µs
Electrical Characteristics (continued)
(VCC =full range, TA= 60°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Reset Threshold
VTH
4.2
4.4
4.5
V
Reset Active Timeout Period
340
ms
RESET
Output Voltage Low
VOL
VCC=VTH min ISINK =3.2mA
0.4
V
RESET
Output Voltage High
VOH
VCC>VTH max
ISOURCE =5.0mA
VCC-1.5
V
Note 1: Guaranteed but not 100% tested.
Note 2: Quantization error is not included in specifications for temperature accuracy. For example, if the G768B
device temperature is exactly +66.7°C, or +68°C (due to the quantization error plus the +1/2°C offset
used for rounding up) and still be within the guaranteed ±3°C error limits for the +60°C to +100°C tem-
perature range. See Table3.
Note 3: A remote diode is any diode-connected transistor from Table1. TR is the junction temperature of the re-
mote diode. See Remote Diode Selection for remote diode forward voltage requirements.
Note 4: The SMBus logic block is a static design that works with clock frequencies down to DC. While slow op-
eration is possible, it violates the 10kHz minimum clock frequency and SMBus specifications, and may
monopolize the bus.
Note 5: Note that a transition must internally provide at least a hold time in order to bridge the undefined region
(300ns max) of SMBCLK's falling edge.


Similar Part No. - G768B

ManufacturerPart No.DatasheetDescription
Global Mixed-mode Technology Inc
Global Mixed-mode Techn...
G768D GMT-G768D Datasheet
343Kb / 16P
   Two Remote Temperature Sensors and One Fan Controller with SMBus Serial Interface and System Reset Circuit
More results

Similar Description - G768B

ManufacturerPart No.DatasheetDescription
Global Mixed-mode Technology Inc
Global Mixed-mode Techn...
G7921 GMT-G7921 Datasheet
157Kb / 1P
   Three Remote Temperature Sensors and One Fan Controllers with SMBus Serial Interface and System Reset Circuit
G7923 GMT-G7923 Datasheet
34Kb / 2P
   Three Remote Temperature Sensors and One Fan Controllers with SMBus Serial Interface and System Reset Circuit
Maxim Integrated Products
Maxim Integrated Produc...
MAX1617A MAXIM-MAX1617A_12 Datasheet
343Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 1; 10/12
MAX1617 MAXIM-MAX1617_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617 MAXIM-MAX1617 Datasheet
226Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-1265; Rev 1; 3/98
Global Mixed-mode Technology Inc
Global Mixed-mode Techn...
G767 GMT-G767 Datasheet
393Kb / 14P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Maxim Integrated Products
Maxim Integrated Produc...
MAX1617A MAXIM-MAX1617A_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617A MAXIM-MAX1617A Datasheet
234Kb / 18P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-4508; Rev 0; 1/99
MAX1617 MAXIM-MAX1617_12 Datasheet
301Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 11/12
Global Mixed-mode Technology Inc
Global Mixed-mode Techn...
G782 GMT-G782 Datasheet
44Kb / 1P
   짹1C Remote and Local Temperature Sensor with SMBus Serial Interface
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz