Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS737-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS737-Q1
Description  1-A Low-Dropout Regulator With Reverse Current Protection
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS737-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS737-Q1 Datasheet HTML 7Page - Texas Instruments TPS737-Q1 Datasheet HTML 8Page - Texas Instruments TPS737-Q1 Datasheet HTML 9Page - Texas Instruments TPS737-Q1 Datasheet HTML 10Page - Texas Instruments TPS737-Q1 Datasheet HTML 11Page - Texas Instruments TPS737-Q1 Datasheet HTML 12Page - Texas Instruments TPS737-Q1 Datasheet HTML 13Page - Texas Instruments TPS737-Q1 Datasheet HTML 14Page - Texas Instruments TPS737-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Servo
Error
Amp
Ref
27 kW
8 kW
Current
Limit
Thermal
Protection
Bandgap
NR
OUT
R
1
R
2
EN
GND
IN
R
1 + R2 = 80 kW
4-MHz
Charge Pump
Copyright © 2016, Texas Instruments Incorporated
11
TPS73719-Q1, TPS73733-Q1
www.ti.com
SBVS123A – DECEMBER 2008 – REVISED JULY 2016
Product Folder Links: TPS73719-Q1 TPS73733-Q1
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPS737xx-Q1 belongs to a family of new generation LDO regulators that use an NMOS pass transistor to
achieve ultra-low-dropout performance, reverse current blockage, and freedom from output capacitor constraints.
These features combined with an enable input make the TPS737xx-Q1 ideal for portable applications. This
regulator family offers a wide selection of fixed output voltage versions and an adjustable output version. All
versions have thermal and over-current protection, including foldback current limit.
Table 1. Standard 1% Resistor Values for Common
Output Voltages
VOUT
R1
R2
1.2 V
Short
Open
1.5 V
23.2 kΩ
95.3 kΩ
1.8 V
28.kΩ
56.2 kΩ
2.5 V
39.2 kΩ
36.5 kΩ
2.8 V
44.2 kΩ
33.2 kΩ
3 V
46.4 kΩ
33.2 kΩ
3.3 V
52.3 kΩ
30.1 kΩ
7.2 Functional Block Diagrams
Figure 29. Fixed Voltage Version


Similar Part No. - TPS737-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS737-Q1 TI1-TPS737-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
TPS737-Q1 TI-TPS737-Q1 Datasheet
2Mb / 40P
[Old version datasheet]   TPS737 1-A Low-Dropout Regulator With Reverse Current Protection
REVISED NOVEMBER 2023
TPS737-Q1 TI1-TPS737-Q1 Datasheet
3Mb / 49P
[Old version datasheet]   TPS737 1-A Low-Dropout Regulator With Reverse Current Protection
DECEMBER 2023
More results

Similar Description - TPS737-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73719-Q1 TI1-TPS73719-Q1 Datasheet
536Kb / 19P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73719-Q1 TI-TPS73719-Q1_15 Datasheet
991Kb / 22P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS737 TI1-TPS737_16 Datasheet
1Mb / 38P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
TPS737 TI-TPS737_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS737xx 1-A Low-Dropout Regulator With Reverse Current Protection
TPS737 TI-TPS737 Datasheet
2Mb / 40P
[Old version datasheet]   TPS737 1-A Low-Dropout Regulator With Reverse Current Protection
REVISED NOVEMBER 2023
TPS7A37 TI-TPS7A37_15 Datasheet
1,023Kb / 26P
[Old version datasheet]    1% High-Accuracy, 1-A, Low-Dropout Regulator with Reverse Current Protection
TPS7A37 TI1-TPS7A37_16 Datasheet
1Mb / 31P
[Old version datasheet]   High-Accuracy, 1-A, Low-Dropout Regulator With Reverse Current Protection
TPS7A37 TI1-TPS7A37 Datasheet
1Mb / 24P
[Old version datasheet]   1% High-Accuracy, 1-A, Low-Dropout Regulator with Reverse Current Protection
TPS73718 TI-TPS73718 Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701 TI1-TPS73701_13 Datasheet
1Mb / 31P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com