Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73601QDBVRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73601QDBVRQ1
Description  TPS736xx-Q1, Cap-Free, NMOS, 400-mA Low-Dropout Regulator With Reverse Current Protection
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73601QDBVRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  TPS73601QDBVRQ1 Datasheet HTML 1Page - Texas Instruments TPS73601QDBVRQ1 Datasheet HTML 2Page - Texas Instruments TPS73601QDBVRQ1 Datasheet HTML 3Page - Texas Instruments TPS73601QDBVRQ1 Datasheet HTML 4Page - Texas Instruments TPS73601QDBVRQ1 Datasheet HTML 5Page - Texas Instruments TPS73601QDBVRQ1 Datasheet HTML 6Page - Texas Instruments TPS73601QDBVRQ1 Datasheet HTML 7Page - Texas Instruments TPS73601QDBVRQ1 Datasheet HTML 8Page - Texas Instruments TPS73601QDBVRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1
IN
2
GND
3
EN
4
FB/NR
5
OUT
3
TPS73601-Q1, TPS73625-Q1, TPS73633-Q1
www.ti.com
SLVSAI3A – SEPTEMBER 2010 – REVISED MAY 2016
Product Folder Links: TPS73601-Q1
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DBV Package
5-Pin S0T-23
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
EN
3
I
Driving the enable pin (EN) high turns on the regulator. Driving this pin low puts the regulator into shutdown
mode. See Enable Pin and Shutdown for more information. EN can be connected to IN if not used.
FB
4
I
FB pin for adjustable voltage version only—this is the input to the control loop error amplifier, and is used to set
the output voltage of the device.
GND
2
G
Ground
IN
1
P
Input supply
NR
4
I
NR pin for fixed voltage versions only—connecting an external capacitor to this pin bypasses noise generated
by the internal bandgap, reducing output noise to very low levels.
OUT
5
P
Output of the regulator. There are no output capacitor requirements for stability.
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
see
(1)
MIN
MAX
UNIT
VIN
–0.3
6
V
VEN
–0.3
6
V
VOUT
–0.3
5.5
V
VNR, VFB
–0.3
6
V
Peak output current
Internally limited
Output short-circuit duration
Indefinite
Junction temperature, TJ
–40
150
°C
Operating ambient temperature, TA
–40
125
°C
Storage temperature, Tstg
–65
150
°C
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
±2000
V
Charged-device model (CDM), per AEC Q100-011
±500


Similar Part No. - TPS73601QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73601QDBVRQ1 TI1-TPS73601QDBVRQ1 Datasheet
576Kb / 22P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
More results

Similar Description - TPS73601QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS736 TI-TPS736_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS736xx Cap-Free, NMOS, 400-mA Low-Dropout Regulator with Reverse Current Protection
TPS73601-EP TI1-TPS73601-EP Datasheet
1Mb / 27P
[Old version datasheet]   CAP-FREE NMOS 400 mA LOW-DROPOUT REGULATORS WITH REVERSE CURRENT PROTECTION
TPS73601-EP TI1-TPS73601-EP_15 Datasheet
1Mb / 27P
[Old version datasheet]   CAP-FREE NMOS 400 mA LOW-DROPOUT REGULATORS WITH REVERSE CURRENT PROTECTION
TPS73250-Q1 TI1-TPS73250-Q1 Datasheet
732Kb / 20P
[Old version datasheet]   Cap-Free, NMOS, 250-mA Low-Dropout Regulator with Reverse Current Protection
TPS732-Q1 TI1-TPS732-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Cap-Free NMOS 250-mA Low-Dropout Regulator With Reverse-Current Protection
TPS73101-EP TI1-TPS73101-EP Datasheet
623Kb / 22P
[Old version datasheet]   CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73115-EP TI-TPS73115-EP_15 Datasheet
503Kb / 23P
[Old version datasheet]   CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73201-EP TI1-TPS73201-EP_15 Datasheet
918Kb / 22P
[Old version datasheet]   CAP-FREE NMOS 250-mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73101-EP TI1-TPS73101-EP_15 Datasheet
605Kb / 23P
[Old version datasheet]   CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73201-EP TI1-TPS73201-EP Datasheet
567Kb / 21P
[Old version datasheet]   CAP-FREE NMOS 250-mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com