Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS72301DDCT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS72301DDCT
Description  200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS72301DDCT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS72301DDCT Datasheet HTML 4Page - Texas Instruments TPS72301DDCT Datasheet HTML 5Page - Texas Instruments TPS72301DDCT Datasheet HTML 6Page - Texas Instruments TPS72301DDCT Datasheet HTML 7Page - Texas Instruments TPS72301DDCT Datasheet HTML 8Page - Texas Instruments TPS72301DDCT Datasheet HTML 9Page - Texas Instruments TPS72301DDCT Datasheet HTML 10Page - Texas Instruments TPS72301DDCT Datasheet HTML 11Page - Texas Instruments TPS72301DDCT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
100
0
0
-
100
-
200
Time( s)
m
0
20
40
60
80
100
120
140 160
180
200
C
=2.2 F
IN
m
C
=2.2 F
OUT
m
C
=0 F
NR
m
Time(ms)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
C
IN =2.2mF
C
OUT =2.2mF
I
=50mA
OUT
C
NR =0mF
100
50
0
-
50
0
-
3.0
-
3.5
-
4.0
-
4.5
Time( s)
m
0
20
40
60
80
100
120
140 160
180
200
C
=2.2 F
IN
m
C
=2.2 F
OUT
m
C
=0 F
NR
m
100
0
0
-
100
-
200
Time( s)
m
0
20
40
60
80
100
120
140 160
180
200
C
=2.2 F
IN
m
C
=2.2 F
OUT
m
C
=0 F
NR
m
0.25
0.13
0
-0.13
-0.25
JunctionTemperature( C)
°
-40
-20
0
20
40
60
80
100
120
140
Load
Line
-2
-3
-4
-5
-6
-7
-8
-9
-10
OutputVoltage(V)
-10
-9
-8
-7
-6
-5
-4
-3
-2
T = 40°
J
C
-
T
J =+125°C
TPS72301, TPS72325
SLVS346C – SEPTEMBER 2003 – REVISED SEPTEMBER 2014
www.ti.com
Typical Characteristics (continued)
TPS72325 at VI = VO(NOM) – 0.5 V, IO = 1 mA, VEN = 1.5 V, CO = 2.2 μF, and CNR = 0.01 μF, unless otherwise noted.
Figure 13. Line And Load Regulation vs Junction
Figure 14. TPS72301 Minimum Required Input Voltage vs
Temperature
Output Voltage
Figure 15. TPS72325 Line Transient Response
Figure 16. TPS72325 Load Transient Response
Figure 18. TPS72325 Start-Up Response
Figure 17. TPS72325 Load Transient Response
8
Submit Documentation Feedback
Copyright © 2003–2014, Texas Instruments Incorporated
Product Folder Links: TPS72301 TPS72325


Similar Part No. - TPS72301DDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72301DDCT TI1-TPS72301DDCT Datasheet
1Mb / 25P
[Old version datasheet]   TPS723xx 200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
More results

Similar Description - TPS72301DDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72301 TI1-TPS72301_V01 Datasheet
1Mb / 25P
[Old version datasheet]   TPS723xx 200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS723 TI-TPS723_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS723xx 200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS71812-33 TI1-TPS71812-33 Datasheet
905Kb / 24P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS71812 TI-TPS71812 Datasheet
774Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX_16 Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI-TPS718XX_08 Datasheet
849Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX_17 Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS72301-Q1 TI1-TPS72301-Q1 Datasheet
569Kb / 16P
[Old version datasheet]   200 mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS72301 TI-TPS72301 Datasheet
192Kb / 10P
[Old version datasheet]   200 mA LOW NOISE HIGH PSRR NEGATIVE OUTPUT LOW DROPOUT LINEAR REGULATORS
TPS72301-Q1 TI1-TPS72301-Q1_16 Datasheet
1Mb / 16P
[Old version datasheet]   200-mA Low-Noise, High-PSRR, Negative-Output, Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com