Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS72325-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS72325-Q1
Description  200-mA Low-Noise, High-PSRR, Negative-Output, Low-Dropout Linear Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS72325-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS72325-Q1 Datasheet HTML 1Page - Texas Instruments TPS72325-Q1 Datasheet HTML 2Page - Texas Instruments TPS72325-Q1 Datasheet HTML 3Page - Texas Instruments TPS72325-Q1 Datasheet HTML 4Page - Texas Instruments TPS72325-Q1 Datasheet HTML 5Page - Texas Instruments TPS72325-Q1 Datasheet HTML 6Page - Texas Instruments TPS72325-Q1 Datasheet HTML 7Page - Texas Instruments TPS72325-Q1 Datasheet HTML 8Page - Texas Instruments TPS72325-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
500
450
400
350
300
250
200
150
100
50
0
InputVoltage(V)
-
10
-
9
-
8
-
7
-
6
-
5
-
4
-
3
-
2
-
1
0
NoLoad
R =12.5W
L
400
350
300
250
200
150
100
50
0
OutputCurrent(mA)
0
50
100
150
200
T =+25 C
J
°
T =+125 C
J
°
T = 40
-
°
J
C
350
300
250
200
150
100
50
0
OutputCurrent(mA)
0
25
50
75
100
125
150
175
200
T =+25 C
J
°
T = 40°
J
C
-
T =+125 C
J
°
350
300
250
200
150
100
50
0
JunctionTemperature( C)
°
-40
-20
0
20
40
60
80
100
120
140
-2.475
-2.488
-2.500
-2.513
-2.525
InputVoltage(V)
-10
-9
-8
-7
-2
T =+25 C
J
°
T =+125 C
J
°
T =+85°
J
C
-6
-5
-4
-3
T = 40
-
°
J
C
-2.475
-2.488
-2.500
-2.513
-2.525
AmbientTemperature (°C)
-40
-20
0
20
40
60
80
100
120
140
V
IN
OUT
=3V,I
=200mA
V
IN
OUT
=10V,I
=200mA
V
IN =10V,IOUT =0mA
V
IN
OUT
=3V,I
=0mA
TPS72301-Q1
TPS72325-Q1
www.ti.com
SLVSAJ4B – SEPTEMBER 2010 – REVISED SEPTEMBER 2012
TYPICAL CHARACTERISTICS
TPS723xx-Q1 at VIN = VOUTnom – 0.5 V, IOUT = 1 mA, VEN = 1.5 V, COUT = 2.2 μF, and CNR = 0.01 μF, unless otherwise noted.
OUTPUT VOLTAGE versus INPUT VOLTAGE
OUTPUT VOLTAGE versus AMBIENT TEMPERATURE
Figure 1.
Figure 2.
TPS723xx-Q1
DROPOUT VOLTAGE versus OUTPUT CURRENT
DROPOUT VOLTAGE versus JUNCTION TEMPERATURE
Figure 3.
Figure 4.
GROUND CURRENT versus INPUT VOLTAGE
GROUND CURRENT versus OUTPUT CURRENT
Figure 5.
Figure 6.
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS72301-Q1 TPS72325-Q1


Similar Part No. - TPS72325-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72325-Q1 TI1-TPS72325-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
More results

Similar Description - TPS72325-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72301-Q1 TI1-TPS72301-Q1 Datasheet
569Kb / 16P
[Old version datasheet]   200 mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS72301 TI-TPS72301 Datasheet
192Kb / 10P
[Old version datasheet]   200 mA LOW NOISE HIGH PSRR NEGATIVE OUTPUT LOW DROPOUT LINEAR REGULATORS
TPS730 TI1-TPS730_16 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
TPS73047 TI-TPS73047 Datasheet
318Kb / 16P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX Datasheet
385Kb / 15P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS73033 TI-TPS73033 Datasheet
271Kb / 13P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX_08 Datasheet
524Kb / 19P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS730XX TI-TPS730XX_07 Datasheet
333Kb / 13P
[Old version datasheet]   LOW-NOISE, HIGH PSRR, RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS72301 TI1-TPS72301_16 Datasheet
1Mb / 25P
[Old version datasheet]   200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS730 TI-TPS730_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS730 Low-Noise, High PSRR, RF, 200-mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com