Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS72301DBVR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS72301DBVR
Description  200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS72301DBVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS72301DBVR Datasheet HTML 6Page - Texas Instruments TPS72301DBVR Datasheet HTML 7Page - Texas Instruments TPS72301DBVR Datasheet HTML 8Page - Texas Instruments TPS72301DBVR Datasheet HTML 9Page - Texas Instruments TPS72301DBVR Datasheet HTML 10Page - Texas Instruments TPS72301DBVR Datasheet HTML 11Page - Texas Instruments TPS72301DBVR Datasheet HTML 12Page - Texas Instruments TPS72301DBVR Datasheet HTML 13Page - Texas Instruments TPS72301DBVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
90
80
70
60
50
40
30
20
10
0
-
10
Frequency(Hz)
10
100
1k
10k
100k
1M
10M
V
-
IN =
5V
C
m
IN =10 F
C
m
OUT =10 F
C
=0
NR
m
F
I
=1mA
OUT
I
=200mA
OUT
I
=100mA
OUT
90
80
70
60
50
40
30
20
10
0
-
10
Frequency(Hz)
10
100
1k
10k
100k
1M
10M
V
IN = -5V
C
IN =10mF
C
OUT =10mF
C
=0.01
NR
m
F
I
=1mA
OUT
I
=200mA
OUT
I
=100mA
OUT
TPS72301, TPS72325
SLVS346C – SEPTEMBER 2003 – REVISED SEPTEMBER 2014
www.ti.com
Typical Characteristics (continued)
TPS72325 at VI = VO(NOM) – 0.5 V, IO = 1 mA, VEN = 1.5 V, CO = 2.2 μF, and CNR = 0.01 μF, unless otherwise noted.
Figure 25. PSRR vs Frequency
Figure 26. PSRR vs Frequency
10
Submit Documentation Feedback
Copyright © 2003–2014, Texas Instruments Incorporated
Product Folder Links: TPS72301 TPS72325


Similar Part No. - TPS72301DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72301DBVR TI-TPS72301DBVR Datasheet
192Kb / 10P
[Old version datasheet]   200 mA LOW NOISE HIGH PSRR NEGATIVE OUTPUT LOW DROPOUT LINEAR REGULATORS
TPS72301DBVR TI1-TPS72301DBVR Datasheet
1Mb / 25P
[Old version datasheet]   TPS723xx 200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS72301DBVRG4 TI1-TPS72301DBVRG4 Datasheet
1Mb / 25P
[Old version datasheet]   TPS723xx 200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
More results

Similar Description - TPS72301DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72301 TI1-TPS72301_V01 Datasheet
1Mb / 25P
[Old version datasheet]   TPS723xx 200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS723 TI-TPS723_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS723xx 200mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS71812-33 TI1-TPS71812-33 Datasheet
905Kb / 24P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS71812 TI-TPS71812 Datasheet
774Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX_16 Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI-TPS718XX_08 Datasheet
849Kb / 23P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS718XX TI1-TPS718XX_17 Datasheet
1Mb / 26P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators
TPS72301-Q1 TI1-TPS72301-Q1 Datasheet
569Kb / 16P
[Old version datasheet]   200 mA Low-Noise, High-PSRR Negative Output Low-Dropout Linear Regulators
TPS72301 TI-TPS72301 Datasheet
192Kb / 10P
[Old version datasheet]   200 mA LOW NOISE HIGH PSRR NEGATIVE OUTPUT LOW DROPOUT LINEAR REGULATORS
TPS72301-Q1 TI1-TPS72301-Q1_16 Datasheet
1Mb / 16P
[Old version datasheet]   200-mA Low-Noise, High-PSRR, Negative-Output, Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com