Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IFX25401TEV Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IFX25401TEV
Description  Low Dropout Linear Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX25401TEV Datasheet(HTML) 5 Page - Infineon Technologies AG

  IFX25401TEV Datasheet HTML 1Page - Infineon Technologies AG IFX25401TEV Datasheet HTML 2Page - Infineon Technologies AG IFX25401TEV Datasheet HTML 3Page - Infineon Technologies AG IFX25401TEV Datasheet HTML 4Page - Infineon Technologies AG IFX25401TEV Datasheet HTML 5Page - Infineon Technologies AG IFX25401TEV Datasheet HTML 6Page - Infineon Technologies AG IFX25401TEV Datasheet HTML 7Page - Infineon Technologies AG IFX25401TEV Datasheet HTML 8Page - Infineon Technologies AG IFX25401TEV Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
IFX25401
General Product Characteristics
Data Sheet
5
Rev. 1.02, 2012-08-24
3
General Product Characteristics
3.1
Absolute Maximum Ratings
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
Absolute Maximum Ratings1)
T
j = -40 °C to 150 °C; all voltages with respect to ground, (unless otherwise specified)
1) not subject to production test, specified by design
Pos.
Parameter
Symbol
Limit Values
Unit
Test Condition
Min.
Max.
Input I
3.1.1
Voltage
V
I
-42
45
V
Enable EN
3.1.2
Voltage
V
EN
-42
45
V
Voltage Adjust Input VA
3.1.3
Voltage
V
VA
-0.3
10
V
Output Q
3.1.4
Voltage
V
Q
-1
40
V
Temperature
3.1.5
Junction temperature
T
j
-40
150
°C–
3.1.6
Storage temperature
T
stg
-50
150
°C–
ESD Susceptibility
3.1.7
ESD Absorption
V
ESD,HBM
-2
2
kV
Human Body Model
(HBM)2)
2) ESD susceptibility Human Body Model “HBM” according to JESD22-A114
3.1.8
V
ESD,CDM
-500
500
V
Charge Device
Model (CDM)3)
3) ESD susceptibility Charged Device Model “CDM” according to ESDA STM5.3.1
3.1.9
-750
750
V
Charge Device
Model (CDM) at
corner pins3)


Similar Part No. - IFX25401TEV

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX25401TEV INFINEON-IFX25401TEV Datasheet
1Mb / 16P
   Low Dropout Linear Voltage Regulator
Rev. 1.01, 2009-10-19
IFX25401TEV INFINEON-IFX25401TEV Datasheet
32Kb / 1P
   Material Content Data Sheet
18. August 2015
IFX25401TEV50 INFINEON-IFX25401TEV50 Datasheet
1Mb / 16P
   Low Dropout Linear Voltage Regulator
Rev. 1.01, 2009-10-19
IFX25401TEV INFINEON-IFX25401TEV_15 Datasheet
32Kb / 1P
   Material Content Data Sheet
18. August 2015
More results

Similar Description - IFX25401TEV

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42764 INFINEON-TLE42764_11 Datasheet
1Mb / 20P
   Low Dropout Linear Voltage Regulator
Rev. 1.2, 2011-02-15
TLE42344G INFINEON-TLE42344G Datasheet
1Mb / 13P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-02-08
TLE42744 INFINEON-TLE42744 Datasheet
438Kb / 18P
   Low Dropout Linear Voltage Regulator
Rev. 1.1, January 2010
IFX2931 INFINEON-IFX2931 Datasheet
1Mb / 15P
   Low Dropout Linear Voltage Regulator
Rev. 1.12, 2010-02-23
TLS850B0TBV33 INFINEON-TLS850B0TBV33 Datasheet
901Kb / 23P
   Low dropout linear voltage regulator
Rev. 1.00 2017-09-12
TLS850F1TAV50 INFINEON-TLS850F1TAV50 Datasheet
1Mb / 35P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2016-02-04
TLS715B0 INFINEON-TLS715B0_15 Datasheet
1Mb / 20P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-03-12
TLF2931 INFINEON-TLF2931 Datasheet
1Mb / 15P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-10-06
TLS715B0EJV50 INFINEON-TLS715B0EJV50 Datasheet
1Mb / 22P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-04-02
TLS850F2TAV50 INFINEON-TLS850F2TAV50 Datasheet
1Mb / 35P
   Low Dropout Linear Voltage Regulator
Rev. 1.0 2018-09-06
logo
Analog Devices
ADP667 AD-ADP667_15 Datasheet
160Kb / 12P
   Low-Dropout Linear Voltage Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com