Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IFX21004TNV51 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IFX21004TNV51
Description  Dual Voltage Regulator with 5 V and 15 V Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX21004TNV51 Datasheet(HTML) 2 Page - Infineon Technologies AG

  IFX21004TNV51 Datasheet HTML 1Page - Infineon Technologies AG IFX21004TNV51 Datasheet HTML 2Page - Infineon Technologies AG IFX21004TNV51 Datasheet HTML 3Page - Infineon Technologies AG IFX21004TNV51 Datasheet HTML 4Page - Infineon Technologies AG IFX21004TNV51 Datasheet HTML 5Page - Infineon Technologies AG IFX21004TNV51 Datasheet HTML 6Page - Infineon Technologies AG IFX21004TNV51 Datasheet HTML 7Page - Infineon Technologies AG IFX21004TNV51 Datasheet HTML 8Page - Infineon Technologies AG IFX21004TNV51 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
PG-TO220-5
Type
Package
Marking
IFX21004TN V51
PG-TO220-5
IFX21004
Data Sheet
2
Rev. 1.00, 2010-11-04
Dual Voltage Regulator with 5 V and 15 V Outputs
IFX21004TN V51
1Overview
Features
Dual Output: 5 V and 15 V
High Input Voltage Range: up to 60 V Peak
High Output Current Capability 100 mA and 30 mA
High Output Voltage Accuracy
Very low Current Consumption
Overtemperature Shutdown
Thermal Optimized Package
Green Product (RoHS compliant)
For automotive applications please refer to the Infineon TLE- and TLF-series voltage regulators.
Description
The IFX21004TN V51 is a monolithic integrated voltage regulator providing two output voltages: Output Q1 is a 5
V output for loads up to 100 mA and output Q2 is a 15 V output providing up to 30 mA. The device is available in
the PG-TO220-5 package.
The IFX21004TN V51 is designed to supply any system that requires 5 V and 15 V. These can be for example
systems with a microcontroller (5 V) and a standard MOS-driver-IC (15 V). To fulfill also the requirements of
severe operating conditions the IFX21004TN V51 is able to operate across a wide junction temperature range of
-40 °C < Tj < 150 °C and is also equipped with additional protection functions.
Both outputs are protected against overload by an integrated output current limitation circuit. The built-in
overtemperature shutdown circuit protects the device against overheat.
The IC operates across a wide input voltage range from 20 V up to 60 V peak and up to 40V for continuous
operation. The output voltages are regulated to VQ1 = 5 V and VQ2 = 15 V. The standard PG-TO220-5 package is
especially suitable for this kind of application, as it reduces system cost and provides excellent thermal
characteristics.


Similar Part No. - IFX21004TNV51

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX21401 INFINEON-IFX21401 Datasheet
1Mb / 17P
   Low Dropout Voltage Tracking Regulator
Rev. 1.01, 2009-10-19
IFX21401MB INFINEON-IFX21401MB Datasheet
1Mb / 17P
   Low Dropout Voltage Tracking Regulator
Rev. 1.01, 2009-10-19
More results

Similar Description - IFX21004TNV51

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4484 INFINEON-TLE4484 Datasheet
136Kb / 11P
   Dual Voltage Regulator with 5 V and 15 V Outputs
Rev. 1.0 2000-08-04
logo
STMicroelectronics
STV8162 STMICROELECTRONICS-STV8162 Datasheet
870Kb / 12P
   5 V, 5 V and 8 V Triple-Voltage Regulator with Disable and Reset Functions
STV8162 STMICROELECTRONICS-STV8162_09 Datasheet
215Kb / 14P
   5 V, 5 V and 8 V triple voltage regulator with disable and reset functions
STV8164 STMICROELECTRONICS-STV8164 Datasheet
110Kb / 11P
   5 V, 5 V and Adjustable Triple-Voltage Regulator with Disable and Reset Functions
September 2003
logo
Texas Instruments
TPS65280 TI-TPS65280_15 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND
logo
Infineon Technologies A...
TLE4287G INFINEON-TLE4287G Datasheet
158Kb / 13P
   5-V Voltage Regulator
Version 1.3 2001-09-12
logo
Siemens Semiconductor G...
TLE4286G SIEMENS-TLE4286G Datasheet
42Kb / 9P
   5-V Voltage Regulator
logo
Infineon Technologies A...
TLE4285G INFINEON-TLE4285G Datasheet
201Kb / 11P
   5-V Voltage Regulator
Rev. 2.1, 2004-01-01
logo
STMicroelectronics
TDA8133 STMICROELECTRONICS-TDA8133_09 Datasheet
185Kb / 14P
   5.1 V and 8 V dual voltage regulator with disable and reset functions
TDA8133 STMICROELECTRONICS-TDA8133_03 Datasheet
133Kb / 13P
   5.1 V AND 8 V DUAL-VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com