Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFPB-1CC-2G9W Datasheet(PDF) 2 Page - Copal Electronics

Part # CFPB-1CC-2G9W
Description  Illuminated Pushbutton Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CFPB-1CC-2G9W Datasheet(HTML) 2 Page - Copal Electronics

  CFPB-1CC-2G9W Datasheet HTML 1Page - Copal Electronics CFPB-1CC-2G9W Datasheet HTML 2Page - Copal Electronics CFPB-1CC-2G9W Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
■Dimension
CFPB
2-C1.75
4-R0.8
2-C1.75
4-R0.8
14
23
6
2.2
3.6
3
12.7
2.54
2-φ1.5
4-R0.5
2.2
12
3.6
23
6.5
4-R0.5
2.2
9
12
3.6
3
23
2-φ1.5
7.62
1.27
■Pad Layouts
■Soldering SpeciÄcations
(1)flow soldrering
260℃ max., 3 ∼ 5 sec. max. (total 10 sec. max)
Pre Heating: 80 ∼ 120℃ , 120 sec. max.
No. of flows: 1 time max.
(2)Manual soldering
Device : Solder iron
380℃ Max, 3 sec Max
■Flux Cleaning
(1)The CFPB series are not washable. To wash the PC board, clean the soldering surface
of the PC board with a brush so that the switch is not exposed to the cleaning solution.
(2)Solvent : Alcohol type
■LED Drive circuit
●Case of static lighting system.
R=
E ー VF
IF
●Case of dynamic lighting system,
R=
E ー VF
IFM
7.62
1.27
1
3
4
2
□ 6㎜/9㎜ Sq.
4-φ0.8
2-φ1.6
□ 11㎜/12㎜ Sq.
12.7
2.54
4
3
2
1
2-φ1.6
4-φ0.8
□ 11mm Sq.
□ 6mm Sq
□ 9mm Sq
□ 12mm Sq.
Direction recognition mark
Direction recognition mark
Direction recognition mark
Direction recognition mark


Similar Part No. - CFPB-1CC-2G9W

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CFP COPAL-CFP Datasheet
451Kb / 5P
   PIANO SWITCHES (FULL PITCH)
CFP-0201TB COPAL-CFP-0201TB Datasheet
451Kb / 5P
   PIANO SWITCHES (FULL PITCH)
CFP-0202TB COPAL-CFP-0202TB Datasheet
451Kb / 5P
   PIANO SWITCHES (FULL PITCH)
CFP-0211TB COPAL-CFP-0211TB Datasheet
451Kb / 5P
   PIANO SWITCHES (FULL PITCH)
CFP-0212TB COPAL-CFP-0212TB Datasheet
451Kb / 5P
   PIANO SWITCHES (FULL PITCH)
More results

Similar Description - CFPB-1CC-2G9W

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
13AL COPAL-13AL Datasheet
441Kb / 2P
   Illuminated Pushbutton Switches
13BL COPAL-13BL Datasheet
477Kb / 2P
   Illuminated Pushbutton Switches
logo
E-SWITCH
D16 E-SWITCH-D16 Datasheet
721Kb / 7P
   PUSHBUTTON SWITCHES - ILLUMINATED
logo
List of Unclassifed Man...
TP1251 ETC2-TP1251 Datasheet
279Kb / 2P
   ILLUMINATED PUSHBUTTON SWITCHES
logo
Copal Electronics
LP-SERIES COPAL-LP-SERIES Datasheet
774Kb / 14P
   Illuminated Pushbutton Switches
15EL COPAL-15EL Datasheet
274Kb / 2P
   Illuminated Pushbutton Switches
15GL COPAL-15GL Datasheet
488Kb / 2P
   Illuminated Pushbutton Switches
logo
E-SWITCH
LP2 E-SWITCH-LP2 Datasheet
190Kb / 3P
   PUSHBUTTON SWITCHES - ILLUMINATED
LP15 E-SWITCH-LP15 Datasheet
174Kb / 2P
   PUSHBUTTON SWITCHES - ILLUMINATED
logo
Copal Electronics
LP_SERIES COPAL-LP_SERIES Datasheet
774Kb / 14P
   Illuminated Pushbutton Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com