Electronic Components Datasheet Search |
|
LP2W-16S-808-Z Datasheet(PDF) 1 Page - Copal Electronics |
|
LP2W-16S-808-Z Datasheet(HTML) 1 Page - Copal Electronics |
1 / 14 page LP Illuminated Pushbutton Switches RoHS Compliant ■Approvals UL File No.E43275 CSA File No.LR38341 ■ Features 1. Low ProÄle Ideal for low proÄle PC mounting or snap-in mounting with tight behind panel dimensions. 2. Full Face Illumination Bright LED provides excellent illumination 3. Two Mounting Methods PC board mount or snap-in panel mount. 4. Snap-Action Mechanism Snap-action mechanism provides tactile feel. 5. UL Recognized and CSA CertiÄed Switches are UL recognized and CSA certiÄed. ■ SpeciÄcation Rating Silver contact (Max.)3A 125V / 3A 250V / 3A DC30V (Min.)10mA 5V AC/DC Gold plated contact (Max.) 0.4VA AC/DC ・Voltage 20mA∼48V ・Current 0.1mA∼50mA (Min.)20mV 0.1mA AC/DC Initial contact resistance Silver contacts ; 50mΩ max. (1A 2∼4VDC) Gold plated contaccts ; 100mΩ max.(1.5mA 200μVAC) Dielectric strength 1,500VAC 1 minute Insulation resistance 100MΩ min. (500VDC) Contact Bounce 10 msec. max. Electrical life Silver contact 30,000 operations(3A 125VAC・3A 30VDC) 20,000 operations(3A 250VAC) Gold plated contact 50,000 operations(50mA 48V AC/DC) 200,000 operations(0.4VA AC/DC) Operating force 1 pole 1.47±0.98N 2 poles 2.26±0.98N Travel Total Travel 2.3mm Latch Position 1.5mm Operating temperature range −15∼+60℃ Storage temperature range −25∼+70℃ |
Similar Part No. - LP2W-16S-808-Z |
|
Similar Description - LP2W-16S-808-Z |