Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IFX54211MB Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IFX54211MB
Description  High PSRR Low Dropout Linear Voltage Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX54211MB Datasheet(HTML) 2 Page - Infineon Technologies AG

  IFX54211MB Datasheet HTML 1Page - Infineon Technologies AG IFX54211MB Datasheet HTML 2Page - Infineon Technologies AG IFX54211MB Datasheet HTML 3Page - Infineon Technologies AG IFX54211MB Datasheet HTML 4Page - Infineon Technologies AG IFX54211MB Datasheet HTML 5Page - Infineon Technologies AG IFX54211MB Datasheet HTML 6Page - Infineon Technologies AG IFX54211MB Datasheet HTML 7Page - Infineon Technologies AG IFX54211MB Datasheet HTML 8Page - Infineon Technologies AG IFX54211MB Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
PG-SCT595
Type
Package
Marking
IFX54211MB V33
PG-SCT595
51
Data Sheet
2
Rev. 1.0, 2015-08-26
High PSRR Low Dropout Linear Voltage Regulator
IFX54211MB V33
1Overview
Features
Output Voltage: 3.3 V
Output Voltage Accuracy of ±3 %
Output Currents up to 150 mA
Extended Input Voltage Operating Range of 2.7 V to 18 V
Enable Functionality
Low Dropout Voltage: typ. 290mV
Very Low Quiescent Current: typ. 50 µA
Very Low Shutdown Current: typ. 0.01 µA
Very High PSRR: typ. 63dB at 10 kHz
Output Current Limitation
Short Circuit protected
Overtemperature Shutdown
Wide Temperature Range From -40 °C up to 125 °C
Green Product (RoHS compliant)
Functional Description
The IFX54211MB V33 is a monolithic integrated fixed linear voltage regulator for load currents up to 150 mA. The
IC regulates an input voltage
V
IN up to 18 V to a fixed output voltage of 3.3 V with a precision of ±3 %. The
IFX54211MB V33 is especially designed for applications requiring very low standby currents, e.g. with a
permanent connection to a power supply, e.g. like a preregulating DCDC converter. Besides the very low
quiescent current the current consumption of the device remains low also for higher load currents thanks to its
PMOS powerstage. The IFX54211MB V33 combines in an ideal way a 150 mA current capability with extremely
small package outlines, low dropout capability and high Power Supply Ripple Rejection PSRR over a wide
frequency range. The component can be enabled/disabled via the Enable input. The device is available in a very
small surface mounted PG-SCT595 package and is designed for the harsh environment of industrial applications.
Therefore it is protected against overload, short circuit and overtemperature conditions by the implemented output
current limitation and the overtemperature shutdown circuit. The IFX54211MB V33 can be also used in all other
applications requiring a stabilized 3.3 V voltage.
Choosing External Components
The input capacitor
C
IN is recommended for compensating line influences. An output capacitor COUT is necessary
for the stability of the regulating circuit. One strength of the device is that stability is guaranteed already for very


Similar Part No. - IFX54211MB

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX54211MB INFINEON-IFX54211MB_V33 Datasheet
268Kb / 2P
   Sense2GoL pulse development kit
12 / 2019
More results

Similar Description - IFX54211MB

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8069 BELLING-BL8069 Datasheet
229Kb / 7P
   600mA High PSRR, Low Dropout Voltage Linear Regulator
BL8565 BELLING-BL8565 Datasheet
157Kb / 7P
   500mA High PSRR, Low Dropout Voltage Linear Regulator
logo
AiT Semiconductor Inc.
A6110 AITSEMI-A6110 Datasheet
557Kb / 13P
   LOW DROPOUT VOLTAGE REGULATOR 1A HIGH PSRR CMOS,LINEAR REGULATOR
REV1.7
logo
STMicroelectronics
LDL1117 STMICROELECTRONICS-LDL1117 Datasheet
1Mb / 23P
   1.2 A high PSRR low-dropout linear voltage regulator
Rev 6 - April 2020
logo
Eutech Microelectronics...
EUP7907 EUTECH-EUP7907 Datasheet
477Kb / 13P
   600mA High PSRR Low Dropout Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP2131 FOSLINK-FSP2131 Datasheet
718Kb / 11P
   300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
FSP2132 FOSLINK-FSP2132 Datasheet
719Kb / 11P
   300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
FSP2134 FOSLINK-FSP2134 Datasheet
714Kb / 11P
   300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
logo
Power Analog Micoelectr...
PAM3101 PAM-PAM3101_13 Datasheet
1Mb / 26P
   300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101 PAM-PAM3101 Datasheet
493Kb / 24P
   300mA High PSRR Low Dropout CMOS Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com