Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMMD7000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FMMD7000
Description  SOT23 SILICON PLANAR HIGH SPEED SWITCHING DIODE PAIR (SERIES)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FMMD7000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FMMD7000 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT23 SILICON PLANAR HIGH SPEED
SWITCHING DIODE PAIR (SERIES)
ISSUE 2 - OCTOBER 1995
PARTMARKING DETAIL – 5C
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Breakdown Voltage Voltage (IR=100µA)
V(BR)
70
V
Peak Forward Current
IF
200
mA
Peak Forward Surge Current
IFM
500
mA
Power Dissipation at Tamb = 25°C
Ptot
330
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN.
MAX.
UNIT CONDITIONS.
Breakdown Voltage
V(BR)
100
V
IR=10µA
Forward Voltage
VF
0.5
0.8
0.7
1.1
V
V
IF=1mA
IF=100mA
Reverse Current
IR
0.3
µ
A
VR=50V
Recovery Time*
trr
15
ns
IF= IR=10mA, IR(REC)
=1.0mA
Diode Capacitance
Cd
2.5
pF
VR=0, f=1MHz
Spice parameter data is available upon request for this device
SOT23
FMMD7000
DIODE PIN CONNECTION
1
2
3
1
3
2
PAGE NUMBER
PAGE NUMBER
FMMD7000


Similar Part No. - FMMD7000

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMD7000 ZETEX-FMMD7000 Datasheet
31Kb / 1P
   SOT23 SILICON PLANAR HIGH SPEED SWITCHING DIODE PAIR (SERIES)
More results

Similar Description - FMMD7000

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMD7000 ZETEX-FMMD7000 Datasheet
31Kb / 1P
   SOT23 SILICON PLANAR HIGH SPEED SWITCHING DIODE PAIR (SERIES)
BAV99 ZETEX-BAV99 Datasheet
38Kb / 2P
   SOT23 SILICON PLANAR HIGH SPEED SWITCHING SERIES DIODE PAIR
FMMD6100 ZETEX-FMMD6100 Datasheet
98Kb / 2P
   SOT23 SILICON PLANAR HIGH SPEED SWITCHING COMMON CATHODE DIODE PAIR
FMMD2837 ZETEX-FMMD2837 Datasheet
98Kb / 2P
   SOT23 SILICON PLANAR HIGH SPEED SWITCHING COMMON CATHODE DIODE PAIR
BAW56 ZETEX-BAW56 Datasheet
32Kb / 1P
   SOT23 SILICON PLANAR HIGH SPEED SWITCHING DIODE PAIR COMMON ANODE
FMMD2835 ZETEX-FMMD2835 Datasheet
186Kb / 2P
   SOT23 SILICON PLANAR HIGH SPEED SWITCHING COMMON ANODE DIODE PAIR
FMMD2838 ZETEX-FMMD2838 Datasheet
98Kb / 2P
   SOT23 SILICON PLANAR HIGH SPEED SWITCHING COMMON CATHODE DIODE PAIR
FMMD914 ZETEX-FMMD914 Datasheet
28Kb / 1P
   SOT23 SILICON PLANAR HIGH SPEED SWITCHING DIODE
FMMD6050 ZETEX-FMMD6050 Datasheet
27Kb / 1P
   SOT23 SILICON PLANAR HIGH SPEED SWITCHING DIODE
BAL99 ZETEX-BAL99 Datasheet
34Kb / 1P
   SOT23 SILICON PLANAR HIGH SPEED SWITCHING DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com