Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM120 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. LM120
Description  Series 3-Terminal Negative Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM120 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM120 Datasheet HTML 2Page - National Semiconductor (TI) LM120 Datasheet HTML 3Page - National Semiconductor (TI) LM120 Datasheet HTML 4Page - National Semiconductor (TI) LM120 Datasheet HTML 5Page - National Semiconductor (TI) LM120 Datasheet HTML 6Page - National Semiconductor (TI) LM120 Datasheet HTML 7Page - National Semiconductor (TI) LM120 Datasheet HTML 8Page - National Semiconductor (TI) LM120 Datasheet HTML 9Page - National Semiconductor (TI) LM120 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Typical Performance Characteristics (Continued)
Dissipation (TO-5)
Maximum Average Power
Dissipation (TO-202)
Maximum Average Power
Dissipation (TO-220)
Maximum Average Power
Short Circuit Current
TLH7767 – 5
Typical Applications (Continued)
High Stability 1 Amp Regulator
TLH7767 – 6
Lead and line regulation
001% temperature stability
02%
Determines Zener current
Solid tantalum
An LM120-12 or LM120-15 may be used to permit higher input voltages but the regulated output voltage must be at least b15V when using the LM120-12 and
b
18V for the LM120-15
Select resistors to set output voltage 2 ppm C tracking suggested
6


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LM79L00 LM79L00 Series 3-Terminal Negative Output voltage Regulators 1  2  3  4  5  More First Components International
LM7905C LM79XX Series 3-Terminal Negative Regulators 1  2  3  4  5  More National Semiconductor (TI)
LM79XX LM79XX Series 3-Terminal Negative Regulators 1  2  3  4  5  More National Semiconductor (TI)
MC79XX 3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS 1  2  3  4  5  More Fairchild Semiconductor
LM7800C Series 3-Terminal Positive Regulators 1  2  3  4  5  More National Semiconductor (TI)
LM137 3-Terminal Adjustable Negative Regulators 1  2  3  4  5  More National Semiconductor (TI)
LM78L00 LM78L00 Series 3-Terminal Positive Voltage Regulators 1  2  3  4  5  More National Semiconductor (TI)
LM137HV 3-Terminal Adjustable Negative Regulators High Voltage 1  2  3  4  5  More National Semiconductor (TI)
LM79LXXA 3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATORS 1  2  3  4  5  More Boca Semiconductor Corporation
MC78LXXA 3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATORS 1  2  3  4  5  More Boca Semiconductor Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn